Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AMC3100-1.5DBFT Fiches technique(PDF) 6 Page - ADDtek Corp

No de pièce AMC3100-1.5DBFT
Description  1.5MHz, 600mA SYNCHRONOUS STEP-DOWN CONVERTER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ADDTEK [ADDtek Corp]
Site Internet  https://www.addmtek.com
Logo ADDTEK - ADDtek Corp

AMC3100-1.5DBFT Fiches technique(HTML) 6 Page - ADDtek Corp

Back Button AMC3100-1.5DBFT Datasheet HTML 2Page - ADDtek Corp AMC3100-1.5DBFT Datasheet HTML 3Page - ADDtek Corp AMC3100-1.5DBFT Datasheet HTML 4Page - ADDtek Corp AMC3100-1.5DBFT Datasheet HTML 5Page - ADDtek Corp AMC3100-1.5DBFT Datasheet HTML 6Page - ADDtek Corp AMC3100-1.5DBFT Datasheet HTML 7Page - ADDtek Corp AMC3100-1.5DBFT Datasheet HTML 8Page - ADDtek Corp AMC3100-1.5DBFT Datasheet HTML 9Page - ADDtek Corp AMC3100-1.5DBFT Datasheet HTML 10Page - ADDtek Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
AMC3100
Copyright
© 2006 ADDtek Corp.
6
DD010_A -- JUNE 2006
Dynam ic Supply Current vs
Supply Voltage
200
220
240
260
280
300
320
340
360
380
23
4
5
6
Supply Voltage ( V )
V
OUT=1.5V
I
LOAD=0mA
TA=25°C
Dynam ic Supply Current vs
Tem perature
200
220
240
260
280
300
320
340
360
380
-50 -25 0 25 50 75 100 125 150
Temperature ( °C )
V
IN=3.6V
V
OUT=1.5V
I
LOAD=0mA
Sw itch Leakage vs
Tem perature
0
2
4
6
8
10
-50 -25
0
25 50 75 100 125 150
Temperature ( °C )
V
RUN=0V
V
IN=5V
v
SW=5V
v
SW=0V
Line Regulation
1.2
1.3
1.4
1.5
1.6
1.7
1.8
0
1
2
3
456
Input Voltage ( V )
V
OUT=1.5V
TA=25°C
Transient vs Output Current
0
5
10
15
20
25
30
35
40
0 100 200 300 400 500 600 700 800
Output Current ( mA )
V
OUT=1.5V
TA=25°C
Reference Voltage vs
Tem perature
0.5
0.52
0.54
0.56
0.58
0.6
0.62
0.64
0.66
0.68
0.7
-50 -25 0
25 50 75 100 125 150
Temperature (°C )
V
IN=3.6V
I
LOAD=100mA
SW
2V/DIV
VOUT
10mV/DIV
AC Coupled
IL
200mA/DIV
Discontinuous Operation
RUN
5V/DIV
IL
500mA/DIV
VOUT
1V/DIV
40us/DIV
Start-up from Shutdown
Load Step
VIN =3.6V
20us/DIV
VOUT =1.5V
ILOAD=0mA to 600mA
VOUT
100mV/DIV
IL
500mA/DIV
ILOAD
500mA/DIV


Numéro de pièce similaire - AMC3100-1.5DBFT

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
AMC317 ETC-AMC317 Datasheet
189Kb / 6P
   1.5A / 3- TERMINAL ADJUSTABLE REGULATOR
logo
ADDtek Corp
AMC317 ADDTEK-AMC317 Datasheet
106Kb / 7P
   1.2A / 3-TERMINAL ADJUSTABLE REGULATOR
MARCH 2007
AMC317SJ ADDTEK-AMC317SJ Datasheet
106Kb / 7P
   1.2A / 3-TERMINAL ADJUSTABLE REGULATOR
MARCH 2007
AMC317SJF ADDTEK-AMC317SJF Datasheet
106Kb / 7P
   1.2A / 3-TERMINAL ADJUSTABLE REGULATOR
MARCH 2007
AMC317SK ADDTEK-AMC317SK Datasheet
106Kb / 7P
   1.2A / 3-TERMINAL ADJUSTABLE REGULATOR
MARCH 2007
More results

Description similaire - AMC3100-1.5DBFT

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
FT440 ETC2-FT440 Datasheet
245Kb / 10P
   1.5MHz, 600mA Synchronous Step-Down Converter
logo
Eorex Corporation
EP3001 EOREX-EP3001 Datasheet
253Kb / 10P
   1.5MHz, 600mA Synchronous Step-down Converter
logo
YOBON TECHNOLOGIES,INC.
YB1680 YOBON-YB1680 Datasheet
862Kb / 10P
   1.5MHz, 600mA Synchronous Step-Down Converter
logo
Advanced Power Electron...
APE1501 A-POWER-APE1501 Datasheet
728Kb / 10P
   1.5MHz, 600mA Synchronous Step-Down Converter
logo
Eorex Corporation
EP3001 EOREX-EP3001_15 Datasheet
259Kb / 10P
   1.5MHz, 600mA Synchronous Step-down Converter
logo
SHOUDING Shouding Semic...
SD8906A SHOUDING-SD8906A Datasheet
1Mb / 7P
   600mA, 1.5MHz Synchronous Step-Down Converter
logo
Exar Corporation
SP6669 EXAR-SP6669 Datasheet
745Kb / 10P
   1.5MHZ, 600mA SYNCHRONOUS STEP DOWN CONVERTER
logo
Eutech Microelectronics...
EUP3406 EUTECH-EUP3406 Datasheet
730Kb / 11P
   1.5MHz, 600mA Synchronous Step-Down Converter
logo
Exar Corporation
SP6669 EXAR-SP6669_12 Datasheet
466Kb / 11P
   600mA 1.5MHz Synchronous Step Down Converter
logo
Leshan Radio Company
LR8509 LRC-LR8509 Datasheet
468Kb / 10P
   1.5MHz 600mA Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com