Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AMC3202DMF Fiches technique(PDF) 10 Page - ADDtek Corp

No de pièce AMC3202DMF
Description  1.5A 280kHz BOOST REGULATORS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ADDTEK [ADDtek Corp]
Site Internet  https://www.addmtek.com
Logo ADDTEK - ADDtek Corp

AMC3202DMF Fiches technique(HTML) 10 Page - ADDtek Corp

Back Button AMC3202DMF Datasheet HTML 3Page - ADDtek Corp AMC3202DMF Datasheet HTML 4Page - ADDtek Corp AMC3202DMF Datasheet HTML 5Page - ADDtek Corp AMC3202DMF Datasheet HTML 6Page - ADDtek Corp AMC3202DMF Datasheet HTML 7Page - ADDtek Corp AMC3202DMF Datasheet HTML 8Page - ADDtek Corp AMC3202DMF Datasheet HTML 9Page - ADDtek Corp AMC3202DMF Datasheet HTML 10Page - ADDtek Corp AMC3202DMF Datasheet HTML 11Page - ADDtek Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
AMC3202
Copyright
© 2006 ADDtek Corp.
10
DD074_B -- AUGUST 2006
PACKAGE
8-Pin Plastic S.O.I.C.
SYMBOLS
MIN.
MAX.
A
0.053
0.069
A1
0.002
0.006
A2
-
0.059
D
0.189
0.196
E
0.150
0.157
H
0.228
0.244
L
0.016
0.050
θ°
0
8
UNIT: INCH
THERMALLY ENHANCED DIMENSIONS
PAD SIZE
E1
D1
90X90E
0.081 REF
0.081 REF
95X13E
0.086 REF
0.117 REF
UNIT: INCH
NOTES:
1. JEDEC OUTLINE. N/A
2. DIMENSIONS “D” DOES NOT INCLUDE MOLD
FLASH, PROTRUSIONS OR GATE BURRS.
MOLD FLASH, PROTRUSIONS AND GATE
BURRS SHALL NOT EXCEED 15mm (.005in) PER
SIDE.
3. DIMENSIONS “E” DOES NOT INCLUDE
INTER-LEAD FLASH, OR PROTRUSIONS.
INTER-LEAD FLASH AND PROTRUSIONS
SHALL NOT EXCEED .25mm (.010in) PER SIDE.


Numéro de pièce similaire - AMC3202DMF

FabricantNo de pièceFiches techniqueDescription
logo
Tiger Electronic Co.,Lt...
AMC3202DMF TGS-AMC3202DMF Datasheet
349Kb / 6P
   1.5A 280kHz Boost Regulators
More results

Description similaire - AMC3202DMF

FabricantNo de pièceFiches techniqueDescription
logo
Tiger Electronic Co.,Lt...
AMC3202DMF TGS-AMC3202DMF Datasheet
349Kb / 6P
   1.5A 280kHz Boost Regulators
logo
HTC Korea TAEJIN Techno...
LM5171 HTC-LM5171 Datasheet
587Kb / 19P
   1.5A, 280kHz, Boost Regulator
logo
Gamma Microelectronics ...
GM3255 GAMMA-GM3255 Datasheet
543Kb / 19P
   1.5A 280kHz DC-DC CONVERTOR BOOST REGULATOR
logo
Unisonic Technologies
L1119 UTC-L1119_12 Datasheet
168Kb / 4P
   1.5A LOW DROPOUT REGULATORS
L1119 UTC-L1119 Datasheet
165Kb / 7P
   1.5A LOW DROPOUT REGULATORS
L1119 UTC-L1119_10 Datasheet
170Kb / 5P
   1.5A LOW DROPOUT REGULATORS
logo
First Components Intern...
FC3255 FCI-FC3255 Datasheet
2Mb / 18P
   1.5A PWM Switching Regulators
logo
Diodes Incorporated
ZXLD1374 DIODES-ZXLD1374_11 Datasheet
844Kb / 37P
   60V HIGH ACCURACY 1.5A BUCK/BOOST/BUCK-BOOST
logo
Alpha & Omega Semicondu...
AOZ1915 AOSMD-AOZ1915 Datasheet
608Kb / 14P
   1.5A General Purpose Boost Regulator
logo
Microsemi Corporation
LX8386X-XX MICROSEMI-LX8386X-XX Datasheet
283Kb / 11P
   1.5A Low Dropout Positive Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com