Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AMC2596-5.0 Fiches technique(PDF) 3 Page - ADDtek Corp

No de pièce AMC2596-5.0
Description  150 KHz, 3A STEP DOWN VOLTAGE REGULATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ADDTEK [ADDtek Corp]
Site Internet  https://www.addmtek.com
Logo ADDTEK - ADDtek Corp

AMC2596-5.0 Fiches technique(HTML) 3 Page - ADDtek Corp

  AMC2596-5.0 Datasheet HTML 1Page - ADDtek Corp AMC2596-5.0 Datasheet HTML 2Page - ADDtek Corp AMC2596-5.0 Datasheet HTML 3Page - ADDtek Corp AMC2596-5.0 Datasheet HTML 4Page - ADDtek Corp AMC2596-5.0 Datasheet HTML 5Page - ADDtek Corp AMC2596-5.0 Datasheet HTML 6Page - ADDtek Corp AMC2596-5.0 Datasheet HTML 7Page - ADDtek Corp AMC2596-5.0 Datasheet HTML 8Page - ADDtek Corp AMC2596-5.0 Datasheet HTML 9Page - ADDtek Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AMC2596
Copyright
© 2006 ADDtek Corp.
3
DD008_A -- JUNE 2006
THERMAL DATA
P, PB, DD PACKAGE:
Thermal Resistance-Junction to Tab,
θJT
3.0°C /W
Thermal Resistance-Junction to Ambient,
θJA
45°C /W
Junction Temperature Calculation: TJ = TA+ (PD × θ JA). The θJA numbers are guidelines for the thermal performance of the device/pc-board
system. All of the above assume no ambient airflow.
BLOCK DIAGRAM
VIN
1
2
4
3
5
FB
GND
VOUT
Regulator
With
Enable
Comparator
150KHz
Oscillator
Driver
Thermal Shutdown
&
Current Limit
ENABLE
Reset
1.23V
Reference
R1*
R2*
Error
Amplifier
VOUT = 3.3V
: R2/R1 = 1.7
VOUT = 5.0V
: R2/R1 = 3.1
VOUT = Adjustable : R2 = 0, R1 = Open


Numéro de pièce similaire - AMC2596-5.0

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
AMC2596-5.0 ETC1-AMC2596-5.0 Datasheet
540Kb / 12P
   150 KHz, 3A STEP DOWN VOLTAGE REGULATOR
More results

Description similaire - AMC2596-5.0

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
AMC2596 ETC1-AMC2596 Datasheet
540Kb / 12P
   150 KHz, 3A STEP DOWN VOLTAGE REGULATOR
N2596G ETC2-N2596G Datasheet
57Kb / 5P
   150 KHz 3A Step-Down Switching Voltage Regulator (SVR)
N2596G-5 ETC2-N2596G-5 Datasheet
135Kb / 5P
   150 KHz 3A Step-Down Switching Voltage Regulator (SVR)-Preliminary
logo
National Semiconductor ...
LM2596 NSC-LM2596 Datasheet
736Kb / 31P
   SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
LM2596SX-ADJ NSC-LM2596SX-ADJ Datasheet
736Kb / 31P
   SIMPLE SWITCHER짰 Power Converter 150 kHz 3A Step-Down Voltage Regulator
logo
Texas Instruments
LM2596SX-5.0 TI1-LM2596SX-5.0 Datasheet
4Mb / 42P
[Old version datasheet]   LM2596 SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
logo
Eorex Corporation
EP3101 EOREX-EP3101 Datasheet
382Kb / 13P
   150 KHz, 3A Asynchronous Step-down Converter
logo
Texas Instruments
LM2596S-3.3 TI1-LM2596S-3.3 Datasheet
4Mb / 42P
[Old version datasheet]   LM2596 SIMPLE SWITCHER짰 Power Converter 150 kHz 3A Step-Down Voltage Regulator
LM2599SX-50 TI1-LM2599SX-50 Datasheet
2Mb / 44P
[Old version datasheet]   LM2599 SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
logo
Eorex Corporation
EP3101 EOREX-EP3101_15 Datasheet
435Kb / 13P
   150 KHz, 3A Asynchronous Step-down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com