Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AMC2576-ADJ Fiches technique(PDF) 6 Page - ADDtek Corp

No de pièce AMC2576-ADJ
Description  3A STEP DOWN VOLTAGE REGULATOR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ADDTEK [ADDtek Corp]
Site Internet  https://www.addmtek.com
Logo ADDTEK - ADDtek Corp

AMC2576-ADJ Fiches technique(HTML) 6 Page - ADDtek Corp

Back Button AMC2576-ADJ Datasheet HTML 2Page - ADDtek Corp AMC2576-ADJ Datasheet HTML 3Page - ADDtek Corp AMC2576-ADJ Datasheet HTML 4Page - ADDtek Corp AMC2576-ADJ Datasheet HTML 5Page - ADDtek Corp AMC2576-ADJ Datasheet HTML 6Page - ADDtek Corp AMC2576-ADJ Datasheet HTML 7Page - ADDtek Corp AMC2576-ADJ Datasheet HTML 8Page - ADDtek Corp AMC2576-ADJ Datasheet HTML 9Page - ADDtek Corp AMC2576-ADJ Datasheet HTML 10Page - ADDtek Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
AMC2576
Copyright
© 2006 ADDtek Corp.
6
DD007_E
--
DECEMBER 2006
CHARACTERIZATION CURVES
Test circuits of Figure 1 and 2, TJ =25°C, unless otherwise specified.
7.00
7.20
7.40
7.60
7.80
8.00
8.20
8.40
8.60
-40 -20
0
20
40
60
80
100 120
TJ (
°C)
Current limit vs. temperature
VIN = 25V
0.00
0.30
0.60
0.90
1.20
1.50
1.80
2.10
-40
-20
0
20
40
60
80
100 120
Dropout voltage vs. temperature
TJ (
°C)
ILOAD=0. 5A
ILOAD=3A
0
20
40
60
80
100
120
140
160
180
-40
-20
0
20
40
60
80
100 120
TJ (
°C)
Standby current vs. temperature
VIN =12V
VIN =40V
4.80
4.82
4.84
4.86
4.88
4.90
4.92
4.94
4.96
4.98
5.00
5.02
5.04
5.06
5.08
5.10
0
5
10
15
20
25
30
35
40
Line regulation
VIN(V)
ILOAD=0.5A
ILOAD=3A
VOUT=5V
Output voltage vs. temperature
4.90
4.92
4.94
4.96
4.98
5.00
-40
-20
0
20
40
60
80
100 120
TJ (°C)
VIN = 12V,
VOUT = 5V
ILOAD = 0.5A
0.0
5.0
10.0
15.0
20.0
25.0
30.0
0
10203040
Quiescent current vs. input voltage
Input Voltage(V)
ILOAD=200mA
ILOAD=3A
VOUT = 5V


Numéro de pièce similaire - AMC2576-ADJ

FabricantNo de pièceFiches techniqueDescription
logo
Ohmite Mfg. Co.
AMC2512 OHMITE-AMC2512 Datasheet
550Kb / 3P
   Thick Film Automotive Grade Chips
logo
List of Unclassifed Man...
AMC2596 ETC1-AMC2596 Datasheet
540Kb / 12P
   150 KHz, 3A STEP DOWN VOLTAGE REGULATOR
logo
ADDtek Corp
AMC2596 ADDTEK-AMC2596 Datasheet
263Kb / 12P
   150 KHz, 3A STEP DOWN VOLTAGE REGULATOR
JUNE 2006
logo
List of Unclassifed Man...
AMC2596-3.3 ETC1-AMC2596-3.3 Datasheet
540Kb / 12P
   150 KHz, 3A STEP DOWN VOLTAGE REGULATOR
logo
ADDtek Corp
AMC2596-3.3 ADDTEK-AMC2596-3.3 Datasheet
263Kb / 12P
   150 KHz, 3A STEP DOWN VOLTAGE REGULATOR
JUNE 2006
More results

Description similaire - AMC2576-ADJ

FabricantNo de pièceFiches techniqueDescription
logo
ARTSCHIP ELECTRONICS CO...
LM2596 ARTSCHIP-LM2596 Datasheet
741Kb / 29P
   3A Step-Down Voltage Regulator
logo
List of Unclassifed Man...
GM7230 ETC2-GM7230 Datasheet
164Kb / 12P
   3A STEP-DOWN VOLTAGE REGULATOR
logo
Tiger Electronic Co.,Lt...
LM2576BM TGS-LM2576BM Datasheet
1Mb / 9P
   3A Step-Down Voltage Regulator
logo
Champion Microelectroni...
CM2596S CHAMP-CM2596S_06 Datasheet
434Kb / 13P
   3A STEP DOWN VOLTAGE REGULATOR
logo
List of Unclassifed Man...
CM2596 ETC-CM2596 Datasheet
482Kb / 12P
   3A STEP DOWN VOLTAGE REGULATOR
logo
Gamma Microelectronics ...
GM7230 GAMMA-GM7230 Datasheet
204Kb / 13P
   3A STEP-DOWN VOLTAGE REGULATOR
logo
Guangdong Youtai Semico...
LM2596 UMW-LM2596 Datasheet
3Mb / 17P
   3A Step-Down Voltage Regulator
logo
Champion Microelectroni...
CM2576 CHAMP-CM2576 Datasheet
313Kb / 12P
   3A STEP DOWN VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS2576 TSC-TS2576 Datasheet
141Kb / 7P
   3A Step Down Switching Voltage Regulator
logo
Unisonic Technologies
P2576_1109 UTC-P2576_1109 Datasheet
293Kb / 8P
   3A STEP-DOWN VOLTAGE SWITCHING REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com