Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AMC2576-5.0 Fiches technique(PDF) 7 Page - ADDtek Corp

No de pièce AMC2576-5.0
Description  3A STEP DOWN VOLTAGE REGULATOR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ADDTEK [ADDtek Corp]
Site Internet  https://www.addmtek.com
Logo ADDTEK - ADDtek Corp

AMC2576-5.0 Fiches technique(HTML) 7 Page - ADDtek Corp

Back Button AMC2576-5.0 Datasheet HTML 3Page - ADDtek Corp AMC2576-5.0 Datasheet HTML 4Page - ADDtek Corp AMC2576-5.0 Datasheet HTML 5Page - ADDtek Corp AMC2576-5.0 Datasheet HTML 6Page - ADDtek Corp AMC2576-5.0 Datasheet HTML 7Page - ADDtek Corp AMC2576-5.0 Datasheet HTML 8Page - ADDtek Corp AMC2576-5.0 Datasheet HTML 9Page - ADDtek Corp AMC2576-5.0 Datasheet HTML 10Page - ADDtek Corp AMC2576-5.0 Datasheet HTML 11Page - ADDtek Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
AMC2576
Copyright
© 2006 ADDtek Corp.
7
DD007_E
--
DECEMBER 2006
CHARACTERIZATION CURVES (continued)
Test circuits of Figure 1 and 2, TJ =25°C, unless otherwise specified.
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
1.60
00.5
11.522.5
3
Saturation voltage vs. load current
ILOAD (A)
TJ = 25°C
TJ =125°C
Load transient response
VOUT
0.5A
3A
5V
Time:100µs/ Div
ILOAD


Numéro de pièce similaire - AMC2576-5.0

FabricantNo de pièceFiches techniqueDescription
logo
Ohmite Mfg. Co.
AMC2512 OHMITE-AMC2512 Datasheet
550Kb / 3P
   Thick Film Automotive Grade Chips
logo
List of Unclassifed Man...
AMC2596 ETC1-AMC2596 Datasheet
540Kb / 12P
   150 KHz, 3A STEP DOWN VOLTAGE REGULATOR
logo
ADDtek Corp
AMC2596 ADDTEK-AMC2596 Datasheet
263Kb / 12P
   150 KHz, 3A STEP DOWN VOLTAGE REGULATOR
JUNE 2006
logo
List of Unclassifed Man...
AMC2596-3.3 ETC1-AMC2596-3.3 Datasheet
540Kb / 12P
   150 KHz, 3A STEP DOWN VOLTAGE REGULATOR
logo
ADDtek Corp
AMC2596-3.3 ADDTEK-AMC2596-3.3 Datasheet
263Kb / 12P
   150 KHz, 3A STEP DOWN VOLTAGE REGULATOR
JUNE 2006
More results

Description similaire - AMC2576-5.0

FabricantNo de pièceFiches techniqueDescription
logo
ARTSCHIP ELECTRONICS CO...
LM2596 ARTSCHIP-LM2596 Datasheet
741Kb / 29P
   3A Step-Down Voltage Regulator
logo
List of Unclassifed Man...
GM7230 ETC2-GM7230 Datasheet
164Kb / 12P
   3A STEP-DOWN VOLTAGE REGULATOR
logo
Tiger Electronic Co.,Lt...
LM2576BM TGS-LM2576BM Datasheet
1Mb / 9P
   3A Step-Down Voltage Regulator
logo
Champion Microelectroni...
CM2596S CHAMP-CM2596S_06 Datasheet
434Kb / 13P
   3A STEP DOWN VOLTAGE REGULATOR
logo
List of Unclassifed Man...
CM2596 ETC-CM2596 Datasheet
482Kb / 12P
   3A STEP DOWN VOLTAGE REGULATOR
logo
Gamma Microelectronics ...
GM7230 GAMMA-GM7230 Datasheet
204Kb / 13P
   3A STEP-DOWN VOLTAGE REGULATOR
logo
Guangdong Youtai Semico...
LM2596 UMW-LM2596 Datasheet
3Mb / 17P
   3A Step-Down Voltage Regulator
logo
Champion Microelectroni...
CM2576 CHAMP-CM2576 Datasheet
313Kb / 12P
   3A STEP DOWN VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS2576 TSC-TS2576 Datasheet
141Kb / 7P
   3A Step Down Switching Voltage Regulator
logo
Unisonic Technologies
P2576_1109 UTC-P2576_1109 Datasheet
293Kb / 8P
   3A STEP-DOWN VOLTAGE SWITCHING REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com