Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74LS221NSRG4 Fiches technique(PDF) 11 Page - Texas Instruments

No de pièce SN74LS221NSRG4
Description  DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SN74LS221NSRG4 Fiches technique(HTML) 11 Page - Texas Instruments

Back Button SN74LS221NSRG4 Datasheet HTML 7Page - Texas Instruments SN74LS221NSRG4 Datasheet HTML 8Page - Texas Instruments SN74LS221NSRG4 Datasheet HTML 9Page - Texas Instruments SN74LS221NSRG4 Datasheet HTML 10Page - Texas Instruments SN74LS221NSRG4 Datasheet HTML 11Page - Texas Instruments SN74LS221NSRG4 Datasheet HTML 12Page - Texas Instruments SN74LS221NSRG4 Datasheet HTML 13Page - Texas Instruments SN74LS221NSRG4 Datasheet HTML 14Page - Texas Instruments SN74LS221NSRG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
SN54221, SN54LS221, SN74221, SN74LS221
DUAL MONOSTABLE MULTIVIBRATORS
WITH SCHMITT TRIGGER INPUTS
SDLS213B − DECEMBER 1983 − REVISED NOVEMBER 2004
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
B†
CLR
Q
3 V
3 V
0 V
0 V
VOH
VOL
≥ 50 ns
CONDITION 4: TRIGGERING FROM POSITIVE TRANSITION OF CLR
≥ 50 ns
A‡
CLR
Q
Q
3 V
3 V
0 V
0 V
VOH
VOH
VOL
VOL
tw
≥ 60 ns
tPLH
tPHL
tPHL
tPLH
CONDITION 5: TRIGGER FROM A, THEN CLR
A‡
Q
Q
3 V
0 V
VOH
VOH
VOL
VOL
tw
CONDITION 6: TRIGGER FROM A
tw
† A is low.
‡ B and CLR are high.
NOTES: A. Input pulses are supplied by generators having the following characteristics: PRR
≤ 1 MHz, ZO ≈ 50Ω; for SN54/74221, tr ≤ 7 ns,
tf ≤ 7 ns, for SN54/74LS221, tr ≤ 15 ns, tf ≤ 6 ns.
B. All measurements are made between the 1.5-V points of the indicated transitions for the SN54/74221 or between the 1.3-V points
for the SN54/74LS221.
Figure 1. Switching Characteristics (Continued)


Numéro de pièce similaire - SN74LS221NSRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74LS221NSRG4 TI1-SN74LS221NSRG4 Datasheet
963Kb / 27P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUT
SN74LS221NSRG4 TI-SN74LS221NSRG4 Datasheet
963Kb / 27P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
More results

Description similaire - SN74LS221NSRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN54LV221A TI-SN54LV221A_08 Datasheet
718Kb / 23P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
logo
Motorola, Inc
SN54LS221 MOTOROLA-SN54LS221 Datasheet
193Kb / 7P
   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
logo
Texas Instruments
SN74221J TI-SN74221J Datasheet
963Kb / 27P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN54221 TI-SN54221 Datasheet
208Kb / 23P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN54LV221A TI-SN54LV221A Datasheet
443Kb / 19P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN54LV221A TI-SN54LV221A_07 Datasheet
577Kb / 22P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN74LV221A TI-SN74LV221A Datasheet
436Kb / 19P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT TRIGGER INPUTS
SN54121 TI-SN54121 Datasheet
670Kb / 15P
[Old version datasheet]   MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN54121 TI-SN54121_07 Datasheet
737Kb / 18P
[Old version datasheet]   MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN54LV123A TI-SN54LV123A_10 Datasheet
861Kb / 27P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com