Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS29150CM Fiches technique(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

No de pièce TS29150CM
Description  1.5A Ultra Low Dropout Fixed Positive Voltage Regulator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TSC [Taiwan Semiconductor Company, Ltd]
Site Internet  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS29150CM Fiches technique(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  TS29150CM Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS29150CM Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS29150CM Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS29150CM Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS29150CM Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TS29150
4-4
2003/12 rev. C
Application Information (continues)
Using the calculated values for TR(max) and PD, the
maximum allowable value for the junction to ambient
thermal resistance, θja, can now be found:
θja = TR(max) / PD
IMPORTANT: if the maximum allowable value for is
found to be ≥60
oC/W for the TO-220 package, ≥80
oC/W for the TO-263 package, no heatsink is needed
since the package alone will dissipate enough heat to
satisfy these requirements. If the calculated value for
θja falls below these limits, a heatsink is required.


Numéro de pièce similaire - TS29150CM

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
TS29150CM ETC1-TS29150CM Datasheet
124Kb / 5P
   1.5A Ultra Low Dropout Fixed Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS29150CM TSC-TS29150CM Datasheet
468Kb / 11P
   1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
More results

Description similaire - TS29150CM

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
TS29150 ETC1-TS29150 Datasheet
124Kb / 5P
   1.5A Ultra Low Dropout Fixed Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS39150 TSC-TS39150 Datasheet
116Kb / 5P
   1.5A Ultra Low Dropout Fixed Positive Voltage Regulator
TS39151 TSC-TS39151 Datasheet
147Kb / 7P
   1.5A Ultra Low Dropout Positive Voltage Regulator
logo
International Rectifier
IRU1015-33CD IRF-IRU1015-33CD Datasheet
58Kb / 8P
   1.5A LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR
IRU1015-33 IRF-IRU1015-33 Datasheet
85Kb / 4P
   1.5A LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR
logo
Anachip Corp
AP033 ANACHIP-AP033 Datasheet
137Kb / 5P
   1.5A Low Dropout Positive Fixed-Mode Regulator
AP1186 ANACHIP-AP1186 Datasheet
191Kb / 8P
   1.5A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
logo
Diodes Incorporated
AP1186 DIODES-AP1186 Datasheet
269Kb / 9P
   1.5A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1186 Rev. 1
logo
E-Tech Electronics LTD
G5E1286 ETL-G5E1286 Datasheet
301Kb / 4P
   1.5A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
logo
Advanced Power Electron...
APE1186 A-POWER-APE1186 Datasheet
478Kb / 9P
   1.5A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com