Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS5204CX Fiches technique(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

No de pièce TS5204CX
Description  150mA Low Noise LDO Voltage Regulator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TSC [Taiwan Semiconductor Company, Ltd]
Site Internet  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS5204CX Fiches technique(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  TS5204CX Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS5204CX Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS5204CX Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS5204CX Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
TS5204 series
4-4
2004/09 rev. D
SOT-89 Mechanical Drawing
SOT-89 DIMENSION
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX
A
4.40
4.60
0.173
0.181
B
1.50
1.7
0.059
0.070
C
2.30
2.60
0.090
0.102
D
0.40
0.52
0.016
0.020
E
1.50
1.50
0.059
0.059
F
3.00
3.00
0.118
0.118
G
0.89
1.20
0.035
0.047
H
4.05
4.25
0.159
0.167
I
1.4
1.6
0.055
0.068
J
0.35
0.44
0.014
0.017
SOT-23 Mechanical Drawing
B
A
C
D
E
F
G
B
A
C
D
E
F
G
SOT-23 DIMENSION
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX
A
2.88
2.91
0.113
0.115
B
0.39
0.42
0.015
0.017
C
1.78
2.03
0.070
0.080
D
0.51
0.61
0.020
0.024
E
1.59
1.66
0.063
0.065
F
1.04
1.08
0.041
0.043
G
0.07
0.09
0.003
0.004
H
F
E
B
A
G
C
D
H
F
E
B
A
G
J
I
C
D


Numéro de pièce similaire - TS5204CX

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Semiconductor Co...
TS5204CX TSC-TS5204CX Datasheet
141Kb / 4P
   150mA Low Noise LDO Voltage Regulator
TS5204CX TSC-TS5204CX Datasheet
141Kb / 4P
   150mA Low Noise LDO Voltage Regulator
TS5204CX TSC-TS5204CX Datasheet
264Kb / 6P
   150mA Low Noise LDO Voltage Regulator
TS5204CX1.8 TSC-TS5204CX1.8 Datasheet
141Kb / 4P
   150mA Low Noise LDO Voltage Regulator
TS5204CX18 TSC-TS5204CX18 Datasheet
141Kb / 4P
   150mA Low Noise LDO Voltage Regulator
More results

Description similaire - TS5204CX

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Semiconductor Co...
TS5204CQ33 TSC-TS5204CQ33 Datasheet
186Kb / 8P
   150mA Low Noise LDO Voltage Regulator
TS5204 TSC-TS5204_11 Datasheet
177Kb / 8P
   150mA Low Noise LDO Voltage Regulator
logo
Calogic, LLC
CLM5205 CALOGIC-CLM5205 Datasheet
46Kb / 3P
   150mA Low-Noise LDO Voltage Regulator
logo
Taiwan Semiconductor Co...
TS5204 TSC-TS5204_06 Datasheet
141Kb / 4P
   150mA Low Noise LDO Voltage Regulator
TS5204 TSC-TS5204_07 Datasheet
264Kb / 6P
   150mA Low Noise LDO Voltage Regulator
TS5204CQ50 TSC-TS5204CQ50 Datasheet
186Kb / 8P
   150mA Low Noise LDO Voltage Regulator
TS5204 TSC-TS5204 Datasheet
141Kb / 4P
   150mA Low Noise LDO Voltage Regulator
logo
Sipex Corporation
SPX5205 SIPEX-SPX5205_04 Datasheet
184Kb / 8P
   150mA, Low-Noise LDO Voltage Regulator
logo
Exar Corporation
SPX5205 EXAR-SPX5205 Datasheet
4Mb / 8P
   150mA, LOW-NOISE LDO VOLTAGE REGULATOR
logo
Unisonic Technologies
LR1102 UTC-LR1102 Datasheet
188Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com