Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS1083CZ Fiches technique(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

No de pièce TS1083CZ
Description  7.5A Low Dropout Positive Voltage Regulator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TSC [Taiwan Semiconductor Company, Ltd]
Site Internet  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS1083CZ Fiches technique(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  TS1083CZ Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS1083CZ Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS1083CZ Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS1083CZ Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS1083CZ Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
TS1083
5-5
2005/07 rev.C
TO-220 Mechanical Drawing
B
J
I
D
G
F
E
A
M
N
O
K
L
P
B
J
I
D
G
F
E
A
M
N
O
K
L
P
TO-220 DIMENSION
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX
A
10.000
10.500
0.394
0.413
B
3.240
4.440
0.128
0.175
C
2.440
2.940
0.096
0.116
D
-
6.350
-
0.250
E
0.381
1.106
0.015
0.040
F
2.345
2.715
0.092
0.058
G
4.690
5.430
0.092
0.107
H
12.700
14.732
0.500
0.581
I
8.382
9.017
0.330
0.355
J
14.224
16.510
0.560
0.650
K
3.556
4.826
0.140
0.190
L
0.508
1.397
0.020
0.055
M
27.700
29.620
1.060
1.230
N
2.032
2.921
0.080
0.115
O
0.255
0.610
0.010
0.024
P
5.842
6.858
0.230
0.270


Numéro de pièce similaire - TS1083CZ

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Semiconductor Co...
TS1083CZ TSC-TS1083CZ Datasheet
211Kb / 6P
   7.5 Amp Low Dropout Positive Voltage Regulator
TS1083CZ-2.5 TSC-TS1083CZ-2.5 Datasheet
211Kb / 6P
   7.5 Amp Low Dropout Positive Voltage Regulator
TS1083CZ-3.3 TSC-TS1083CZ-3.3 Datasheet
211Kb / 6P
   7.5 Amp Low Dropout Positive Voltage Regulator
More results

Description similaire - TS1083CZ

FabricantNo de pièceFiches techniqueDescription
logo
UNISEM
US1075 UNISEM-US1075 Datasheet
36Kb / 5P
   7.5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Microsemi Corporation
LX8580A MICROSEMI-LX8580A Datasheet
172Kb / 8P
   7.5A Very Low Dropout Positive Regulator
logo
International Rectifier
IRU1075 IRF-IRU1075 Datasheet
94Kb / 6P
   7.5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Linear Technology
RH1083M LINER-RH1083M_15 Datasheet
98Kb / 4P
   7.5A Low Dropout Positive Adjustable Regulator
RH1083CK LINER-RH1083CK Datasheet
162Kb / 2P
   7.5A Low Dropout Positive Adjustable Regulator
RH1083M LINER-RH1083M Datasheet
92Kb / 4P
   7.5A Low Dropout Positive Adjustable Regulator
RH1083CK LINER-RH1083CK_15 Datasheet
168Kb / 2P
   7.5A Low Dropout Positive Adjustable Regulator
logo
International Rectifier
IRU1175 IRF-IRU1175 Datasheet
50Kb / 6P
   7.5A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
UNISEM
US1175 UNISEM-US1175 Datasheet
35Kb / 5P
   7.5A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Semtech Corporation
EZ1083 SEMTECH-EZ1083_05 Datasheet
139Kb / 5P
   7.5A Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com