Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS78MXXCP Fiches technique(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

No de pièce TS78MXXCP
Description  3-Terminal Medium Current Positive Voltage Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TSC [Taiwan Semiconductor Company, Ltd]
Site Internet  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS78MXXCP Fiches technique(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  TS78MXXCP Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS78MXXCP Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS78MXXCP Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS78MXXCP Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS78MXXCP Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS78MXXCP Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS78MXXCP Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS78MXXCP Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TS78M00 series
4-8
2003/12 rev. B
TS78M12 Electrical Characteristics
(Vin=19V, Iout=350mA, 0
oC≤Tj≤125 oC, Cin=0.33uF, Cout=0.1uF; unless otherwise specified.)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Tj=25
oC
11.53
12
12.48
Output Voltage
Vout
14.5V
≤Vin≤27V,
5mA
≤Iout≤350mA, PD ≤5W
11.42
12
12.60
V
Line Regulation
REGline
Tj=25
oC
14.5V
≤Vin≤30V,
Io=200mA
--
8
50
mV
5mA
≤Iout≤500mA
--
25
240
Load Regulation
REGload
Tj=25
oC
0mA
≤Iout≤200mA
--
10
120
Quiescent Current
Iq
Tj=25
oC, Iout=0
--
3
6
14.5V
≤Vin≤30V
--
--
0.8
Quiescent Current Change
∆Iq
5mA
≤Iout≤200mA
--
--
0.5
mA
Output Noise Voltage
Vn
10Hz
≤f≤100KHz, Tj=25 oC
--
75
--
uV
Ripple Rejection Ratio
RR
f=120Hz, 15V
≤Vin≤25V
55
80
--
dB
Voltage Drop
Vdrop
Iout=350mA, Tj=25
oC
--
2
--
V
Output Short Circuit Current
Ios
Tj=25
oC
--
50
--
mA
Peak Output Current
Io peak
Tj=25
oC
--
0.7
--
A
Temperature Coefficient of
Output Voltage
∆Vout/ ∆Tj
Iout=5mA, 0
oC≤Tj≤125 oC
--
-0.3
--
mV/
oC
TS78M15 Electrical Characteristics
(Vin=23V, Iout=350mA, 0
oC≤Tj≤125 oC, Cin=0.33uF, Cout=0.1uF; unless otherwise specified.)
Parameter
Test Conditions
Min
Typ
Max
Unit
Tj=25
oC
14.42
15
15.60
Output Voltage
Vout
17.5V
≤Vin≤30V,
5mA
≤Iout≤350mA, PD ≤5W
14.28
15
15.75
V
Line Regulation
REGline
Tj=25
oC
17.5V
≤Vin≤30V,
Io=200mA
--
8
50
mV
5mA
≤Iout≤500mA
--
25
300
Load Regulation
REGload
Tj=25
oC
5mA
≤Iout≤200mA
--
10
150
Quiescent Current
Iq
Tj=25
oC, Iout=0
--
3
6
17.5V
≤Vin≤30V
--
--
0.8
Quiescent Current Change
∆Iq
5mA
≤Iout≤350mA
--
--
0.5
mA
Output Noise Voltage
Vn
10Hz
≤f≤100KHz, Tj=25 oC
--
90
--
uV
Ripple Rejection Ratio
RR
f=120Hz, 18V
≤Vin≤28V
54
70
--
dB
Voltage Drop
Vdrop
Iout=350mA, Tj=25
oC
--
2
--
V
Output Short Circuit Current
Ios
Tj=25
oC
--
50
--
mA
Peak Output Current
Io peak
Tj=25
oC
--
0.7
--
A
Temperature Coefficient of
Output Voltage
∆Vout/ ∆Tj
Iout=5mA, 0
oC≤Tj≤125 oC
--
-0.3
--
mV/
oC
Pulse testing techniques are used to maintain the junction temperature as close to the ambient temperature as
possible, and thermal effects must be taken into account separately.
This specification applies only for DC power dissipation permitted by absolute maximum ratings.


Numéro de pièce similaire - TS78MXXCP

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Semiconductor Co...
TS78MXXACPR0 TSC-TS78MXXACPR0 Datasheet
169Kb / 10P
   3-Terminal 500mA Positive Voltage Regulator
TS78MXXACZC0 TSC-TS78MXXACZC0 Datasheet
169Kb / 10P
   3-Terminal 500mA Positive Voltage Regulator
More results

Description similaire - TS78MXXCP

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
TS78M05C ETC-TS78M05C Datasheet
177Kb / 8P
   3-Terminal Medium Current Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS78M00A TSC-TS78M00A Datasheet
173Kb / 9P
   3-Terminal Medium Current Positive Voltage Regulator
TS79M00 TSC-TS79M00 Datasheet
169Kb / 7P
   3-Terminal Medium Current Negative Voltage Regulator
logo
Hi-Sincerity Mocroelect...
H7805AE HSMC-H7805AE Datasheet
35Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
H7809AI HSMC-H7809AI Datasheet
37Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
H7809AJ HSMC-H7809AJ Datasheet
33Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Micro Electronics
ML7800 MICRO-ELECTRONICS-ML7800 Datasheet
431Kb / 11P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
GM78L12 ETC2-GM78L12 Datasheet
196Kb / 2P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Continental Device Indi...
CL7824DT CDIL-CL7824DT Datasheet
338Kb / 5P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
SJ78M15 SECOS-SJ78M15 Datasheet
84Kb / 2P
   3-Terminal Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com