Moteur de recherche de fiches techniques de composants électroniques |
|
UC2845AQD8R Fiches technique(PDF) 1 Page - Texas Instruments |
|
|
UC2845AQD8R Fiches technique(HTML) 1 Page - Texas Instruments |
1 / 15 page UC2842AQ, UC2843AQ, UC2844AQ, UC2845AQ CURRENT-MODE PWM CONTROLLER SGLS164 – APRIL 2003 1 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 D Extended Temperature Performance of –40 °C to 125°C D Optimized for Off-line and DC to DC Converters D Low Start Up Current (<0.5 mA) D Trimmed Oscillator Discharge Current D Automatic Feed Forward Compensation D Pulse-by-Pulse Current Limiting D Enhanced Load Response Characteristics D Under-Voltage Lockout With Hysteresis D Double Pulse Suppression D High Current Totem Pole Output D Internally Trimmed Bandgap Reference D 500 kHz Operation D Low RO Error Amp description The UC2842A/3A/4A/5A family of control ICs is a pin for pin compatible improved version of the UC2842/3/4/5 family. Providing the necessary features to control current mode switched mode power supplies, this family has the following improved features. Start up current is guaranteed to be less than 0.5 mA. Oscillator discharge is trimmed to 8.3 mA. During under voltage lockout, the output stage can sink at least 10 mA at less than 1.2 V for VCC over 5 V. The difference between members of this family are shown in the table below. PART NUMBER UVLO ON UVLO OFF MAXIMUM DUTY CYCLE UC2842A 16 V 10 V <100% UC2843A 8.5 V 7.9 V <100% UC2844A 16 V 10 V <50% UC2845A 8.5 V 7.9 V <50% Copyright 2003, Texas Instruments Incorporated PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. D 8-PIN PACKAGE (TOP VIEW) 1 2 3 4 8 7 6 5 COMP VFB ISENSE RT/CT VREF VCC OUTPUT GND D 14-PIN PACKAGE (TOP VIEW) 1 2 3 4 5 6 7 14 13 12 11 10 9 8 COMP NC VFB NC ISENSE NC RT/CT VREF NC VCC VC OUTPUT GND PWR GND |
Numéro de pièce similaire - UC2845AQD8R |
|
Description similaire - UC2845AQD8R |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |