Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCA6408RGTRG4 Fiches technique(PDF) 1 Page - Texas Instruments

No de pièce TCA6408RGTRG4
Description  LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TCA6408RGTRG4 Fiches technique(HTML) 1 Page - Texas Instruments

  TCA6408RGTRG4 Datasheet HTML 1Page - Texas Instruments TCA6408RGTRG4 Datasheet HTML 2Page - Texas Instruments TCA6408RGTRG4 Datasheet HTML 3Page - Texas Instruments TCA6408RGTRG4 Datasheet HTML 4Page - Texas Instruments TCA6408RGTRG4 Datasheet HTML 5Page - Texas Instruments TCA6408RGTRG4 Datasheet HTML 6Page - Texas Instruments TCA6408RGTRG4 Datasheet HTML 7Page - Texas Instruments TCA6408RGTRG4 Datasheet HTML 8Page - Texas Instruments TCA6408RGTRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
www.ti.com
FEATURES
ZXY PACKAGE
(TOP VIEW)
1
2
3
4
5
A
B
C
D
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
PW PACKAGE
(TOP VIEW)
V
CCI
ADDR
RESET
P0
P1
P2
P3
GND
V
CCP
SDA
SCL
INT
P7
P6
P5
P4
RGT PACKAGE
(TOP VIEW)
12
11
10
9
1
2
3
4
5
6
7
8
16 15 14 13
RESET
P0
P1
P2
SCL
INT
P7
P6
DESCRIPTION/ORDERING INFORMATION
TCA6408
LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER
WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
SCPS151C – FEBRUARY 2007 – REVISED JUNE 2007
• Operating Power-Supply Voltage Range of
• 5-V Tolerant I/O Ports
1.65 V to 5.5 V
• Active-Low Reset Input (RESET)
• Allows Bidirectional Voltage-Level Translation
• Open-Drain Active-Low Interrupt Output (INT)
and GPIO Expansion Between
• 400-kHz Fast I2C Bus
1.8-V SCL/SDA and 1.8-V, 2.5-V,
• Input/Output Configuration Register
3.3-V, or 5-V P Port
• Polarity Inversion Register
2.5-V SCL/SDA and 1.8-V, 2.5-V,
• Internal Power-On Reset
3.3-V, or 5-V P Port
• Power-Up With All Channels Configured as
3.3-V SCL/SDA and 1.8-V, 2.5-V,
Inputs
3.3-V, or 5-V P Port
• No Glitch On Power-Up
5-V SCL/SDA and 1.8-V, 2.5-V,
• Noise Filter on SCL/SDA Inputs
3.3-V, or 5-V P Port
• Latched Outputs With High-Current Drive
• I2C to Parallel Port Expander
Maximum Capability for Directly Driving LEDs
• Low Standby Current Consumption of 1 µA
• Latch-Up Performance Exceeds 100 mA Per
• Schmitt-Trigger Action Allows Slow Input
JESD 78, Class II
Transition and Better Switching Noise
• ESD Protection Exceeds JESD 22
Immunity at the SCL and SDA Inputs
2000-V Human-Body Model (A114-A)
V
hys = 0.18 V Typ at 1.8 V
200-V Machine Model (A115-A)
V
hys = 0.25 V Typ at 2.5 V
1000-V Charged-Device Model (C101)
V
hys = 0.33 V Typ at 3.3 V
V
hys = 0.5 V Typ at 5 V
This 8-bit I/O expander for the two-line bidirectional bus (I2C) is designed to provide general-purpose remote I/O
expansion for most microcontroller families via the I2C interface [serial clock (SCL) and serial data (SDA)].
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
UNLESS
OTHERWISE
NOTED
this
document
contains
Copyright © 2007, Texas Instruments Incorporated
PRODUCTION DATA information current as of publication date.
Products conform to specifications per the terms of Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Numéro de pièce similaire - TCA6408RGTRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TCA6408RGTRG4 TI-TCA6408RGTRG4 Datasheet
927Kb / 31P
[Old version datasheet]   LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
More results

Description similaire - TCA6408RGTRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TCA6408A TI1-TCA6408A Datasheet
932Kb / 35P
[Old version datasheet]   LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6408 TI-TCA6408_09 Datasheet
927Kb / 31P
[Old version datasheet]   LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
logo
NXP Semiconductors
PCA6408A NXP-PCA6408A Datasheet
2Mb / 40P
   Low-voltage, 8-bit I2C-bus and SMBus I/O expander with interrupt output, reset, and configuration registers
Rev. 1-27 September 2012
logo
Texas Instruments
TCA6416 TI-TCA6416_10 Datasheet
913Kb / 35P
[Old version datasheet]   LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6416A TI-TCA6416A Datasheet
900Kb / 32P
[Old version datasheet]   LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6416 TI-TCA6416 Datasheet
781Kb / 31P
[Old version datasheet]   LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA9554 TI1-TCA9554 Datasheet
663Kb / 31P
[Old version datasheet]   LOW VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
TCA6416A TI-TCA6416A_11 Datasheet
909Kb / 34P
[Old version datasheet]   LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6424A TI-TCA6424A Datasheet
554Kb / 33P
[Old version datasheet]   LOW-VOLTAGE 24-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT RESET AND CONFIGURATION REGISTERS
TCA6424 TI-TCA6424_10 Datasheet
507Kb / 29P
[Old version datasheet]   LOW-VOLTAGE 24-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com