Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TIPL790 Fiches technique(PDF) 4 Page - Power Innovations Ltd

No de pièce TIPL790
Description  NPN SILICON POWER DARLINGTONS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  POINN [Power Innovations Ltd]
Site Internet  http://www.bourns.com
Logo POINN - Power Innovations Ltd

TIPL790 Fiches technique(HTML) 4 Page - Power Innovations Ltd

  TIPL790 Datasheet HTML 1Page - Power Innovations Ltd TIPL790 Datasheet HTML 2Page - Power Innovations Ltd TIPL790 Datasheet HTML 3Page - Power Innovations Ltd TIPL790 Datasheet HTML 4Page - Power Innovations Ltd TIPL790 Datasheet HTML 5Page - Power Innovations Ltd TIPL790 Datasheet HTML 6Page - Power Innovations Ltd TIPL790 Datasheet HTML 7Page - Power Innovations Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TIPL790, TIPL790A
NPN SILICON POWER DARLINGTONS
4
AUGUST 1978 - REVISED MARCH 1997
PRODUCT
INFORMATION
TYPICAL CHARACTERISTICS
Figure 3.
Figure 4.
Figure 5.
Figure 6.
TYPICAL DC CURRENT GAIN
vs
COLLECTOR CURRENT
I
C - Collector Current - A
1·0
10
100
1000
10000
TCE785AA
V
CE = 5 V
T
C = 125°C
T
C =
25°C
T
C = -65°C
COLLECTOR-EMITTER SATURATION VOLTAGE
vs
BASE CURRENT
I
B - Base Current - mA
1
10
100
0
1
2
3
4
5
6
TCE785AB
I
C = 10 A
I
C =
7 A
I
C =
4 A
I
C =
1 A
BASE-EMITTER SATURATION VOLTAGE
vs
BASE CURRENT
I
B - Base Current - mA
1·0
10
100
1·0
1·2
1·4
1·6
1·8
2·0
TCE785AC
I
C = 10 A
I
C =
7 A
I
C =
4 A
I
C =
1 A
COLLECTOR CUT-OFF CURRENT
vs
CASE TEMPERATURE
T
C - Case Temperature - °C
-60
-30
0
30
60
90
120
0·001
0·01
0·1
1·0
10
TCE785AD
TIPL790A
V
CE = 200 V
TIPL790
V
CE = 150 V


Numéro de pièce similaire - TIPL790

FabricantNo de pièceFiches techniqueDescription
logo
Transys Electronics
TIPL790 TRSYS-TIPL790 Datasheet
618Kb / 6P
   NPN SILICON POWER DARLINGTONS
logo
Texas Instruments
TIPL790 TI-TIPL790 Datasheet
192Kb / 6P
[Old version datasheet]   N-P-N MONOLITHIC DARLINGTON CONNECTED SILICON POWER TRANSISTORS
logo
Transys Electronics
TIPL790A TRSYS-TIPL790A Datasheet
618Kb / 6P
   NPN SILICON POWER DARLINGTONS
logo
Texas Instruments
TIPL790A TI-TIPL790A Datasheet
192Kb / 6P
[Old version datasheet]   N-P-N MONOLITHIC DARLINGTON CONNECTED SILICON POWER TRANSISTORS
More results

Description similaire - TIPL790

FabricantNo de pièceFiches techniqueDescription
logo
Power Innovations Ltd
BDX53 POINN-BDX53 Datasheet
150Kb / 6P
   NPN SILICON POWER DARLINGTONS
TIP100 POINN-TIP100 Datasheet
149Kb / 6P
   NPN SILICON POWER DARLINGTONS
logo
Bourns Electronic Solut...
BDW63 BOURNS-BDW63 Datasheet
113Kb / 5P
   NPN SILICON POWER DARLINGTONS
BD895A BOURNS-BD895A Datasheet
107Kb / 5P
   NPN SILICON POWER DARLINGTONS
logo
Transys Electronics
TIPL790 TRSYS-TIPL790 Datasheet
618Kb / 6P
   NPN SILICON POWER DARLINGTONS
logo
Bourns Electronic Solut...
BDW53 BOURNS-BDW53 Datasheet
110Kb / 5P
   NPN SILICON POWER DARLINGTONS
BDT61 BOURNS-BDT61 Datasheet
108Kb / 5P
   NPN SILICON POWER DARLINGTONS
logo
Power Innovations Ltd
BDW53 POINN-BDW53 Datasheet
104Kb / 6P
   NPN SILICON POWER DARLINGTONS
logo
New Jersey Semi-Conduct...
BDV65 NJSEMI-BDV65 Datasheet
89Kb / 2P
   NPN SILICON POWER DARLINGTONS
logo
Micro Commercial Compon...
BDX33 MCC-BDX33 Datasheet
875Kb / 4P
   NPN Silicon Power Darlingtons
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com