Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SM5611-060-A-3-S Fiches technique(PDF) 1 Page - List of Unclassifed Manufacturers

No de pièce SM5611-060-A-3-S
Description  OEM PRESSURE TRANSDUCER FULLY TEMPERATURE COMPENSATED AND CALIBRATED DUAL-IN-LINE PACKAGE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

SM5611-060-A-3-S Fiches technique(HTML) 1 Page - List of Unclassifed Manufacturers

  SM5611-060-A-3-S Datasheet HTML 1Page - List of Unclassifed Manufacturers SM5611-060-A-3-S Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SILICON
MICROSTRUCTURES
I NCO R P O R AT ED
 2001-2002
Silicon Microstructures, Inc.
♦ 1701 McCarthy Blvd. ♦ Milpitas, CA 95035 USA
Tel: 408-577-0100
♦ Fax: 408-577-0123 ♦ Sales@Si-Micro.Com ♦ WWW.Si-Micro.Com
SM5611/SM5612
OEM Pressure, Constant Current DIP
OEM Pressure, Constant Voltage DIP
• OEM PRESSURE TRANSDUCER FULLY TEMPERATURE COMPENSATED AND CALIBRATED
DUAL-IN-LINE PACKAGE
DESCRIPTION
The SM5600 Series of OEM pressure
sensors are fully calibrated, temperature
compensated pressure sensors in dual in-
line packages for printed circuit board
mounting. These sensors offer improved
performance as well as the option for either
constant current or constant voltage
excitation. Ultra-low pressure ranges are
also available (see SM5651/SM5652
datasheet), resulting in the broadest
selection of standard pressure ranges in the
industry.
The SM5600 Series pressure sensors are
constructed by attaching a highly stable
piezoresistive pressure sensor chip to a
ceramic substrate. Thick film resistors on
the ceramic are laser trimmed during
manufacturing to provide zero offset
calibration, temperature compensation for
zero offset, and temperature compensation
for sensitivity. In the Model SM5611, an
additional resistor is trimmed to normalize
the output of an external differential amplifier
to provide span calibration when the sensor
is driven by a constant current supply. In
the Model SM5612, a constant voltage
supply can be used and the normalized
output span of each sensor can then be
easily amplified.
The model SM5611 is designed for constant
current excitation.
The model SM5612 is designed for constant
voltage excitation.
Various electrical pin and pressure port
configurations are available for flexibility in
matching this product to specific
applications.
FEATURES
5, 15, 30, 60, and 100 PSI FS Ranges
Available
Constant voltage and constant current
versions
Easy to use dual in-line package (DIP)
Wide 0-60°C compensated temperature
range
Span calibration to ±2%
Zero offset calibration
High performance, stable packaged
silicon chip
Gage, differential, and absolute
pressure configurations
APPLICATIONS
Barometric Pressure
Medical Instrumentation
Environmental Control
Altimeters
Automotive Diagnostics
Appliances
Rev 1.2 8_02


Numéro de pièce similaire - SM5611-060-A-3-S

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
SM561 CYPRESS-SM561 Datasheet
126Kb / 8P
   Spread Spectrum Clock Generator
logo
Bourns Electronic Solut...
SM561-1 BOURNS-SM561-1 Datasheet
183Kb / 1P
   ADSL Line Transformers
logo
Datatronic Distribution...
SM561-1 DATATRONICS-SM561-1 Datasheet
102Kb / 1P
   ADSL Line Transformers
logo
Bourns Electronic Solut...
SM561-1E BOURNS-SM561-1E Datasheet
183Kb / 1P
   ADSL Line Transformers
logo
Nippon Precision Circui...
SM5610 NPC-SM5610 Datasheet
150Kb / 6P
   IC for Quartz Crystal Oscillating Module
More results

Description similaire - SM5611-060-A-3-S

FabricantNo de pièceFiches techniqueDescription
logo
Amphenol Corporation
T9602 AMPHENOL-T9602 Datasheet
295Kb / 4P
   Fully calibrated and temperature compensated
CHIPCAP2 AMPHENOL-CHIPCAP2 Datasheet
222Kb / 4P
   Fully Calibrated & Temperature Compensated
2-SIP AMPHENOL-2-SIP Datasheet
138Kb / 4P
   Fully Calibrated & Temperature Compensated
logo
List of Unclassifed Man...
SFM3000 ETC2-SFM3000 Datasheet
590Kb / 7P
   Fully calibrated & temperature compensated
logo
WOLFSPEED, INC.
AMS5612 WOLFSPEED-AMS5612 Datasheet
283Kb / 6P
   Calibrated and temperature compensated pressure sensor
March 2015 Rev. 1.4
logo
List of Unclassifed Man...
SHT30 ETC2-SHT30 Datasheet
910Kb / 20P
   Fully calibrated, linearized, and temperature compensated digital output
logo
Freescale Semiconductor...
MPXY8020A FREESCALE-MPXY8020A Datasheet
303Kb / 17P
   Tire Pressure Monitoring Sensor Temperature Compensated and Calibrated, Fully Integrated Digital Output
MPXY8020A FREESCALE-MPXY8020A_03 Datasheet
284Kb / 16P
   Tire Pressure Monitoring Sensor Temperature Compensated and Calibrated, Fully Integrated Digital Output
MPXY8021A FREESCALE-MPXY8021A Datasheet
299Kb / 15P
   Tire Pressure Monitoring Sensor Temperature Compensated and Calibrated, Fully Integrated, Digital Output
logo
Motorola, Inc
MPXY8020A MOTOROLA-MPXY8020A Datasheet
283Kb / 16P
   TIRE PRESSURE MONITORING SENSOR TEMPERATURE COMPENSATED AND CALIBRATED FULLY INTEGRATED DIGITAL OUTPUT
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com