Moteur de recherche de fiches techniques de composants électroniques |
|
74LVT162245ADGGRE4 Fiches technique(PDF) 4 Page - Texas Instruments |
|
74LVT162245ADGGRE4 Fiches technique(HTML) 4 Page - Texas Instruments |
4 / 18 page www.ti.com Absolute Maximum Ratings (1) Recommended Operating Conditions (1) SN54LVT162245A ,, SN74LVT162245A 3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS SCBS714D – FEBRUARY 2000 – REVISED NOVEMBER 2006 over operating free-air temperature range (unless otherwise noted) MIN MAX UNIT VCC Supply voltage range –0.5 4.6 V VI Input voltage range(2) –0.5 7 V VO Voltage range applied to any output in the high-impedance or power-off state(2) –0.5 7 V VO Voltage range applied to any output in the high state(2) –0.5 VCC + 0.5 V SN54LVT162245A (B port) 96 IO Current into any output in the low state SN74LVT162245A (B port) 128 mA A port 30 SN54LVT162245A (B port) 48 IO Current into any output in the high state(3) SN74LVT162245A (B port) 64 mA A port 30 IIK Input clamp current VI < 0 –50 mA IOK Output clamp current VO < 0 –50 mA DGG package 70 DL package 63 θ JA Package thermal impedance(4) °C/W GQL/ZQL package 42 GRD/ZRD package 36 Tstg Storage temperature range –65 150 °C (1) Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. (2) The input and output negative-voltage ratings may be exceeded if the input and output clamp-current ratings are observed. (3) This current flows only when the output is in the high state and VO > VCC. (4) The package thermal impedance is calculated in accordance with JESD 51-7. SN54LVT162245A(2) SN74LVT162245A UNIT MIN MAX MIN MAX VCC Supply voltage 2.7 3.6 2.7 3.6 V VIH High-level input voltage 2 2 V VIL Low-level input voltage 0.8 0.8 V VI Input voltage 5.5 5.5 V A port –12 –12 IOH High-level output current mA B port –24 –32 A port 12 12 IOL Low-level output current mA B port 48 64 ∆t/∆v Input transition rise or fall rate Outputs enabled 10 10 ns/V ∆t/∆V CC Power-up ramp rate 200 200 µs/V TA Operating free-air temperature –55 125 –40 85 °C (1) All unused or driven (floating) data inputs (I/Os) of the device must be held at logic HIGH or LOW (preferably VCCI or GND) to ensure proper device operation and minimize power. Refer to the TI application report, Implications of Slow or Floating CMOS Inputs, literature number SCBA004. (2) Product preview 4 Submit Documentation Feedback |
Numéro de pièce similaire - 74LVT162245ADGGRE4 |
|
Description similaire - 74LVT162245ADGGRE4 |