Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI3552DV Fiches technique(PDF) 1 Page - Vishay Siliconix

No de pièce SI3552DV
Description  N- and P-Channel 30-V (D-S) MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI3552DV Fiches technique(HTML) 1 Page - Vishay Siliconix

  SI3552DV_05 Datasheet HTML 1Page - Vishay Siliconix SI3552DV_05 Datasheet HTML 2Page - Vishay Siliconix SI3552DV_05 Datasheet HTML 3Page - Vishay Siliconix SI3552DV_05 Datasheet HTML 4Page - Vishay Siliconix SI3552DV_05 Datasheet HTML 5Page - Vishay Siliconix SI3552DV_05 Datasheet HTML 6Page - Vishay Siliconix SI3552DV_05 Datasheet HTML 7Page - Vishay Siliconix SI3552DV_05 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
FEATURES
D TrenchFETr Power MOSFET
D 100% Rg Tested
Si3552DV
Vishay Siliconix
Document Number: 70971
S-31725—Rev. B, 18-Aug-03
www.vishay.com
1
N- and P-Channel 30-V (D-S) MOSFET
PRODUCT SUMMARY
VDS (V)
rDS(on) (W)
ID (A)
N-Channel
30
0.105 @ VGS = 10 V
2.5
N-Channel
30
0.175 @ VGS = 4.5 V
2.0
P Channel
30
0.200 @ VGS = -10 V
-1.8
P-Channel
-30
0.360 @ VGS = -4.5 V
-1.2
D1
G1
S1
N-Channel MOSFET
S2
G2
D2
P-Channel MOSFET
TSOP-6
Top View
6
4
1
2
3
5
2.85 mm
3 mm
D2
G2
S1
S2
D1
G1
Ordering Information: Si3552DV-T1
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
N-Channel
P-Channel
Unit
Drain-Source Voltage
VDS
30
-30
V
Gate-Source Voltage
VGS
"20
"20
V
Continuous Drain Current (TJ = 150_C)a b
TA = 25_C
ID
2.5
-1.8
Continuous Drain Current (TJ = 150_C)a, b
TA = 70_C
ID
2.0
-1.2
A
Pulsed Drain Current
IDM
8
-7
A
Continuous Source Current (Diode Conduction)a, b
IS
1.05
-1.05
Maximum Power Dissipationa b
TA = 25_C
PD
1.15
W
Maximum Power Dissipationa, b
TA = 70_C
PD
0.73
W
Operating Junction and Storage Temperature Range
TJ, Tstg
-55 to 150
_C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Mi
J
ti
t A bi ta
t v 5 sec
R
93
110
Maximum Junction-to-Ambienta
Steady State
RthJA
130
150
_C/W
Maximum Junction-to-Lead
Steady State
RthJL
75
90
C/W
Notes
a.
Surface Mounted on FR4 Board.
b.
t v 5 sec


Numéro de pièce similaire - SI3552DV_05

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI3552DV VISHAY-SI3552DV_09 Datasheet
203Kb / 12P
   N- and P-Channel 30-V (D-S) MOSFET
Rev. C, 12-Oct-09
More results

Description similaire - SI3552DV_05

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI4532DY VISHAY-SI4532DY Datasheet
123Kb / 7P
   N- and P-Channel 30-V (D-S) MOSFET
Rev. D, 23-Nov-93
SI3590DV VISHAY-SI3590DV_09 Datasheet
232Kb / 13P
   N- and P-Channel 30-V (D-S) MOSFET
Rev. C, 28-Sep-09
SI6544BDQ VISHAY-SI6544BDQ Datasheet
66Kb / 8P
   N-and P-Channel 30-V (D-S) MOSFET
Rev. A, 16-Jun-03
SI5511DC VISHAY-SI5511DC Datasheet
164Kb / 12P
   N- and P-Channel 30-V (D-S) MOSFET
Rev. B, 22-Oct-07
SI5504BDC VISHAY-SI5504BDC_10 Datasheet
152Kb / 12P
   N- and P-Channel 30 V (D-S) MOSFET
Rev. B, 08-Mar-10
logo
Guangdong Kexin Industr...
KI4544DY KEXIN-KI4544DY Datasheet
56Kb / 2P
   N- and P-Channel 30-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
AO4606A VBSEMI-AO4606A Datasheet
1Mb / 14P
   N- and P-Channel 30 V (D-S) MOSFET
FDS8960C-NL VBSEMI-FDS8960C-NL Datasheet
1Mb / 14P
   N- and P-Channel 30 V (D-S) MOSFET
logo
Vishay Telefunken
SI3590DV TFUNK-SI3590DV Datasheet
233Kb / 13P
   N- and P-Channel 30-V (D-S) MOSFET
SI4532CDY TFUNK-SI4532CDY Datasheet
296Kb / 15P
   N- and P-Channel 30 V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
SH8M4TB VBSEMI-SH8M4TB Datasheet
1Mb / 14P
   N- and P-Channel 30 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com