Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC33076P1 Fiches technique(PDF) 4 Page - ON Semiconductor

No de pièce MC33076P1
Description  Dual High Output Current, Low Power, Low Noise Bipolar Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33076P1 Fiches technique(HTML) 4 Page - ON Semiconductor

  MC33076P1 Datasheet HTML 1Page - ON Semiconductor MC33076P1 Datasheet HTML 2Page - ON Semiconductor MC33076P1 Datasheet HTML 3Page - ON Semiconductor MC33076P1 Datasheet HTML 4Page - ON Semiconductor MC33076P1 Datasheet HTML 5Page - ON Semiconductor MC33076P1 Datasheet HTML 6Page - ON Semiconductor MC33076P1 Datasheet HTML 7Page - ON Semiconductor MC33076P1 Datasheet HTML 8Page - ON Semiconductor MC33076P1 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MC33076
http://onsemi.com
4
Figure 2. Maximum Power Dissipation
versus Temperature
-60
-30
TA, AMBIENT TEMPERATURE (°C)
MC33076P1
MC33076D
Figure 3. Distribution of Input
Offset Voltage
VIO, INPUT OFFSET VOLTAGE (mV)
Figure 4. Input Bias Current versus
Common Mode Voltage
VCM, COMMON MODE VOLTAGE (V)
Figure 5. Input Bias Current
versus Temperature
TA, AMBIENT TEMPERATURE (°C)
Figure 6. Input Common Mode Voltage
Range versus Temperature
TA, TEMPERATURE (°C)
Figure 7. Open Loop Voltage Gain
versus Temperature
TA, AMBIENT TEMPERATURE (°C)
4000
3500
3000
2500
2000
1500
1000
500
0
25
20
15
10
5
0
250
225
200
175
150
125
100
150
137
125
112
100
88
75
VEE
120
115
110
105
100
95
90
VCC-1.0
VEE+0.125
VEE+0.25
VCC-0.75
VCC-0.50
VCC-0.25
VCC
0
30
60
90
120
150
-2.0 -1.5 -1.0
-0.5
0
0.5
1.0
1.5
2.0
-15
-10
-5.0
0
5.0
10
15
-55
-25
5.0
35
65
95
125
-55
-25
5.0
35
65
95
125
-55
-25
5.0
35
65
95
125
2.5
180 amplifiers tested
from 3 wafer lots
VCC = ±15 V
TA = 25°C
(Plastic DIP package)
VCC = +15 V
VEE = -15 V
TA = 25°C
VCC = +15 V
VEE = -15 V
VCM = 0 V
VCC = +5.0 V to +18 V
VEE = -5.0 V to -18 V
∆VIO = 5.0 mV
RL = 2.0 kΩ
RL = 100 Ω
VCC = +15 V
VEE = -15 V
f = 10 Hz
∆VO = -10 to +10 V


Numéro de pièce similaire - MC33076P1

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC33076P1 ONSEMI-MC33076P1 Datasheet
213Kb / 12P
   DUAL HIGH OUTPUT CURRENT OPERATIONAL AMPLIFIER
1996 REV 0
More results

Description similaire - MC33076P1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LMV712 TI1-LMV712_13 Datasheet
190Kb / 11P
[Old version datasheet]   LOW-POWER LOW-NOISE HIGH-OUTPUT RRIO DUAL OPERATIONAL AMPLIFIER
LMV712-N TI1-LMV712-N_16 Datasheet
1Mb / 24P
[Old version datasheet]   Low Power, Low Noise, High Output, RRIO Dual Operational Amplifier
logo
ON Semiconductor
MC33178 ONSEMI-MC33178 Datasheet
262Kb / 12P
   HIGH OUTPUT CURRENT LOW POWER, LOW NOISE OPERATIONAL AMPLIFIERS
1996 REV 0
logo
Unisonic Technologies
MC33178 UTC-MC33178_17 Datasheet
151Kb / 6P
   HIGH OUTPUT CURRENT LOW NOISE, LOW POWER OPERATIONAL AMPLIFIERS
logo
New Japan Radio
NJM4585 NJRC-NJM4585 Datasheet
847Kb / 6P
   Low Noise, Bipolar Input Dual, Audio Operational amplifier
Ver.00
NJM8068 NJRC-NJM8068 Datasheet
1Mb / 14P
   LOW NOISE, BIPOLAR INPUT DUAL AUDIO OPERATIONAL AMPLIFIER
Ver.3.1
logo
Texas Instruments
LMV712 TI1-LMV712 Datasheet
450Kb / 18P
[Old version datasheet]   Low Power, Low Noise, High Output, RRIO Dual Operational Amplifier with Independent Shutdown
LMV712TLX TI-LMV712TLX Datasheet
1Mb / 22P
[Old version datasheet]   LMV712-N Low Power, Low Noise, High Output, RRIO Dual Operational Amplifier with
logo
KEC(Korea Electronics)
KIA4559P KEC-KIA4559P Datasheet
92Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (DUAL LOW NOISE OPERATIONAL AMPLIFIER)
logo
National Semiconductor ...
LMV712 NSC-LMV712 Datasheet
505Kb / 14P
   Low Power, Low Noise, High Output, RRIO Dual Operational Amplifier with Independent Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com