Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI5368C-B-GQ Fiches technique(PDF) 2 Page - Silicon Laboratories

No de pièce SI5368C-B-GQ
Description  ANY-RATE PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5368C-B-GQ Fiches technique(HTML) 2 Page - Silicon Laboratories

  SI5368C-B-GQ Datasheet HTML 1Page - Silicon Laboratories SI5368C-B-GQ Datasheet HTML 2Page - Silicon Laboratories SI5368C-B-GQ Datasheet HTML 3Page - Silicon Laboratories SI5368C-B-GQ Datasheet HTML 4Page - Silicon Laboratories SI5368C-B-GQ Datasheet HTML 5Page - Silicon Laboratories SI5368C-B-GQ Datasheet HTML 6Page - Silicon Laboratories SI5368C-B-GQ Datasheet HTML 7Page - Silicon Laboratories SI5368C-B-GQ Datasheet HTML 8Page - Silicon Laboratories SI5368C-B-GQ Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Si5368
2
Preliminary Rev. 0.3
Table 1. Performance Specifications
(VDD = 1.8 or 2.5 V ±10%, TA =–40 to 85 ºC)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Temperature Range
TA
–40
25
85
ºC
Supply Voltage
VDD
2.25
2.5
2.75
V
1.62
1.8
1.98
V
Supply Current
IDD
fOUT = 622.08 MHz
All CKOUTs enabled LVPECL
format output
394
435
mA
Only CKOUT1 enabled
253
284
mA
fOUT = 19.44 MHz
All CKOUTs enabled
CMOS format output
278
321
mA
Only CKOUT1 enabled
229
261
mA
Tristate/Sleep Mode
TBD
TBD
mA
Input Clock Frequency
(CKIN1, CKIN2, CKIN3,
CKIN4)
CKF
Input frequency and clock mul-
tiplication ratio determined by
programming device PLL divid-
ers. Consult Silicon Laborato-
ries configuration software
DSPLLsim or Any-Rate Preci-
sion Clock Family Reference
Manual at www.silabs.com/tim-
ing to determine PLL divider
settings for a given input fre-
quency/clock multiplication
ratio combination.
0.002
710
MHz
Input Clock Frequency
(CKIN3, CKIN4 used as
FSYNC inputs)
CKF
0.002
0.512
MHz
Output Clock Frequency
(CKOUT1, CKOUT2,
CKOUT3, CKOUT4, CKOUT5
used as fifth high-speed out-
put)
CKOF
0.002
970
1213
945
1134
1417
MHz
CKOUT5 used as frame sync
output (FS_OUT)
CKOF
0.002
710
MHz
Input Clocks (CKIN1, CKIN2, CKIN3, CKIN4)
Differential Voltage Swing
CKNDPP
0.25
1.9
VPP
Common Mode Voltage
CKNVCM
1.8 V ±10%
0.9
1.4
V
2.5 V ±10%
1.0
1.7
V
Rise/Fall Time
CKNTRF
20–80%
11
ns
Duty Cycle
CKNDC
Whichever is less
40
60
%
50
ns
Note: For a more comprehensive listing of device specifications, please consult the Silicon Laboratories Any-Rate Precision
Clock Family Reference Manual. This document can be downloaded from www.silabs.com/timing.


Numéro de pièce similaire - SI5368C-B-GQ

FabricantNo de pièceFiches techniqueDescription
logo
Skyworks Solutions Inc.
SI5368C-C-GQ SKYWORKS-SI5368C-C-GQ Datasheet
824Kb / 92P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
More results

Description similaire - SI5368C-B-GQ

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
SI5319 SILABS-SI5319 Datasheet
257Kb / 16P
   ANY-RATE PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
SI5326 SILABS-SI5326 Datasheet
619Kb / 16P
   ANY-RATE PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
SI5369 SILABS-SI5369 Datasheet
518Kb / 84P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
logo
Skyworks Solutions Inc.
SI5368 SKYWORKS-SI5368 Datasheet
824Kb / 92P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
logo
Silicon Laboratories
SI5324C-C-GM SILABS-SI5324C-C-GM Datasheet
518Kb / 72P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/ JITTER ATTENUATOR
SI5327 SILABS-SI5327 Datasheet
1Mb / 60P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
logo
Skyworks Solutions Inc.
SI5319 SKYWORKS-SI5319 Datasheet
1Mb / 50P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
SI5327 SKYWORKS-SI5327 Datasheet
1Mb / 60P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
SI5326 SKYWORKS-SI5326 Datasheet
550Kb / 71P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
logo
Silicon Laboratories
SI5326C-C-GM SILABS-SI5326C-C-GM Datasheet
381Kb / 72P
   ANY FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com