Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI5368C-B-GQ Fiches technique(PDF) 10 Page - Silicon Laboratories

No de pièce SI5368C-B-GQ
Description  ANY-RATE PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5368C-B-GQ Fiches technique(HTML) 10 Page - Silicon Laboratories

Back Button SI5368C-B-GQ Datasheet HTML 6Page - Silicon Laboratories SI5368C-B-GQ Datasheet HTML 7Page - Silicon Laboratories SI5368C-B-GQ Datasheet HTML 8Page - Silicon Laboratories SI5368C-B-GQ Datasheet HTML 9Page - Silicon Laboratories SI5368C-B-GQ Datasheet HTML 10Page - Silicon Laboratories SI5368C-B-GQ Datasheet HTML 11Page - Silicon Laboratories SI5368C-B-GQ Datasheet HTML 12Page - Silicon Laboratories SI5368C-B-GQ Datasheet HTML 13Page - Silicon Laboratories SI5368C-B-GQ Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Si5368
10
Preliminary Rev. 0.3
32
42
RATE1
RATE0
I
3-Level
External Crystal or Reference Clock Rate.
Three level inputs that select the type and rate of external crys-
tal or reference clock to be applied to the XA/XB port.
Settings:
HH = No Crystal or Reference Clock. Converts part to a Si5367
device. See Si5367 Data Sheet for operation.
(Wideband).
MM = 114.285 MHz 3rd OT crystal (Narrowband).
LM = 38.88 MHz external clock (Narrowband).
All others = Reserved.
34
35
CKIN2+
CKIN2–
IMULTI
Clock Input 2.
Differential input clock. This input can also be driven with a sin-
gle-ended signal.
39
40
CKIN3+
CKIN3–
IMULTI
Clock Input 3.
Differential clock input. This input can also be driven with a sin-
gle-ended signal. CKIN3 serves as the frame sync input associ-
ated with the CKIN1 clock when CK_CONFIG_REG =1.
44
45
CKIN1+
CKIN1–
IMULTI
Clock Input 1.
Differential clock input. This input can also be driven with a sin-
gle-ended signal.
49
LOL
O
LVCMOS
PLL Loss of Lock Indicator.
This pin functions as the active high PLL loss of lock indicator if
the LOL_PIN register bit is set to one.
0 = PLL locked.
1 = PLL unlocked.
If LOL_PIN = 0, this pin will tristate.
Active polarity is controlled by the LOL_POL bit. The PLL lock
status will always be reflected in the LOL_INT read only register
bit.
54
DEC
I
LVCMOS
Coarse Latency Decrement.
A pulse on this pin decreases the input to output device latency
by 1/fOSC (approximately 200 ps). Detailed operations and tim-
ing characteristics for this pin may be found in the Any-Rate
Precision Clock Family Reference Manual. There is no limit on
the range of latency adjustment by this method. Pin control is
enabled by setting INCDEC_PIN = 1 (default).
If INCDEC_PIN = 0, this pin is ignored and coarse output
latency is controlled via the CLAT register.
If both INC and DEC are tied high, phase buildout is disabled
and the device maintains a fixed-phase relationship between
the selected input clock and the output clock during an input
clock switch. Detailed operations and timing characteristics for
these pins may be found in the Any-Rate Precision Clock Fam-
ily Reference Manual.
This pin has a weak pull-down.
Table 3. Si5368 Pin Descriptions (Continued)
Pin #
Pin Name
I/O
Signal Level
Description
Note: Internal register names are indicated by underlined italics, e.g. INT_PIN. See Si5368 Register Map.


Numéro de pièce similaire - SI5368C-B-GQ

FabricantNo de pièceFiches techniqueDescription
logo
Skyworks Solutions Inc.
SI5368C-C-GQ SKYWORKS-SI5368C-C-GQ Datasheet
824Kb / 92P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
More results

Description similaire - SI5368C-B-GQ

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
SI5319 SILABS-SI5319 Datasheet
257Kb / 16P
   ANY-RATE PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
SI5326 SILABS-SI5326 Datasheet
619Kb / 16P
   ANY-RATE PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
SI5369 SILABS-SI5369 Datasheet
518Kb / 84P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
logo
Skyworks Solutions Inc.
SI5368 SKYWORKS-SI5368 Datasheet
824Kb / 92P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
logo
Silicon Laboratories
SI5324C-C-GM SILABS-SI5324C-C-GM Datasheet
518Kb / 72P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/ JITTER ATTENUATOR
SI5327 SILABS-SI5327 Datasheet
1Mb / 60P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
logo
Skyworks Solutions Inc.
SI5319 SKYWORKS-SI5319 Datasheet
1Mb / 50P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
SI5327 SKYWORKS-SI5327 Datasheet
1Mb / 60P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
SI5326 SKYWORKS-SI5326 Datasheet
550Kb / 71P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
logo
Silicon Laboratories
SI5326C-C-GM SILABS-SI5326C-C-GM Datasheet
381Kb / 72P
   ANY FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com