Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI5365 Fiches technique(PDF) 9 Page - Silicon Laboratories

No de pièce SI5365
Description  PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5365 Fiches technique(HTML) 9 Page - Silicon Laboratories

Back Button SI5365 Datasheet HTML 5Page - Silicon Laboratories SI5365 Datasheet HTML 6Page - Silicon Laboratories SI5365 Datasheet HTML 7Page - Silicon Laboratories SI5365 Datasheet HTML 8Page - Silicon Laboratories SI5365 Datasheet HTML 9Page - Silicon Laboratories SI5365 Datasheet HTML 10Page - Silicon Laboratories SI5365 Datasheet HTML 11Page - Silicon Laboratories SI5365 Datasheet HTML 12Page - Silicon Laboratories SI5365 Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Si5365
Preliminary Rev. 0.34
9
12
ALRMOUT
O
LVCMOS
Alarm Output Indicator.
This pin is an active high alarm output associated with CKIN4 or the
frame sync alignment alarm.
0 = ALRMOUT not active.
1 = ALRMOUT active.
13
57
CS0_C3A
CS1_C4A
I/O
LVCMOS
Input Clock Select/CKINn Active Clock Indicator.
If manual clock selection mode is chosen (AUTOSEL = 1), the CS[1:0]
pins function as the manual input clock selector control.
These inputs are internally deglitched to prevent inadvertent clock
switching during changes in the CSn input state.
If automatic clock detection is chosen (AUTOSEL = M or H), these pins
function as the CKINn active clock indicator output.
0 = CKINn is not the active input clock.
1 = CKINn is currently the active input clock to the PLL.
This pin has a weak pull-down.
22
AUTOSEL
I
3-Level
Manual/Automatic Clock Selection.
Three level input that selects the method of input clock selection to be
used.
L = Manual.
M = Automatic non-revertive.
H = Automatic revertive.
29
30
CKIN4+
CKIN4–
IMULTI
Clock Input 4.
Differential clock input. This input can also be driven with a single-ended
signal.
34
35
CKIN2+
CKIN2–
IMULTI
Clock Input 2.
Differential input clock. This input can also be driven with a single-ended
signal.
37
DBL2_BY
I
3-Level
CKOUT2 Disable/PLL Bypass Mode Control.
Controls enable of CKOUT2 divider/output buffer path and PLL bypass
mode.
L = CKOUT2 Enabled.
M = CKOUT2 Disabled.
H = BYPASS Mode with CKOUT2 enabled.
39
40
CKIN3+
CKIN3–
IMULTI
Clock Input 3.
Differential clock input. This input can also be driven with a single-ended
signal.
44
45
CKIN1+
CKIN1–
IMULTI
Clock Input 1.
Differential clock input. This input can also be driven with a single-ended
signal.
Table 3. Si5365 Pin Descriptions (Continued)
Pin #
Pin Name I/O Signal Level
Description
CS[1:0]
Active Input Clock
00
CKIN1
01
CKIN2
10
CKIN3
11
CKIN4


Numéro de pièce similaire - SI5365

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
Si5365 SILABS-Si5365 Datasheet
341Kb / 50P
   Pin-Controlled 1_710 MHz Jitter Cleaning Clock
logo
Skyworks Solutions Inc.
SI5365 SKYWORKS-SI5365 Datasheet
592Kb / 27P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
Rev. 1.0
SI5365 SKYWORKS-SI5365 Datasheet
1Mb / 72P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/ JITTER ATTENUATOR
Rev. 1.1
SI5365-C-GQ SKYWORKS-SI5365-C-GQ Datasheet
592Kb / 27P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
Rev. 1.0
More results

Description similaire - SI5365

FabricantNo de pièceFiches techniqueDescription
logo
Skyworks Solutions Inc.
SI5365 SKYWORKS-SI5365 Datasheet
592Kb / 27P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
Rev. 1.0
SI5322 SKYWORKS-SI5322 Datasheet
344Kb / 24P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
Rev. 1.0
logo
Silicon Laboratories
SI5322 SILABS-SI5322 Datasheet
213Kb / 16P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
logo
Skyworks Solutions Inc.
SI5323 SKYWORKS-SI5323 Datasheet
2Mb / 40P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.1
logo
Silicon Laboratories
SI5323 SILABS-SI5323 Datasheet
647Kb / 16P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
SI5325 SILABS-SI5325 Datasheet
228Kb / 14P
   UP-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
logo
Skyworks Solutions Inc.
SI5325 SKYWORKS-SI5325 Datasheet
1Mb / 62P
   μP-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
Rev. 1.0
logo
Silicon Laboratories
SI5367 SILABS-SI5367 Datasheet
253Kb / 18P
   關P-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
SI5310 SILABS-SI5310 Datasheet
516Kb / 26P
   PRECISION CLOCK MULTIPLIER/REGENERATOR IC
SI5366 SILABS-SI5366 Datasheet
763Kb / 20P
   PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com