Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI5018 Fiches technique(PDF) 11 Page - Silicon Laboratories

No de pièce SI5018
Description  SiPHY??OC-48/STM-16 CLOCK AND DATA RECOVERY IC WITH FEC
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5018 Fiches technique(HTML) 11 Page - Silicon Laboratories

Back Button SI5018 Datasheet HTML 7Page - Silicon Laboratories SI5018 Datasheet HTML 8Page - Silicon Laboratories SI5018 Datasheet HTML 9Page - Silicon Laboratories SI5018 Datasheet HTML 10Page - Silicon Laboratories SI5018 Datasheet HTML 11Page - Silicon Laboratories SI5018 Datasheet HTML 12Page - Silicon Laboratories SI5018 Datasheet HTML 13Page - Silicon Laboratories SI5018 Datasheet HTML 14Page - Silicon Laboratories SI5018 Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
Si5018
Rev. 1.2
11
low noise and stability of the DSPLL, under the
condition where data is removed from the inputs, there
is the possibility that the PLL will not drift enough to
render an out-of-lock condition.
If REFCLK is removed, the LOL output alarm is always
asserted when it has been determined that no activity
exists on REFCLK, indicating the frequency lock status
of the PLL is unknown.
Note: LOL is not asserted during PWRDN/CAL.
PLL Performance
The PLL implementation used in the Si5018 is fully
compliant with the jitter specifications proposed for
SONET/SDH equipment by Bellcore GR-253-CORE,
Issue 2, December 1995 and ITU-T G.958.
Jitter Tolerance
The Si5018’s tolerance to input jitter exceeds that of the
Bellcore/ITU mask shown in Figure 4. This mask
defines the level of peak-to-peak sinusoid jitter that
must be tolerated when applied to the differential data
input of the device.
Jitter Transfer
The Si5018 is fully compliant with the relevant Bellcore/
ITU specifications related to SONET/SDH jitter transfer.
Jitter transfer is defined as the ratio of output signal jitter
to input signal jitter as a function of jitter frequency (see
Figure 5). These measurements are made with an input
test signal that is degraded with sinusoidal jitter whose
magnitude is defined by the mask in Figure 4.
Jitter Generation
The Si5018 exceeds all relevant specifications for jitter
generation proposed for SONET/SDH equipment. The
jitter generation specification defines the amount of jitter
that may be present on the recovered clock and data
outputs when a jitter free input signal is provided. The
Si5018 generates less than 3.0 mUIrms of jitter when
presented with jitter free input data.
Figure 4. Jitter Tolerance Specification
Figure 5. Jitter Transfer Specification
Powerdown
The Si5018 provides a powerdown pin, PWRDN/CAL,
that disables the output drivers (DOUT, CLKOUT).
When the PWRDN/CAL pin is driven high, the positive
and negative terminals of CLKOUT and DOUT are each
tied to VDD through 100
Ω on-chip resistors. This
feature is useful in reducing power consumption in
applications that employ redundant serial channels.
When PWRDN/CAL is released (set to low) the digital
logic resets to a known initial condition, recalibrates the
DSPLL, and will begin to lock to the data stream.
f0
f1
f2
f3
ft
Frequency
0.15
1.5
15
Sinusoidal
Input
Jitter (UI
PP)
20 dB/Decade Slope
SONET
Data Rate
F0
(Hz)
F1
(Hz)
F2
(Hz)
F3
(kHz)
Ft
(kHz)
OC- 48
10
600
6000
100
1000
Fc
Frequenc y
Jitter
Trans f er
0.1 dB
A c c eptable
Range
20 dB / Dec ade
Slope
SONET
Da ta Ra te
OC- 48
Fc
(kHz )
2000


Numéro de pièce similaire - SI5018

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
SI5018-EVB SILABS-SI5018-EVB Datasheet
262Kb / 10P
   Simple jumper configuration
More results

Description similaire - SI5018

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADN2811 AD-ADN2811 Datasheet
359Kb / 16P
   OC-48/OC-48 FEC Clock and Data Recovery IC with Integrated Limiting Amp
REV. A
ADN2811 AD-ADN2811_15 Datasheet
485Kb / 20P
   OC-48/OC-48 FEC Clock and Data Recovery IC with Integrated Limiting Amp
REV. B
logo
OPLINK Communications I...
SRC48-0413 OPLINK-SRC48-0413 Datasheet
762Kb / 4P
   OC-48/STM-16 Receiver with Clock Recovery
logo
Silicon Laboratories
SI5110 SILABS-SI5110 Datasheet
415Kb / 26P
   SiPHY??OC-48/STM-16 SONET/SDH TRANSCEIVER
SI5100 SILABS-SI5100 Datasheet
495Kb / 40P
   SiPHY??OC-48/STM-16 SONET/SDH TRANSCEIVER
logo
OPLINK Communications I...
SRX48-0415 OPLINK-SRX48-0415 Datasheet
665Kb / 4P
   OC-48/STM-16 Receiver without Clock Recovery
logo
Renesas Technology Corp
894D115I-01 RENESAS-894D115I-01 Datasheet
423Kb / 17P
   OC-12/STM-4 and OC-3/STM-1 Clock/Data Recovery Device
Rev C 2/19/15
894D115I-04 RENESAS-894D115I-04 Datasheet
441Kb / 16P
   OC-12/STM-4 AND OC-3/STM-1 Clock/Data Recovery Device
January 27, 2016
logo
Vitesse Semiconductor C...
VSC8169 VITESSE-VSC8169 Datasheet
185Kb / 18P
   OC-48 (FEC) 16:1 SONET/SDH MUX with Clock Generator
logo
OPLINK Communications I...
STX48-0414 OPLINK-STX48-0414 Datasheet
407Kb / 4P
   OC-48/STM-16 Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com