Moteur de recherche de fiches techniques de composants électroniques |
|
SI3230M-X-GM Fiches technique(PDF) 8 Page - Silicon Laboratories |
|
SI3230M-X-GM Fiches technique(HTML) 8 Page - Silicon Laboratories |
8 / 108 page Si3230 8 Preliminary Rev. 0.96 Trapezoidal Ring Crest Factor Accuracy Crest factor = 1.3 –.05 — .05 Sinusoidal Ring Crest Factor RCF 1.35 — 1.45 Ringing Frequency Accuracy f = 20 Hz –1 — 1 % Ringing Cadence Accuracy Accuracy of ON/OFF Times –50 — 50 ms Calibration Time ↑CAL to ↓CAL Bit — — 600 ms Power Alarm Threshold Accuracy At Power Threshold = 300 mW –25 — 25 % *Note: DC resistance round trip; 160 Ω corresponds to 2 kft 26 gauge AWG. Table 5. Monitor ADC Characteristics (VDDA, VDDD = 3.13 to 5.25 V, TA = 0 to 70°C for K-Grade, –40 to 85°C for B-Grade) Parameter Symbol Test Condition Min Typ Max Unit Differential Nonlinearity (6-bit resolution) DNLE –1/2 — 1/2 LSB Integral Nonlinearity (6-bit resolution) INLE –1 — 1 LSB Gain Error (voltage) — — 10 % Gain Error (current) — — 20 % Table 6. Si3230 DC Characteristics, VDDA = VDDD = 5.0 V (VDDA,VDDD = 4.75 V to 5.25 V, TA = 0 to 70°C for K-Grade, –40 to 85°C for B-Grade) Parameter Symbol Test Condition Min Typ Max Unit High Level Input Voltage VIH 0.7 x VDDD —— V Low Level Input Voltage VIL —— 0.3 x VDD D V High Level Output Voltage VOH DIO1,DIO2,SDITHRU:IO = –4 mA SDO:IO = –8 mA VDDD – 0.6 — — V DOUT: IO = –40 mA VDDD – 0.8 — — V Low Level Output Voltage VOL DIO1,DIO2,DOUT,SDITHRU: IO = 4 mA SDO,INT:IO = 8 mA —— 0.4 V Input Leakage Current IL –10 — 10 µA Table 4. Linefeed Characteristics (Continued) (VDDA, VDDD = 3.13 to 5.25 V, TA = 0 to 70°C for K-Grade, –40 to 85°C for B-Grade) Parameter Symbol Test Condition Min Typ Max Unit |
Numéro de pièce similaire - SI3230M-X-GM |
|
Description similaire - SI3230M-X-GM |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |