Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI3010-F-FS Fiches technique(PDF) 7 Page - Silicon Laboratories

No de pièce SI3010-F-FS
Description  V.22BIS ISOMODEM짰 WITH INTEGRATED GLOBAL DAA
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3010-F-FS Fiches technique(HTML) 7 Page - Silicon Laboratories

Back Button SI3010-F-FS Datasheet HTML 3Page - Silicon Laboratories SI3010-F-FS Datasheet HTML 4Page - Silicon Laboratories SI3010-F-FS Datasheet HTML 5Page - Silicon Laboratories SI3010-F-FS Datasheet HTML 6Page - Silicon Laboratories SI3010-F-FS Datasheet HTML 7Page - Silicon Laboratories SI3010-F-FS Datasheet HTML 8Page - Silicon Laboratories SI3010-F-FS Datasheet HTML 9Page - Silicon Laboratories SI3010-F-FS Datasheet HTML 10Page - Silicon Laboratories SI3010-F-FS Datasheet HTML 11Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 76 page
background image
Si2401
Rev. 1.0
7
Table 4. AC Characteristics
(VD = 3.0 to 3.6 V, TA = 0 to 70 °C for F-Grade, Fs = 8 kHz)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Sample Rate
Fs
8
kHz
Clock Input Frequency
FXTL
default
4.9152
MHz
Clock Input Frequency
FXTL
<10 k
Ω resistor between DCD
and GND
—27—
MHz
Receive Frequency Response
Low –3 dBFS Corner, FILT = 0
5
Hz
Receive Frequency Response
Low –3 dBFS Corner, FILT = 1
200
Hz
Transmit Full Scale Level1
VFS
—1.1
VPEAK
Receive Full Scale Level1,2
VFS
—1.1
VPEAK
Dynamic Range3
DR
ILIM = 0, DCV = 11, MINI = 00
DCR = 0, IL = 100 mA
—80—
dB
Dynamic Range3
DR
ILIM = 0, DCV = 00, MINI = 11
DCR = 0, IL =20mA
—80—
dB
Dynamic Range3
DR
ILIM = 1, DCV = 11, MINI = 00
DCR = 0, IL =50mA
—80—
dB
Transmit Total Harmonic
Distortion4
THD
ILIM = 0, DCV = 11, MINI = 00
DCR = 0, IL = 100 mA
—–72
dB
Transmit Total Harmonic
Distortion4
THD
ILIM = 0, DCV = 00, MINI = 11
DCR = 0, IL =20mA
—–78
dB
Receive Total Harmonic
Distortion4
THD
ILIM = 0, DCV = 00, MINI = 11
DCR = 0, IL =20mA
—–78
dB
Receive Total Harmonic
Distortion4
THD
ILIM = 1,DCV = 11, MINI=00
DCR = 0, IL =50mA
—–78
dB
Dynamic Range (Caller ID Mode)
DRCID
VIN = 1 kHz, –13 dBm
50
dB
Notes:
1. Measured at TIP and RING with 600
Ω termination at 1 kHz, as shown in Figure 1 on page 6.
2. Receive full scale level produces –0.9 dBFS at DTX.
3. DR = 20 x log |Vin| + 20 x log (rms signal/rms noise). Applies to both transmit and receive paths. Vin = 1 kHz, –3 dBFS.
4. Vin = 1 kHz, –3 dBFS. THD = 20 x log (rms distortion/rms signal).


Numéro de pièce similaire - SI3010-F-FS

FabricantNo de pièceFiches techniqueDescription
logo
Skyworks Solutions Inc.
SI3010-F-FS SKYWORKS-SI3010-F-FS Datasheet
1,014Kb / 60P
   V.90, V.34, V.32BIS, V.22BIS ISOMODEM® WITH GLOBAL DAA
Rev. 1.3
More results

Description similaire - SI3010-F-FS

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
SI2400 SILABS-SI2400 Datasheet
1Mb / 94P
   V.22BIS ISOMODEM짰 WITH INTEGRATED GLOBAL DAA
logo
List of Unclassifed Man...
SI2400 ETC-SI2400 Datasheet
1Mb / 76P
   V.22BIS ISOMODEM??WITH INTEGRATED GLOBAL DAA
SI2401 ETC-SI2401 Datasheet
935Kb / 74P
   V.22BIS ISOMODEM WITH INTEGRATED GLOBAL DAA
logo
Silicon Laboratories
SI3008 SILABS-SI3008 Datasheet
874Kb / 72P
   V.22BIS ISOMODEM짰 WITH LOW-COST DAA
logo
Skyworks Solutions Inc.
SI2401 SKYWORKS-SI2401 Datasheet
2Mb / 75P
   V.22BIS ISOMODEM® WITH INTEGRATED GLOBAL DAA
Revision 0.7 to Revision 0.9
logo
Silicon Laboratories
SI2456-FT SILABS-SI2456-FT Datasheet
829Kb / 74P
   V.90, V.34, V.32BIS ISOMODEM짰 CHIPSET WITH INTEGRATED GLOBAL DAA
SI2457 SILABS-SI2457 Datasheet
971Kb / 74P
   V.90, V.34, V.32BIS, V.22BIS ISOMODEM WITH GLOBAL DAA
logo
Skyworks Solutions Inc.
SI2457 SKYWORKS-SI2457 Datasheet
1,014Kb / 60P
   V.90, V.34, V.32BIS, V.22BIS ISOMODEM® WITH GLOBAL DAA
Rev. 1.3
logo
Silicon Laboratories
SI2401-FSR SILABS-SI2401-FSR Datasheet
751Kb / 72P
   V.22BIS ISOMODEM WITH LOW-COST DAA
SI2456 SILABS-SI2456 Datasheet
1Mb / 86P
   V.90, V.34, V.32BIS ISOMODEM??WITH INTEGRATED GLOBAL DAA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com