Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BD243B Fiches technique(PDF) 3 Page - Power Innovations Ltd

No de pièce BD243B
Description  NPN SILICON POWER TRANSISTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  POINN [Power Innovations Ltd]
Site Internet  http://www.bourns.com
Logo POINN - Power Innovations Ltd

BD243B Fiches technique(HTML) 3 Page - Power Innovations Ltd

  BD243B Datasheet HTML 1Page - Power Innovations Ltd BD243B Datasheet HTML 2Page - Power Innovations Ltd BD243B Datasheet HTML 3Page - Power Innovations Ltd BD243B Datasheet HTML 4Page - Power Innovations Ltd BD243B Datasheet HTML 5Page - Power Innovations Ltd BD243B Datasheet HTML 6Page - Power Innovations Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
JUNE 1973 - REVISED MARCH 1997
BD243, BD243A, BD243B, BD243C
NPN SILICON POWER TRANSISTORS
PRODUCT
INFORMATION
TYPICAL CHARACTERISTICS
Figure 1.
Figure 2.
Figure 3.
TYPICAL DC CURRENT GAIN
vs
COLLECTOR CURRENT
I
C - Collector Current - A
0·1
1·0
10
1·0
10
100
1000
TCS633AH
V
CE = 4 V
T
C = 25°C
t
p = 300 µs, duty cycle < 2%
COLLECTOR-EMITTER SATURATION VOLTAGE
vs
BASE CURRENT
I
B - Base Current - A
0·001
0·01
0·1
1·0
10
0·01
0·1
1·0
10
TCS633AE
I
C = 300 mA
I
C =
1 A
I
C =
3 A
I
C =
6 A
BASE-EMITTER VOLTAGE
vs
COLLECTOR CURRENT
I
C - Collector Current - A
0·1
1·0
10
0·6
0·7
0·8
0·9
1·0
1·1
1·2
TCS633AF
V
CE = 4 V
T
C = 25°C


Numéro de pièce similaire - BD243B

FabricantNo de pièceFiches techniqueDescription
logo
Mospec Semiconductor
BD243B MOSPEC-BD243B Datasheet
127Kb / 3P
   POWER TRANSISTORS(6A,65W)
logo
Bourns Electronic Solut...
BD243B BOURNS-BD243B Datasheet
1Mb / 4P
   Designed for Complementary Use with the BD244 Series
logo
Motorola, Inc
BD243B MOTOROLA-BD243B Datasheet
140Kb / 6P
   Complementary Silicon Plastic Power Transistors
logo
Inchange Semiconductor ...
BD243B ISC-BD243B Datasheet
191Kb / 2P
   isc Silicon NPN Power Transistor
logo
ON Semiconductor
BD243B ONSEMI-BD243B Datasheet
140Kb / 6P
   POWER TRANSISTORS COMPLEMENTARY SILICON
1995 REV 7
More results

Description similaire - BD243B

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MJ8504 MOTOROLA-MJ8504 Datasheet
416Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Texas Instruments
TIPL751 TI-TIPL751 Datasheet
224Kb / 7P
[Old version datasheet]   NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIPL765 TRSYS-TIPL765 Datasheet
805Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Siemens Semiconductor G...
BU208 SIEMENS-BU208 Datasheet
100Kb / 4P
   NPN SILICON POWER TRANSISTORS
BUX80 SIEMENS-BUX80 Datasheet
117Kb / 5P
   NPN SILICON POWER TRANSISTORS
BUX84 SIEMENS-BUX84 Datasheet
106Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6676 BOCA-2N6676 Datasheet
144Kb / 3P
   NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP47 ONSEMI-TIP47 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
2N5301 ONSEMI-2N5301 Datasheet
251Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995
2N5655 ONSEMI-2N5655 Datasheet
176Kb / 4P
   POWER TRANSISTORS NPN SILICON
April, 2002 ??Rev. 7
2N6338 ONSEMI-2N6338 Datasheet
155Kb / 4P
   POWER TRANSISTORS NPN SILICON
May, 2001 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com