Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC898023KW Fiches technique(PDF) 8 Page - Sanyo Semicon Device

No de pièce LC898023KW
Description  40쨈 Playback/16쨈 Write CD-R/RW Encoder/Decoder IC with Built-in SCSI Interface
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC898023KW Fiches technique(HTML) 8 Page - Sanyo Semicon Device

Back Button LC898023KW Datasheet HTML 4Page - Sanyo Semicon Device LC898023KW Datasheet HTML 5Page - Sanyo Semicon Device LC898023KW Datasheet HTML 6Page - Sanyo Semicon Device LC898023KW Datasheet HTML 7Page - Sanyo Semicon Device LC898023KW Datasheet HTML 8Page - Sanyo Semicon Device LC898023KW Datasheet HTML 9Page - Sanyo Semicon Device LC898023KW Datasheet HTML 10Page - Sanyo Semicon Device LC898023KW Datasheet HTML 11Page - Sanyo Semicon Device LC898023KW Datasheet HTML 12Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
No. 6614-8/13
LC898023KW, 898023KL
Continued from preceding page.
Pin No.
Pin name
Type
Pin function
106
SLCO3
O
EFM slice level output
107
EFMIN
I
EFM input
108
EFMIN2
I
109
TEST4
I
Test pin. This pin must be tied to VSS.
110
JITC
O
Jitter output
111
RPO
O
P/N balance adjustment
112
OPP
I
113
PCKISTF
I
Frequency comparator charge pump
114
PCKISTP
I
Phase comparator charge pump
115
VSS
P
Analog system ground (VSS)
116
VDD
P
Analog system power supply (3.3 V)
117
PDO
O
Charge pump filter
118
PDS1
O
Charge pump selection
119
PDS2
O
120
VDD
P
Digital system power supply (3.3 V)
121
VSS
P
Digital system ground (VSS)
122
PDS3
O
Charge pump selection
123
FR
I
VCO frequency setting
124
TEST2
I
Test pin. This pin must be tied to VSS.
125
TEST3
I
DRAM voltage (5 V/3.3 V) selection pin
126
CSS
I
Center servo input pin
127
AD0
I
AD input
128
RREC
I
Optical signal discrimination input
129
FE
I
FE input
130
TE
I
TE input
131
VREF
I
VREF input
132
AD1
I
AD input
133
VSS
P
Analog system ground (VSS)
134
DA0
O
DA output
135
DA1
O
DA output
136
DA2
O
DA output
137
TDO
O
Tracking output
138
VDD
P
Analog system power supply (5 V)
139
VSS
P
Analog system ground (VSS)
140
FDO
O
Focus output
141
SLDO
O
Sled output
142
SPDO
O
Spindle output
143
VSS
P
Digital system ground (VSS)
144
VDD
P
Digital system power supply (3.3 V)
145
SUBSYNC
O
Subcode SYNC signal
146
EFMG
O
EFM gate signal
147
SHOCK
O
Shock detection signal output
148
LOCK
O
PLL lock state output
149
DEF
I
Defect detection signal input
150
HFL
I
Mirror detection signal input
151
TES
I
TES comparator input
152
EFMO
O
Post-binarization EFM signal output
153
LDON
O
Laser control
154
FG
I
FG input
155
PCK2
O
PCK output
156
VDD
P
Digital system power supply (5 V)
157
VSS
P
Digital system ground (VSS)
158
XTALCK1
I
SCSI interface crystal oscillator circuit input (20 MHz)
159
XTAL1
O
SCSI interface crystal oscillator circuit output
160
DB0
B
SCSI connection
Continued on next page.


Numéro de pièce similaire - LC898023KW

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC898023 SANYO-LC898023 Datasheet
108Kb / 13P
   LC898023
More results

Description similaire - LC898023KW

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC898093 SANYO-LC898093 Datasheet
64Kb / 13P
   40쨈 Playback/12쨈 Write CD-R/RW Encoder/Decoder IC with Built-in ATAPI Interface
LC895926 SANYO-LC895926 Datasheet
68Kb / 7P
   CD-R Encoder/Decoder IC with Built-in SCSI Interface
logo
Cirrus Logic
CL-CR3470 CIRRUS-CL-CR3470 Datasheet
122Kb / 4P
   ATAPI CD-R/RW Encoder/Decoder
July 1998
logo
Sanyo Semicon Device
LC895126 SANYO-LC895126 Datasheet
88Kb / 7P
   CD-ROM Decoder with Built-in SCSI Interface
LC895994 SANYO-LC895994 Datasheet
65Kb / 7P
   CD-R Encoder/Decoder LSI with Built-in ATAPI (IDE) Interface
logo
Samsung semiconductor
MAX-B550 SAMSUNG-MAX-B550 Datasheet
6Mb / 24P
   THREE-CD CHANGER MINI-COMPACT SYSTEM CD-R/RW PLAYBACK
logo
Sanyo Semicon Device
LC89512W SANYO-LC89512W Datasheet
52Kb / 5P
   CD-ROM Error Correction LSI with Built-In SCSI Interface
LC895127 SANYO-LC895127 Datasheet
53Kb / 8P
   40 x CD-ROM Decoder with SCSI Interface
logo
Rohm
BB6381KU ROHM-BB6381KU Datasheet
166Kb / 6P
   Control IC for CD-R/RW drive
logo
NXP Semiconductors
SAA7391 PHILIPS-SAA7391 Datasheet
370Kb / 108P
   ATAPI CD-R block encoder/decoder
1997 Aug 01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com