Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC750512E Fiches technique(PDF) 5 Page - Sanyo Semicon Device

No de pièce LC750512E
Description  CMOS IC Audistry support Audio DSP
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC750512E Fiches technique(HTML) 5 Page - Sanyo Semicon Device

  LC750512E Datasheet HTML 1Page - Sanyo Semicon Device LC750512E Datasheet HTML 2Page - Sanyo Semicon Device LC750512E Datasheet HTML 3Page - Sanyo Semicon Device LC750512E Datasheet HTML 4Page - Sanyo Semicon Device LC750512E Datasheet HTML 5Page - Sanyo Semicon Device LC750512E Datasheet HTML 6Page - Sanyo Semicon Device LC750512E Datasheet HTML 7Page - Sanyo Semicon Device LC750512E Datasheet HTML 8Page - Sanyo Semicon Device LC750512E Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
LC750512E
No.A0179-5/9
Analog Characteristics
Conditions: AVDD = 5V, BVDD = CVDD = 3.3V, DVDD = 1.8V, fs = 48kHz, audio signal frequency = 1kHz
Frequency bandwidth measured from A/D input to volume output: 10Hz to 20kHz, with a SANYO DSP evaluation
board used
Test circuit configured with circuits externally attached to LC750512E; tested with signals passed straight through the
DSP at room temperature using an audio analyzer (System 2) as the test device
Ratings
Parameter
min
typ
max
unit
Conditions
S/N
80
90
dB
A-weighted, input conditions: 2Vp-p
Dynamic range
80
90
dB
A-weighted
THD+N
-75
-70
dB
Input conditions: 1.5Vp-p, See Note.
Note: THD+N denotes the characteristics at which the input (1.5Vp-p) reduced by 3dB from the full-scale input is
optimum.
Conditions: AVDD = 5V, BVDD = CVDD = 3.3V, DVDD = 1.8V, fs = 48kHz, audio signal frequency = 1kHz
Frequency bandwidth measured from digital input to volume output: 10Hz to 20kHz, SANYO DSP evaluation board
used
Test circuit configured with circuits externally attached to LC750512E; tested with signals passed straight through the
DSP at room temperature using an audio analyzer (System2) as the test device
Ratings
Parameter
min
typ
max
unit
Conditions
S/N
83
93
dB
A-weighted, input conditions: 0dBFS
Dynamic range
83
93
dB
A-weighted
THD+N
-75
-70
dB
Input conditions: -3dBFS, See Note.
Note: THD+N denotes the characteristics at which the input reduced by 3dB from the full-scale input is optimum.
Package Dimensions
unit : mm
3255
SANYO : QFP80(14X14)
14.0
17.2
0.15
0.25
0.65
(0.83)
1
20
21
40
41
60
80
61


Numéro de pièce similaire - LC750512E

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC75051E SANYO-LC75051E Datasheet
82Kb / 9P
   CMOS IC Lip-Sync Enabling Audio DSP
More results

Description similaire - LC750512E

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC75051E SANYO-LC75051E Datasheet
82Kb / 9P
   CMOS IC Lip-Sync Enabling Audio DSP
logo
Cirrus Logic
CS48DV2B CIRRUS-CS48DV2B_09 Datasheet
489Kb / 26P
   32-bit Audio DSP for Dedicated Dolby Volume and Audistry by Dolby
CS48DV2B CIRRUS-CS48DV2B Datasheet
487Kb / 26P
   32-bit Audio DSP for Dedicated Dolby Volume and Audistry by Dolby
logo
ON Semiconductor
LC75056PE ONSEMI-LC75056PE Datasheet
259Kb / 28P
   Car Audio DSP
March 2015 - Rev. 2
LC75055PE ONSEMI-LC75055PE Datasheet
293Kb / 26P
   Car Audio DSP
April, 2014
logo
Rohm
BU9414FV ROHM-BU9414FV Datasheet
1Mb / 61P
   32bit Audio DSP
BU9409FV ROHM-BU9409FV_12 Datasheet
1Mb / 58P
   32bit Audio DSP
logo
HuaXinAn Electronics CO...
AK7736BVQ HUAXINAN-AK7736BVQ Datasheet
1Mb / 22P
   Audio/HF DSP
logo
Sanyo Semicon Device
LC89058W SANYO-LC89058W Datasheet
289Kb / 64P
   CMOS IC Digital Audio Interface Receiver
LC75010W SANYO-LC75010W Datasheet
128Kb / 12P
   LC75010W Car Audio DSP
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com