Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC75051E Fiches technique(PDF) 1 Page - Sanyo Semicon Device

No de pièce LC75051E
Description  CMOS IC Lip-Sync Enabling Audio DSP
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75051E Fiches technique(HTML) 1 Page - Sanyo Semicon Device

  LC75051E Datasheet HTML 1Page - Sanyo Semicon Device LC75051E Datasheet HTML 2Page - Sanyo Semicon Device LC75051E Datasheet HTML 3Page - Sanyo Semicon Device LC75051E Datasheet HTML 4Page - Sanyo Semicon Device LC75051E Datasheet HTML 5Page - Sanyo Semicon Device LC75051E Datasheet HTML 6Page - Sanyo Semicon Device LC75051E Datasheet HTML 7Page - Sanyo Semicon Device LC75051E Datasheet HTML 8Page - Sanyo Semicon Device LC75051E Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
83006 / 61506HKIM No.A0178-1/9
LC75051E
Overview
The LC75051E is a single-chip audio DSP equipped with an Audio interface unit with features such as audio algorithm
and lip-sync functions, which are required by audio/video-related products for which higher and higher sound quality
levels are being demanded. The microcontroller has a CCB (Computer Control Bus) and I
2C (Inter-Integrated Circuit)
–support interface.
Features
1. Hardware configuration that allows installation of audio algorithm functions related to audio/video products
• Program ROM: 24 bits×8K words
• Data RAM: 24 bits×4K words×2 planes, 24 bits×1K words×2 planes
• Audio interface: I2S input, MSB first right justified, MSB first left justified (1 port)
• Audio interface: I2S output, MSB first right justified, MSB first left justified (3 ports)
• Analog input: 1 port (2 channel stereo), Analog output: 1 port (2 channel stereo)
2. Audio algorithms for audio/video-related products installed
• Lip sync function (correcting time lags up to 80ms between audio and video at a 48kHz sampling frequency)
• Low frequency enhancement function (S-Live: SANYO Low frequency Intelligence Virtual Excitation)
• Surround function (Digital AViSS: Digital Acoustic Virtual Sound System)
• Equalizer function (3 bands/channel, common to L and R channels)
• Volume control function (0 to –79dB, in 1dB increments, -∞)
• Bass/treble/middle control (±18dB in 1dB increments) and other basic control functions
• Wide variety of audio processing functions
Audio processing functions already installed in LC75051E
Effect
Algorithm (Name)
Remarks
Low frequency enhancement
S-Live
SANYO’s proprietary low frequency enhancement algorithm
Surround
Digital AViSS
SANYO’s proprietary sound field control algorithm
Ordering number : EN*A0178
CMOS IC
Lip-Sync Enabling Audio DSP
Any and all SANYO Semiconductor products described or contained herein do not have specifications
that can handle applications that require extremely high levels of reliability, such as life-support systems,
aircraft's control systems, or other applications whose failure can be reasonably expected to result in
serious physical and/or material damage. Consult with your SANYO Semiconductor representative
nearest you before usingany SANYO Semiconductor products described or contained herein in such
applications.
SANYO Semiconductor assumes no responsibility for equipment failures that result from using products
at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition
ranges, or other parameters) listed in products specifications of any and all SANYO Semiconductor
products described or contained herein.


Numéro de pièce similaire - LC75051E

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC750512E SANYO-LC750512E Datasheet
84Kb / 9P
   CMOS IC Audistry support Audio DSP
More results

Description similaire - LC75051E

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA5052 TI-TPA5052 Datasheet
261Kb / 10P
[Old version datasheet]   STEREO DIGITAL AUDIO LIP-SYNC DELAY
logo
Renesas Technology Corp
R2S15901SP RENESAS-R2S15901SP Datasheet
200Kb / 8P
   Digital Delay IC for Lip Sync
logo
Sanyo Semicon Device
LC750512E SANYO-LC750512E Datasheet
84Kb / 9P
   CMOS IC Audistry support Audio DSP
logo
Texas Instruments
TPA5050 TI-TPA5050_07 Datasheet
859Kb / 21P
[Old version datasheet]   STEREO DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
TPA5050 TI-TPA5050 Datasheet
486Kb / 17P
[Old version datasheet]   STEREO DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
TPA5050 TI-TPA5050_08 Datasheet
888Kb / 21P
[Old version datasheet]   STEREO DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
logo
Nippon Precision Circui...
SM5921A NPC-SM5921A Datasheet
152Kb / 27P
   8-channel Lip Sync Delay
logo
Texas Instruments
TPA5051 TI-TPA5051 Datasheet
511Kb / 19P
[Old version datasheet]   FOUR CHANNEL DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
TPA5051 TI-TPA5051_07 Datasheet
794Kb / 21P
[Old version datasheet]   FOUR CHANNEL DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
logo
ON Semiconductor
LC75056PE ONSEMI-LC75056PE Datasheet
259Kb / 28P
   Car Audio DSP
March 2015 - Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com