Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SS24D50 Fiches technique(PDF) 1 Page - Teledyne Technologies Incorporated

No de pièce SS24D50
Description  Output to 75A, 510 Vac Solid-State Relay with Diagnostic
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TELEDYNE [Teledyne Technologies Incorporated]
Site Internet  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

SS24D50 Fiches technique(HTML) 1 Page - Teledyne Technologies Incorporated

  SS24D50 Datasheet HTML 1Page - Teledyne Technologies Incorporated SS24D50 Datasheet HTML 2Page - Teledyne Technologies Incorporated SS24D50 Datasheet HTML 3Page - Teledyne Technologies Incorporated SS24D50 Datasheet HTML 4Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2003 TELEDYNE RELAYS
(800) 284-7007 • www.teledynerelays.com
SS Page 1
SS/052002\Q1
NEW Series SS
Output to 75A, 510 Vac
Solid-State Relay with Diagnostic
Part Number
Description
SS24D50
50A, 70–280 Vac with diagnostic
SS24D75
75A, 70–280 Vac with diagnostic
SS48D50
50A, 150–510 Vac with diagnostic
SS48D75
75A, 150–510 Vac with diagnostic
Part Number Explanation
ELECTRICAL SPECIFICATIONS
(+25°C ambient temperature unless otherwise specified)
INPUT (CONTROL) SPECIFICATIONS
Min
Max
Units
Control Range
SS24
7
32
V
SS48
8
32
V
Input Current Range
SS24
4
30
mA
SS48
4
28
mA
Must Turn-Off Voltage
SS24
3
V
SS48
4
V
Input Resistance (Typical)
All relays
1000
Ohms
Reverse Voltage Protection
All relays
30
V
FEATURES/BENEFITS
• Zero switching AC output
• DC control input
• Fault detection: line or load open; short-circuit output
• Solid-state N.C. status output without power supply
• Control and status LED indicators
• Terminal block for control and status output connections
SS
24
D
50
Series
Switch Type2
Line Voltage1
Output Current – Amps
Figure 2
Status output
Without faults, the status output is normally closed (NC)
Vc
Ic
Control
Vds
0V/Vs
green
yellow
1 L1
Mains
150–510V
Fuse
Load
2 T1
Vs Id
A1
4+
3–
A2
6+
5–
BLOCK DIAGRAM
MECHANICAL SPECIFICATION
Figure 1
1.063 (27)
0.898 ±0.02
(22.8 ±0.5)
0.77
(19.6)
1.38 (35)
TOLERANCES: ±0.01 (±0.3)
WEIGHT: 3.52 oz. (100g)
0.89 (28)
Ø4.7
1.75 (44.5)
1.14 (29)
M4
status
control
with heat sink
150–510 Vac
1 L1
2 T1
75A
N.C. output
max 30V 0.1A
8–32 Vdc
A1
A2
3– 4+
5– 6+
STATUS OUTPUT SPECIFICATIONS
Min
Max
Units
Supply Voltage
1
32
V
Output Current
0
0.1
A
On Resistance
2
Ohms
Maximum Cable Length
40
m


Numéro de pièce similaire - SS24D50

FabricantNo de pièceFiches techniqueDescription
logo
DATEL, Inc.
SS24D5-0.2 DATEL-SS24D5-0.2 Datasheet
166Kb / 1P
   Switching Regulator, 3000 Volts isolation, 2-Watt SIP, 짹5 Volts Output
More results

Description similaire - SS24D50

FabricantNo de pièceFiches techniqueDescription
logo
Teledyne Technologies I...
SSH TELEDYNE-SSH Datasheet
859Kb / 5P
   Output to 75A, 510 Vac with Diagnostics
DR24D25 TELEDYNE-DR24D25 Datasheet
172Kb / 4P
   Single Output to 30A 510 Vac DIN-Rail Solid-State Relay
DRL48R35 TELEDYNE-DRL48R35 Datasheet
163Kb / 4P
   Single Output to 35A 510 Vac DIN-Rail Solid-State Relay
DRD48A20 TELEDYNE-DRD48A20 Datasheet
150Kb / 3P
   Dual Output to 25A 510 Vac DIN-Rail Solid-State Relay
DRS24D25 TELEDYNE-DRS24D25 Datasheet
166Kb / 4P
   Single Output to 30A 510 Vac DIN-Rail Solid-State Relay with Diagnostics
E3P2G48D25 TELEDYNE-E3P2G48D25 Datasheet
2Mb / 6P
   Three-Phase Output up to 75A, 600 Vac DC Control Solid-State Relay
02/2022
logo
Tyco Electronics
SSR-240D25R MACOM-SSR-240D25R Datasheet
370Kb / 2P
   Solid State Relay With Paired SCR Output
SSR-480D25 MACOM-SSR-480D25 Datasheet
120Kb / 2P
   Solid State Relay With Paired SCR Output
logo
Teledyne Technologies I...
ST48A25-22 TELEDYNE-ST48A25-22 Datasheet
130Kb / 4P
   Single Output to 75A 600 Vac
logo
COSMO Electronics Corp...
KAQV213H COSMO-KAQV213H Datasheet
209Kb / 7P
   SOLID STATE RELAY - MOSFET OUTPUT
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com