Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC87F2832A Fiches technique(PDF) 4 Page - Sanyo Semicon Device

No de pièce LC87F2832A
Description  CMOS IC FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC87F2832A Fiches technique(HTML) 4 Page - Sanyo Semicon Device

  LC87F2832A Datasheet HTML 1Page - Sanyo Semicon Device LC87F2832A Datasheet HTML 2Page - Sanyo Semicon Device LC87F2832A Datasheet HTML 3Page - Sanyo Semicon Device LC87F2832A Datasheet HTML 4Page - Sanyo Semicon Device LC87F2832A Datasheet HTML 5Page - Sanyo Semicon Device LC87F2832A Datasheet HTML 6Page - Sanyo Semicon Device LC87F2832A Datasheet HTML 7Page - Sanyo Semicon Device LC87F2832A Datasheet HTML 8Page - Sanyo Semicon Device LC87F2832A Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
LC87F2832A
No.A0478-4/27
Oscillation Circuits
• RC oscillation circuit (internal):
For system clock
• CF oscillation circuit:
For system clock, with internal Rf
• Crystal oscillation circuit:
For low-speed system clock, with internal Rf
• Frequency variable RC oscillation circuit (internal): For system clock
1) Adjustable in ±4% (typ) step from a selected center frequency.
2) Measures oscillation clock using a input signal from XT1 as a reference.
System Clock Divider Function
• Can run on low current.
• The minimum instruction cycle selectable from 300ns, 600ns, 1.2µs, 2.4µs, 4.8µs, 9.6µs, 19.2µs, 38.4µs,
and 76.8
µs (at a main clock rate of 10MHz).
Standby Function
• HALT mode: Halts instruction execution while allowing the peripheral circuits to continue operation.
1) Oscillation is not halted automatically.
2) Canceled by a system reset or occurrence of an interrupt
• HOLD mode: Suspends instruction execution and the operation of the peripheral circuits.
1) The CF, RC, X’tal, and frequency variable RC oscillators automatically stop operation.
2) There are three ways of resetting the HOLD mode.
(1) Setting the reset pin to the low level.
(2) Setting at least one of the INT0, INT1, INT2, INT4, and INT5 pins to the specified level
(3) Having an interrupt source established at port 0
• X'tal HOLD mode: Suspends instruction execution and the operation of the peripheral circuits except the base timer.
1) The CF, RC, and frequency variable RC oscillators automatically stop operation.
2) The state of crystal oscillation established when the X'tal HOLD mode is entered is retained.
3) There are four ways of resetting the X'tal HOLD mode.
(1) Setting the reset pin to the low level
(2) Setting at least one of the INT0, INT1, INT2, INT4, and INT5 pins to the specified level
(3) Having an interrupt source established at port 0
(4) Having an interrupt source established in the base timer circuit
On-chip Debugger
• Supports software debugging with the IC mounted on the target board (LC87D2832A).
LC87F2832A has a On-chip debugger but its function is limited.
Package Form
• TQFP64J (7 × 7):
Lead-free type
• FLGA68K (6.0 × 6.0): Lead-free type
• FLGA64 (5.0 × 5.0):
Lead-free type
Development Tools
• On-chip debugger: TCB87- TypeB + LC87D2832A
Programming Boards
Package
Programming boards
TQFP64J (7
×7)
W87F58256TQ7
FLGA68K (6.0
×6.0)
W87F58256FL6 * This board is Built To Order. It may take about a month to deliver.
FLGA64 (5.0
×5.0)
W87F59256FL5 * This board is Built To Order. It may take about a month to deliver.
Flash ROM Programmer
Maker
Model
Supported version (Note)
Device
Flash Support Group, Inc.
(Formerly Ando Electric Co., Ltd.)
AF9708/AF9709/
AF9709B
After 02.57
LC87F2832A
SANYO
SKK (SANYO FWS)
Application Version: After 1.03
Chip Data Version: After 2.03
LC87F2832A
Note: Please check the latest version.


Numéro de pièce similaire - LC87F2832A

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC87F2832A SANYO-LC87F2832A Datasheet
165Kb / 27P
   FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F2832A SANYO-LC87F2832A_09 Datasheet
165Kb / 27P
   FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
More results

Description similaire - LC87F2832A

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC87F7032A SANYO-LC87F7032A Datasheet
136Kb / 21P
   CMOS IC FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F7J32A SANYO-LC87F7J32A Datasheet
209Kb / 29P
   FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F2832A SANYO-LC87F2832A_09 Datasheet
165Kb / 27P
   FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F5G32A SANYO-LC87F5G32A Datasheet
153Kb / 23P
   FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F5932A SANYO-LC87F5932A Datasheet
183Kb / 25P
   CMOS IC Internal 32K-byte FROM and 1024-byte RAM 8-bit 1-chip Microcontroller
LC87F2932A SANYO-LC87F2932A Datasheet
203Kb / 29P
   CMOS IC FROM 32K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
LC87F5932A SANYO-LC87F5932A_08 Datasheet
199Kb / 27P
   Internal 32K-byte FROM and 1024-byte RAM 8-bit 1-chip Microcontroller
LC87F2924B SANYO-LC87F2924B Datasheet
195Kb / 28P
   CMOS IC FROM 26K byte, RAM 768 byte on-chip 8-bit 1-chip Microcontroller
LC87F7LC8A SANYO-LC87F7LC8A Datasheet
195Kb / 25P
   CMOS IC FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F06J2A SANYO-LC87F06J2A Datasheet
187Kb / 32P
   CMOS IC FROM 192K byte, RAM 8192 byte on-chip 8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com