Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC87F14C8A Fiches technique(PDF) 3 Page - Sanyo Semicon Device

No de pièce LC87F14C8A
Description  CMOS IC FROM 128K byte, RAM 10K byte on-chip 8-bit 1-chip Microcontroller with USB-host controller
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC87F14C8A Fiches technique(HTML) 3 Page - Sanyo Semicon Device

  LC87F14C8A Datasheet HTML 1Page - Sanyo Semicon Device LC87F14C8A Datasheet HTML 2Page - Sanyo Semicon Device LC87F14C8A Datasheet HTML 3Page - Sanyo Semicon Device LC87F14C8A Datasheet HTML 4Page - Sanyo Semicon Device LC87F14C8A Datasheet HTML 5Page - Sanyo Semicon Device LC87F14C8A Datasheet HTML 6Page - Sanyo Semicon Device LC87F14C8A Datasheet HTML 7Page - Sanyo Semicon Device LC87F14C8A Datasheet HTML 8Page - Sanyo Semicon Device LC87F14C8A Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
LC87F14C8A
No.A0402-3/26
Continued from preceding page.
• SIO9: Synchronous serial interface
1) LSB first/MSB first mode selectable
2) Transfer clock cycle: 4/3 to 1020/3 tCYC
3) Automatic continuous data transmission (1 to 4096 bytes, specifiable in 1 byte units, suspension and resumption
of data transmission possible in 1 byte or 2 bytes units)
4) Auto-start-on-falling-edge function
5) Clock polarity selectable
6) CRC16 calculator circuit built in
Full Duplex UART
• UART1
1) Data length: 7/8/9 bits selectable
2) Stop bits: 1 bit (2 bits in continuous transmission mode)
3) Baud rate: 16/3 to 8192/3 tCYC
AD Converter: 8 bits
× 12 channels
PWM: Multifrequency 12-bit PWM
× 2 channels
USB Interface (host controller)
• Full-Speed is supported
• Transfer type: Control, Bulk, Interrupt, or Isochronous transfer possible
Watchdog Timer
• External RC watchdog timer
• Interrupt and reset signals selectable
Clock Output Function
1) Able to output selected oscillation clock 1/1, 1/2, 1/4, 1/8, 1/16, 1/32, 1/64 as system clock.
2) Able to output oscillation clock of sub clock.
Interrupts
• 36 sources, 10 vector addresses
1) Provides three levels (low (L), high (H), and highest (X)) of multiplex interrupt control. Any interrupt requests of
the level equal to or lower than the current interrupt are not accepted.
2) When interrupt requests to two or more vector addresses occur at the same time, the interrupt of the highest level
takes precedence over the other interrupts. For interrupts of the same level, the interrupt into the smallest vector
address takes precedence.
No.
Vector Address
Level
Interrupt Source
1
00003H
X or L
INT0
2
0000BH
X or L
INT1
3
00013H
H or L
INT2 / T0L / INT4/ UHC bus active
4
0001BH
H or L
INT3 / INT5 / base timer
5
00023H
H or L
T0H/ INT6 / UHC device attach / UHC device detach / UHC resume
6
0002BH
H or L
T1L / T1H / INT7 / SIO9
7
00033H
H or L
SIO0 / UART1 receive
8
0003BH
H or L
SIO1 / SIO4 / UART1 transmit
9
00043H
H or L
ADC / T6 / T7 / UHC-ACK / UHC-NAK / UHC error / UHC STALL
10
0004BH
H or L
Port 0 / PWM0 / PWM1 / T4 / T5 / UHC-SOF
• Priority levels X > H > L
• Of interrupts of the same level, the one with the smallest vector address takes precedence.
Subroutine Stack Levels: 5120 levels (the stack is allocated in RAM.)


Numéro de pièce similaire - LC87F14C8A

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC87F14C8SA SANYO-LC87F14C8SA Datasheet
174Kb / 26P
   FROM 128K byte, RAM 10K byte on-chip 8-bit 1-chip Microcontroller with USB-host controller
More results

Description similaire - LC87F14C8A

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC87F14C8SA SANYO-LC87F14C8SA Datasheet
174Kb / 26P
   FROM 128K byte, RAM 10K byte on-chip 8-bit 1-chip Microcontroller with USB-host controller
LC87F1HC8SA SANYO-LC87F1HC8SA Datasheet
233Kb / 27P
   CMOS IC FROM 128K byte, RAM 16384 byte on-chip 8-bit 1-chip Microcontroller with USB-host controller
LC87F1964A SANYO-LC87F1964A Datasheet
179Kb / 28P
   CMOS IC FROM 64K byte, RAM 5K byte on-chip 8-bit 1-chip Microcontroller With USB-host Controller
LC87F1HC4A SANYO-LC87F1HC4A Datasheet
233Kb / 27P
   CMOS IC 128K-byte FROM and 12288-byte RAM integrated 8-bit 1-chip Microcontroller with USB-host controller
LC87F1HC8A SANYO-LC87F1HC8A Datasheet
233Kb / 27P
   CMOS IC 128K-byte FROM and 16384-byte RAM integrated 8-bit 1-chip Microcontroller with USB-host controller
LC87F7LC8A SANYO-LC87F7LC8A Datasheet
195Kb / 25P
   CMOS IC FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F5NC8A SANYO-LC87F5NC8A Datasheet
178Kb / 25P
   CMOS IC FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F7DC8A SANYO-LC87F7DC8A Datasheet
189Kb / 26P
   CMOS IC FROM 128K byte, RAM 4K byte on-chip 8-bit 1-chip Microcontroller
LC87F5WC8A SANYO-LC87F5WC8A Datasheet
161Kb / 27P
   FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F76C8A SANYO-LC87F76C8A Datasheet
163Kb / 24P
   FROM 128K byte, RAM 4K byte on-chip 8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com