Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STAR250BK7 Fiches technique(PDF) 10 Page - Cypress Semiconductor

No de pièce STAR250BK7
Description  250K Pixel Radiation Hard CMOS Image Sensor
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STAR250BK7 Fiches technique(HTML) 10 Page - Cypress Semiconductor

Back Button STAR250BK7 Datasheet HTML 6Page - Cypress Semiconductor STAR250BK7 Datasheet HTML 7Page - Cypress Semiconductor STAR250BK7 Datasheet HTML 8Page - Cypress Semiconductor STAR250BK7 Datasheet HTML 9Page - Cypress Semiconductor STAR250BK7 Datasheet HTML 10Page - Cypress Semiconductor STAR250BK7 Datasheet HTML 11Page - Cypress Semiconductor STAR250BK7 Datasheet HTML 12Page - Cypress Semiconductor STAR250BK7 Datasheet HTML 13Page - Cypress Semiconductor STAR250BK7 Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
CYIS1SM0250-AA
Document Number: 38-05713 Rev. *B
Page 10 of 24
Shift Registers
The shift registers are located next to the pixel array and
contain as many outputs as the number of rows in the pixel
array. They are designed as "1-hot" registers, (YL and YR shift
register) each allowing selection of one row of pixels at a time.
A clock pulse moves the pointer one position down the register
resulting in the selection of every individual row for either reset
or for readout. The spatial offset between the two selected
rows determines the integration time. A synchronization pulse
to the shift registers loads the value from a preset register into
the shift register forcing the pointer to a predetermined
position. Windowing in the vertical (Y) direction is achieved by
presetting the registers to a row that is not the first row and by
clocking out only the required number of rows.
Column Amplifiers
All outputs from the pixels in a column are connected in parallel
to a column amplifier. This amplifier samples the output
voltage and the reset level of the pixel whose row is selected
at that moment and presents these voltage levels to the output
amplifier. As a result, the pixels are always reset immediately
after readout as part of the sample procedure and the
maximum integration time of a pixel is the time between two
read cycles.
Electronic Shutter
In a linescan integrating imager with electronic shutter, there
are two continuous processes of image gathering.
The first process resets lines in a progressive scan. At line
reset, all the pixels in a line are drained from any photo
charges collected since their last reset or readout. After reset,
a new exposure cycle starts for that particular line.
The second process is the actual readout, which also happens
in an equally fast linewise progressive scan.
During readout, the photo charges collected since the
previous reset are converted into an output voltage. This is
then passed on pixel by pixel to the imager's pixel serial output
and ADC. Readout is destructive, meaning the accumulation
of charges from successive exposure phases is not possible
in the present architecture.
The STAR250 has two Y- shift registers; YL and YR. One is
used for readout of a line (YL) and the other is used to reset a
line (YR). The integration time is equal to the time between the
last reset and the readout of that line, see Figure 8. The
integration time is thus equal to:
Integration time = (Nr. Lines * (RBT + pixel period * Nr. Pixels))
with:
• Nr. Lines: Number of Lines between readout and reset (Y).
• Nr. Pixels: Number of pixels read out each line (X).
• RBT: Row Blanking Time = 3.2
µs (typical).
• Pixel period: 1/8 MHz = 125 ns (typical).
Figure 8. Electronic Shutter
Reset line
Read line
x
y
x
y
Time axis
Line number
Reset sequence
Frame time
Integration time
[+] Feedback
[+] Feedback


Numéro de pièce similaire - STAR250BK7

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
STAR TI1-STAR Datasheet
551Kb / 30P
[Old version datasheet]   STAR STAR Surface Mount Tape-and-Reel Specification
logo
Cypress Semiconductor
STAR1000 CYPRESS-STAR1000 Datasheet
634Kb / 21P
   1M Pixel Radiation Hard CMOS Image Sensor
STAR1000 CYPRESS-STAR1000 Datasheet
1Mb / 21P
   1M Pixel Radiation Hard CMOS Image Sensor
STAR1000 CYPRESS-STAR1000 Datasheet
1,009Kb / 24P
   1M Pixel Radiation Hard CMOS Image Sensor
STAR1000-BK7 CYPRESS-STAR1000-BK7 Datasheet
634Kb / 21P
   1M Pixel Radiation Hard CMOS Image Sensor
More results

Description similaire - STAR250BK7

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
CYIS1SM0250-AA CYPRESS-CYIS1SM0250-AA_09 Datasheet
797Kb / 21P
   CYIS1SM0250-AA STAR250 250K Pixel Radiation Hard CMOS Image Sensor
STAR1000 CYPRESS-STAR1000_09 Datasheet
1Mb / 21P
   1M Pixel Radiation Hard CMOS Image Sensor
STAR1000 CYPRESS-STAR1000_11 Datasheet
1,009Kb / 24P
   1M Pixel Radiation Hard CMOS Image Sensor
CYIS1SM1000AA-HQC CYPRESS-CYIS1SM1000AA-HQC Datasheet
634Kb / 21P
   1M Pixel Radiation Hard CMOS Image Sensor
logo
ON Semiconductor
NOIS1SM0250A ONSEMI-NOIS1SM0250A_17 Datasheet
453Kb / 24P
   Pixel Radiation Tolerant CMOS Image Sensor
January, 2017 ??Rev. 11
NOIS1SM1000S-HHC ONSEMI-NOIS1SM1000S-HHC Datasheet
690Kb / 37P
   STAR1000 1M Pixel Radiation Hard CMOS
February, 2014 ??Rev. 13
logo
Cypress Semiconductor
LUPA-4000 CYPRESS-LUPA-4000_07 Datasheet
1Mb / 38P
   4M Pixel CMOS Image Sensor
CYIL1SM4000AA-GDC CYPRESS-CYIL1SM4000AA-GDC Datasheet
1Mb / 38P
   4M Pixel CMOS Image Sensor
LUPA-4000 CYPRESS-LUPA-4000 Datasheet
1Mb / 49P
   4M Pixel CMOS Image Sensor
logo
ON Semiconductor
NOIS1SM0250A ONSEMI-NOIS1SM0250A Datasheet
474Kb / 25P
   Radiation Tolerant CMOS Image Sensor
January, 2014 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com