Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7766-1 Fiches technique(PDF) 10 Page - Analog Devices

No de pièce AD7766-1
Description  24-Bit, 8.5 mW, 109 dB, 128/64/32 kSPS ADCs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7766-1 Fiches technique(HTML) 10 Page - Analog Devices

Back Button AD7766-1 Datasheet HTML 6Page - Analog Devices AD7766-1 Datasheet HTML 7Page - Analog Devices AD7766-1 Datasheet HTML 8Page - Analog Devices AD7766-1 Datasheet HTML 9Page - Analog Devices AD7766-1 Datasheet HTML 10Page - Analog Devices AD7766-1 Datasheet HTML 11Page - Analog Devices AD7766-1 Datasheet HTML 12Page - Analog Devices AD7766-1 Datasheet HTML 13Page - Analog Devices AD7766-1 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
AD7767
Rev. 0 | Page 10 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
AVDD = DVDD = 2.5 V ± 5%, VDRIVE = 1.8 V to 3.6 V, VREF = 5 V, MCLK = 1 MHz, common-mode input = VREF/2. TA = 25°C, unless
otherwise noted. All FFTs were generated using 8192 samples using a 4-term Blackman-Harris window.
0
–20
–40
–60
–80
–100
–120
–140
–160
–180
0
8k
16k
24k
32k
40k
48k
56k
64k
FREQUENCY (Hz)
Figure 7. AD7767 FFT, 1 kHz, −0.5 dB Input Tone
0
–20
–40
–60
–80
–100
–120
–140
–160
–180
0
4k
8k
12k
16k
20k
24k
28k
32k
FREQUENCY (Hz)
Figure 8. AD7767-1 FFT, 1 kHz, −0.5 dB Input Tone
0
–20
–40
–60
–80
–100
–120
–140
–160
–180
0
16k
12k
8k
4k
FREQUENCY (Hz)
Figure 9. AD7767-2 FFT, 1 kHz, −0.5 dB Input Tone
0
–20
–40
–60
–80
–100
–120
–140
–160
–180
0
8k
16k
24k
32k
40k
48k
56k
64k
FREQUENCY (Hz)
Figure 10. AD7767 FFT, 1 kHz, −6 dB Input Tone
0
–20
–40
–60
–80
–100
–120
–140
–160
–180
0
4k
8k
12k
16k
20k
24k
28k
32k
FREQUENCY (Hz)
Figure 11. AD7767-1 FFT, 1 kHz, −6 dB Input Tone
0
–20
–40
–60
–80
–100
–120
–140
–160
–180
0
16k
12k
8k
4k
FREQUENCY (Hz)
Figure 12. AD7767-2 FFT, 1 kHz, −6 dB Input Tone


Numéro de pièce similaire - AD7766-1

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7766 AD-AD7766 Datasheet
483Kb / 18P
   24-Bit, 10mW, 125ksps Analog to Digital Converter in 16 lead TSSOP
Rev. PrD
AD7766 AD-AD7766 Datasheet
1Mb / 25P
   128 kSPS/64 kSPS/32 kSPS ADCs
AD7766BRUZ AD-AD7766BRUZ Datasheet
483Kb / 18P
   24-Bit, 10mW, 125ksps Analog to Digital Converter in 16 lead TSSOP
Rev. PrD
AD7766BRUZ AD-AD7766BRUZ Datasheet
1Mb / 25P
   128 kSPS/64 kSPS/32 kSPS ADCs
AD7766BRUZ-1 AD-AD7766BRUZ-1 Datasheet
483Kb / 18P
   24-Bit, 10mW, 125ksps Analog to Digital Converter in 16 lead TSSOP
Rev. PrD
More results

Description similaire - AD7766-1

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7766 AD-AD7766_15 Datasheet
1Mb / 25P
   24-Bit, 8.5 mW, 109 dB, 128 kSPS/64 kSPS/32 kSPS ADCs
REV. C
AD7767 AD-AD7767_15 Datasheet
2Mb / 25P
   24-Bit, 8.5 mW, 109 dB, 128 kSPS/64 kSPS/32 kSPS ADCs
REV. C
AD7766 AD-AD7766_17 Datasheet
1Mb / 25P
   128 kSPS/64 kSPS/32 kSPS ADCs
AD7767 AD-AD7767_17 Datasheet
1Mb / 25P
   128 kSPS/64 kSPS/32 kSPS ADCs
AD7764 AD-AD7764_15 Datasheet
1Mb / 33P
   24-Bit, 312 kSPS, 109 dB Sigma-Delta ADC
REV. A
AD7764 AD-AD7764_17 Datasheet
920Kb / 34P
   24-Bit, 312 kSPS, 109 dB Sigma-Delta ADC
AD7762 AD-AD7762 Datasheet
591Kb / 28P
   625 kSPS, 24-Bit, 109 dB ADC With On-Chip Buffer
REV. 0
AD7762 AD-AD7762_15 Datasheet
799Kb / 29P
   625 kSPS, 24-Bit, 109 dB Sigma-Delta ADC With On-Chip Buffer
REV. A
AD7763 AD-AD7763 Datasheet
688Kb / 32P
   24-Bit, 625 kSPS, 109 dB 誇-? ADC with On-Chip Buffers, Serial Interface
REV. 0
AD4030-24 AD-AD4030-24_V01 Datasheet
2Mb / 50P
   24-Bit, 2 MSPS/500 kSPS, SAR ADCs
Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com