Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LB11697V Fiches technique(PDF) 6 Page - Sanyo Semicon Device

No de pièce LB11697V
Description  Monolithic Digital IC Brushless Motor Driver IC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11697V Fiches technique(HTML) 6 Page - Sanyo Semicon Device

Back Button LB11697V Datasheet HTML 2Page - Sanyo Semicon Device LB11697V Datasheet HTML 3Page - Sanyo Semicon Device LB11697V Datasheet HTML 4Page - Sanyo Semicon Device LB11697V Datasheet HTML 5Page - Sanyo Semicon Device LB11697V Datasheet HTML 6Page - Sanyo Semicon Device LB11697V Datasheet HTML 7Page - Sanyo Semicon Device LB11697V Datasheet HTML 8Page - Sanyo Semicon Device LB11697V Datasheet HTML 9Page - Sanyo Semicon Device LB11697V Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Pin No.
Pin Name
Pin Description
Equivalent circuit
No.8412-6/14
LB11697V
18
TOC
Control amplifier output
When the TOC pin voltage rises, the IC changes the UH,
VH, and WH output signal PWM duty to increase the
torque output.
VREG
18
300
40 k
19
PWM
Shared function pin: PWM oscillator frequency setting and
initial reset pulse generation
Insert a capacitor between this pin and ground.
A capacitor of 2000 pF sets a frequency of about 22 kHz.
200
19
2 k
VREG
Continued from preceding page.
Continued on next page.
16
17
EI+
EI–
Control amplifier inputs
The PWMIN pin must be held at the low level for control
using this pin to function.
VCC
16
17
300
300
10
11
12
13
14
15
IN1–
IN1+
IN2–
IN2+
IN3–
IN3+
Hall sensor inputs
A high-level state is recognized when IN+ > IN–, and a
low-level state is recognized under the reverse condition.
If noise on the Hall sensor signals becomes a problem,
insert capacitors between the IN+ and IN– inputs.
VCC
10 12 14
11 13 15
300
300
5
7
9
WL
VL
UL
Outputs (External transistor drive outputs)
These are open-collector outputs.
5
7
9
VCC


Numéro de pièce similaire - LB11697V

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
LB11697V ONSEMI-LB11697V Datasheet
179Kb / 14P
   Direct PWM Drive Brushless Motor Predriver IC
July, 2013
More results

Description similaire - LB11697V

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LB11620T SANYO-LB11620T Datasheet
133Kb / 11P
   Monolithic Digital IC Brushless Motor Driver
LB11620GP SANYO-LB11620GP Datasheet
204Kb / 13P
   Monolithic Digital IC Brushless Motor Driver
LB11921T SANYO-LB11921T Datasheet
178Kb / 18P
   Monolithic Digital IC Three-Phase Brushless Motor Driver
LB11681H SANYO-LB11681H Datasheet
109Kb / 11P
   Monolithic Digital IC PWM Three-phase Brushless Motor Driver
LB1801CL SANYO-LB1801CL Datasheet
89Kb / 9P
   Monolithic Digital IC Stepping Motor Driver IC
LB1800CL SANYO-LB1800CL Datasheet
80Kb / 8P
   Monolithic Digital IC Stepping Motor Driver IC
LB1909MC SANYO-LB1909MC Datasheet
95Kb / 4P
   Monolithic Digital IC Stepping Motor Driver IC
LB1935T SANYO-LB1935T Datasheet
485Kb / 6P
   Monolithic Digital IC Stepping Motor Driver IC
LB11691H SANYO-LB11691H Datasheet
206Kb / 21P
   Monolithic digital IC Pre-Driver IC for Brushless Motor Drive in Electric Bicycles
LB11691 SANYO-LB11691 Datasheet
205Kb / 21P
   Monolithic digital IC Pre-Driver IC for Brushless Motor Drive in Electric Bicycles
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com