Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LB11691H Fiches technique(PDF) 9 Page - Sanyo Semicon Device

No de pièce LB11691H
Description  Monolithic digital IC Pre-Driver IC for Brushless Motor Drive in Electric Bicycles
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11691H Fiches technique(HTML) 9 Page - Sanyo Semicon Device

Back Button LB11691H Datasheet HTML 5Page - Sanyo Semicon Device LB11691H Datasheet HTML 6Page - Sanyo Semicon Device LB11691H Datasheet HTML 7Page - Sanyo Semicon Device LB11691H Datasheet HTML 8Page - Sanyo Semicon Device LB11691H Datasheet HTML 9Page - Sanyo Semicon Device LB11691H Datasheet HTML 10Page - Sanyo Semicon Device LB11691H Datasheet HTML 11Page - Sanyo Semicon Device LB11691H Datasheet HTML 12Page - Sanyo Semicon Device LB11691H Datasheet HTML 13Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
LB11691H
No.8314-9/21
Continued from preceding page.
Pin No.
Pin Name
Description
Equivalent Circuit
19
RC
One-shot multi-pulse width setting pin
Connect a resistor between this pin and V5 and a
capacitor between this pin and GND.
20
CSD
Pin to set the PWM oscillation frequency.
Connect a capacitor between this pin and GND.
21
FAIL
Open collector output, with the output being “L” in
following cases :
Abnormal Hall input, activation of the low-voltage
protection circuit, activation of the lock protection
circuit, and activation of the overheat protection circuit
22
HP
Hall signal three-phase composite output pin
(Open collector output)
23
CP2
24
CP1
Charge pump capacitor connection pin
Connect a capacitor between CP1 and CP2.
Continued on next page.
21
V5
22
V5
VB
VCC
300
Ω
50
Ω
23
300
Ω
24
VCC
300
Ω
V5
19
300
Ω
V5
20


Numéro de pièce similaire - LB11691H

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LB11691 SANYO-LB11691 Datasheet
205Kb / 21P
   Monolithic digital IC Pre-Driver IC for Brushless Motor Drive in Electric Bicycles
More results

Description similaire - LB11691H

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LB11691 SANYO-LB11691 Datasheet
205Kb / 21P
   Monolithic digital IC Pre-Driver IC for Brushless Motor Drive in Electric Bicycles
LB11690 SANYO-LB11690 Datasheet
201Kb / 19P
   Pre-Driver IC for Brushless Motor Drive in Electric Bicycles
LB11697V SANYO-LB11697V Datasheet
344Kb / 14P
   Monolithic Digital IC Brushless Motor Driver IC
LB11620T SANYO-LB11620T Datasheet
133Kb / 11P
   Monolithic Digital IC Brushless Motor Driver
LB11620GP SANYO-LB11620GP Datasheet
204Kb / 13P
   Monolithic Digital IC Brushless Motor Driver
LV8138V SANYO-LV8138V Datasheet
269Kb / 19P
   Bi-CMOS IC For Brushless Motor Drive Sine wave PWM Drive, Pre driver IC
LV8827LF SANYO-LV8827LF Datasheet
220Kb / 13P
   For Brushless Motor Drive PWM Driver IC
LV8829LF SANYO-LV8829LF Datasheet
270Kb / 13P
   For Brushless Motor Drive PWM Driver IC
logo
ON Semiconductor
LV8829LFQA-NH ONSEMI-LV8829LFQA-NH Datasheet
232Kb / 13P
   For Brushless Motor Drive PWM Driver IC
May, 2013
LV8827LFQA ONSEMI-LV8827LFQA Datasheet
232Kb / 13P
   For Brushless Motor Drive PWM Driver IC
May, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com