Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LA76832N Fiches technique(PDF) 1 Page - Sanyo Semicon Device

No de pièce LA76832N
Description  Monolithic Linear IC I2C Bus Control IC
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA76832N Fiches technique(HTML) 1 Page - Sanyo Semicon Device

  LA76832N Datasheet HTML 1Page - Sanyo Semicon Device LA76832N Datasheet HTML 2Page - Sanyo Semicon Device LA76832N Datasheet HTML 3Page - Sanyo Semicon Device LA76832N Datasheet HTML 4Page - Sanyo Semicon Device LA76832N Datasheet HTML 5Page - Sanyo Semicon Device LA76832N Datasheet HTML 6Page - Sanyo Semicon Device LA76832N Datasheet HTML 7Page - Sanyo Semicon Device LA76832N Datasheet HTML 8Page - Sanyo Semicon Device LA76832N Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
92706 / O3005 MS PC B8-5799 No.0069-1/39
LA76832N
Overview
The LA76832N is I2C bus controller ICs that support the NTSC and aim for rationalization of color TV set design, improved
manufacturability, and lower total costs.
Functions
• I2C Bus Control VIF/SIF/Y/C/Deflection Implemented in a Single Chip
Specitications
Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
V8 max
7.0
V
V31 max
7.0
V
Maximum supply voltage
V43 max
7.0
V
I18 max
25
mA
Maximum supply current
I25 max
35
mA
Allowable power dissipation
Pd max
Ta
≤65°C *
1.6
W
Operating temperature
Topr
-10 to +65
°C
Storage temperature
Tstg
-55 to +150
°C
*Provided with a glass epoxy board (114.3×76.1×1.6mm)
Operating Conditions at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
V8
5.0
V
V31
5.0
V
Recommended supply voltage
V43
5.0
V
I18
19
mA
Recommended supply current
I25
27
mA
V8 op
4.7 to 5.3
V
V31 op
4.7 to 5.3
V
Operating supply voltage range
V43 op
4.7 to 5.3
V
I25 op
24 to 30
mA
Operating supply current range
I18 op
17 to 21
mA
Ordering number : ENA0069
Monolithic Linear IC
I2C Bus Control IC
Any and all SANYO Semiconductor products described or contained herein do not have specifications
that can handle applications that require extremely high levels of reliability, such as life-support systems,
aircraft's control systems, or other applications whose failure can be reasonably expected to result in
serious physical and/or material damage. Consult with your SANYO Semiconductor representative
nearest you before using any SANYO Semiconductor products described or contained herein in such
applications.
SANYO Semiconductor assumes no responsibility for equipment failures that result from using products
at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition
ranges, or other parameters) listed in products specifications of any and all SANYO Semiconductor
products described or contained herein.


Numéro de pièce similaire - LA76832N

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LA76835NM SANYO-LA76835NM Datasheet
463Kb / 3P
   Monolithic Linear IC I2C Bus Control IC
LA76835NM SANYO-LA76835NM_07 Datasheet
276Kb / 50P
   Monolithic Linear IC For PAL/NTSC Color Television Sets VIF/SIF/Y/C/Deflection Implemented in a Single Chip
More results

Description similaire - LA76832N

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LA76843N SANYO-LA76843N Datasheet
516Kb / 3P
   Monolithic Linear IC I2C Bus Control IC
LA76835NM SANYO-LA76835NM Datasheet
463Kb / 3P
   Monolithic Linear IC I2C Bus Control IC
LA76843N SANYO-LA76843N_06 Datasheet
146Kb / 3P
   I2C Bus Control IC
LA76828N SANYO-LA76828N Datasheet
526Kb / 3P
   I2C Bus Control IC
LA73033M SANYO-LA73033M Datasheet
272Kb / 24P
   Monolithic Linear IC I2C bus control (excluding standby control and RGB through control)
LA5663V SANYO-LA5663V Datasheet
688Kb / 15P
   Monolithic Linear IC Phase Control Voltage Inverter Control IC
LA5683T SANYO-LA5683T Datasheet
192Kb / 12P
   Monolithic Linear IC 4ch Switching Regulator Control IC
LA2335M SANYO-LA2335M Datasheet
69Kb / 4P
   Monolithic Linear IC For Audio Equipment Control Transceiver IC
logo
Mitsumi Electronics, Co...
MM1495 MITSUMI-MM1495 Datasheet
468Kb / 19P
   I2C BUS Control 5-Input 2-Output AV Switch Monolithic IC
logo
ON Semiconductor
LB1837M ONSEMI-LB1837M Datasheet
325Kb / 6P
   Monolithic Linear IC
November, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com