Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LA73073CL Fiches technique(PDF) 5 Page - Sanyo Semicon Device

No de pièce LA73073CL
Description  Monolithic Linear IC Video Driver for DSC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA73073CL Fiches technique(HTML) 5 Page - Sanyo Semicon Device

  LA73073CL Datasheet HTML 1Page - Sanyo Semicon Device LA73073CL Datasheet HTML 2Page - Sanyo Semicon Device LA73073CL Datasheet HTML 3Page - Sanyo Semicon Device LA73073CL Datasheet HTML 4Page - Sanyo Semicon Device LA73073CL Datasheet HTML 5Page - Sanyo Semicon Device LA73073CL Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
LA73073CL
No.0071-5/6
Continued from preceding page.
Pin No
Symbol
Equivalent Circuit
Voltage
Description
6
CLKOUT
+3.0V
↑ ↓
0V
7
ND1
+0.5V
↑ ↓
-2.6V
(-VCC)
8
VCCN
0V
↑ ↓
-2.5V
(-VCC)
Pin : Clock output terminal
Pin7 : The terminal which transmits
an electric charge
Pin8 : Negative VCC
9
VOUT
0V
10
VCC
2.9V
to
3.6V
Video output terminal
(Push-pull output Low-impedance)


Numéro de pièce similaire - LA73073CL

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LA73072CL SANYO-LA73072CL Datasheet
311Kb / 5P
   LA73072CL
LA73074CL SANYO-LA73074CL Datasheet
80Kb / 6P
   Monolithic Linear IC Video Driver for DSC/Cell Phone
LA73076V SANYO-LA73076V Datasheet
154Kb / 7P
   Monolithic Linear IC Video Driver for DVC/DSC, Cell Phone
logo
ON Semiconductor
LA73076V ONSEMI-LA73076V Datasheet
159Kb / 7P
   Video Driver
July, 2013
logo
Sanyo Semicon Device
LA73079CL SANYO-LA73079CL Datasheet
80Kb / 6P
   Monolithic Linear IC Video Driver for DSC
More results

Description similaire - LA73073CL

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LA73079CL SANYO-LA73079CL Datasheet
80Kb / 6P
   Monolithic Linear IC Video Driver for DSC
LA74310LP SANYO-LA74310LP Datasheet
282Kb / 22P
   Monolithic Linear IC Audio Interface for DSC Video Driver
LA73074CL SANYO-LA73074CL Datasheet
80Kb / 6P
   Monolithic Linear IC Video Driver for DSC/Cell Phone
LA73076V SANYO-LA73076V Datasheet
154Kb / 7P
   Monolithic Linear IC Video Driver for DVC/DSC, Cell Phone
LA73062V SANYO-LA73062V Datasheet
218Kb / 12P
   Monolithic Linear IC Video Driver for Wideband
LA74303FN SANYO-LA74303FN Datasheet
215Kb / 18P
   Monolithic Linear IC Audio Interface for DSC
LA74308LP SANYO-LA74308LP Datasheet
191Kb / 16P
   Monolithic Linear IC Audio Interface for DSC
LA74302FN SANYO-LA74302FN Datasheet
152Kb / 12P
   Monolithic Linear IC Audio Interface for DSC
LA73065VA SANYO-LA73065VA Datasheet
112Kb / 9P
   Monolithic Linear IC For wideband 75廓 Video Driver
ENA0241 SANYO-ENA0241 Datasheet
253Kb / 6P
   Monolithic Linear IC 6ch 75ohm Video Driver
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com