Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74HCU04PWRG4 Fiches technique(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No de pièce SN74HCU04PWRG4
Description  HEX INVERTERS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SN74HCU04PWRG4 Fiches technique(HTML) 3 Page - Texas Instruments

  SN74HCU04PWRG4 Datasheet HTML 1Page - Texas Instruments SN74HCU04PWRG4 Datasheet HTML 2Page - Texas Instruments SN74HCU04PWRG4 Datasheet HTML 3Page - Texas Instruments SN74HCU04PWRG4 Datasheet HTML 4Page - Texas Instruments SN74HCU04PWRG4 Datasheet HTML 5Page - Texas Instruments SN74HCU04PWRG4 Datasheet HTML 6Page - Texas Instruments SN74HCU04PWRG4 Datasheet HTML 7Page - Texas Instruments SN74HCU04PWRG4 Datasheet HTML 8Page - Texas Instruments SN74HCU04PWRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
SN54HCU04, SN74HCU04
HEX INVERTERS
SCLS079E − MARCH 1984 − REVISED MARCH 2004
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
SN54HCU04
SN74HCU04
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
2 V
1.8
1.8
1.8
IOH = −20 µA
4.5 V
4
4
4
VOH
VI = VCC or GND
IOH = −20 µA
6 V
5.5
5.5
5.5
V
VOH
VI = VCC or GND
IOH = −4 mA
4.5 V
3.98
3.7
3.84
V
IOH = −5.2 mA
6 V
5.48
5.2
5.34
2 V
0.2
0.2
0.2
IOL = 20 µA
4.5 V
0.5
0.5
0.5
VOL
VI = VCC or GND
IOL = 20 µA
6 V
0.5
0.5
0.5
V
VOL
VI = VCC or GND
IOL = 4 mA
4.5 V
0.26
0.4
0.33
V
IOL = 5.2 mA
6 V
0.26
0.4
0.33
II
VI = VCC or 0
6 V
±100
±1000
±1000
nA
ICC
VI = VCC or 0,
IO = 0
6 V
2
40
20
µA
Ci
2 V to 6 V
3
10
10
10
pF
switching characteristics over recommended operating free-air temperature range, CL = 50 pF
(unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
VCC
TA = 25°C
SN54HCU04
SN74HCU04
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
2 V
40
80
120
100
tpd
A
Y
4.5 V
8
16
24
20
ns
tpd
A
Y
6 V
7
14
20
17
ns
2 V
38
75
110
95
tf
Y
4.5 V
8
15
22
19
ns
tf
Y
6 V
6
13
19
16
ns
operating characteristics, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance per inverter
No load
20
pF


Numéro de pièce similaire - SN74HCU04PWRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74HCU04PWRG4 TI-SN74HCU04PWRG4 Datasheet
585Kb / 16P
[Old version datasheet]   HEX INVERTERS
SN74HCU04PWRG4 TI-SN74HCU04PWRG4 Datasheet
681Kb / 18P
[Old version datasheet]   HEX INVERTERS
More results

Description similaire - SN74HCU04PWRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN54ACT04 TI-SN54ACT04_10 Datasheet
656Kb / 17P
[Old version datasheet]   HEX INVERTERS
SN74AHCT04_101 TI-SN74AHCT04_101 Datasheet
997Kb / 23P
[Old version datasheet]   HEX INVERTERS
SN54ACT04 TI-SN54ACT04_09 Datasheet
657Kb / 17P
[Old version datasheet]   HEX INVERTERS
SN54LVU04A_101 TI-SN54LVU04A_101 Datasheet
674Kb / 18P
[Old version datasheet]   HEX INVERTERS
logo
Diodes Incorporated
74LV04A DIODES-74LV04A Datasheet
299Kb / 9P
   HEX INVERTERS
logo
Texas Instruments
SN54LVC04A TI1-SN54LVC04A_15 Datasheet
1Mb / 27P
[Old version datasheet]   HEX INVERTERS
SN54LVU04 TI1-SN54LVU04_10 Datasheet
118Kb / 6P
[Old version datasheet]   HEX INVERTERS
SN54AC04 TI-SN54AC04 Datasheet
78Kb / 5P
[Old version datasheet]   HEX INVERTERS
logo
Hitachi Semiconductor
HD74LVU04A HITACHI-HD74LVU04A Datasheet
50Kb / 12P
   Hex Inverters
HD74LV04A HITACHI-HD74LV04A Datasheet
52Kb / 13P
   Hex Inverters
HD74HCT04A HITACHI-HD74HCT04A Datasheet
40Kb / 8P
   Hex Inverters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com