Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74AS11DRE4 Fiches technique(PDF) 1 Page - Texas Instruments

No de pièce SN74AS11DRE4
Description  TRIPLE 3-INPUT POSITIVE-AND GATES
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SN74AS11DRE4 Fiches technique(HTML) 1 Page - Texas Instruments

  SN74AS11DRE4 Datasheet HTML 1Page - Texas Instruments SN74AS11DRE4 Datasheet HTML 2Page - Texas Instruments SN74AS11DRE4 Datasheet HTML 3Page - Texas Instruments SN74AS11DRE4 Datasheet HTML 4Page - Texas Instruments SN74AS11DRE4 Datasheet HTML 5Page - Texas Instruments SN74AS11DRE4 Datasheet HTML 6Page - Texas Instruments SN74AS11DRE4 Datasheet HTML 7Page - Texas Instruments SN74AS11DRE4 Datasheet HTML 8Page - Texas Instruments SN74AS11DRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
SN54ALS11A, SN54AS11, SN74ALS11A, SN74AS11
TRIPLE 3-INPUT POSITIVE-AND GATES
SDAS009D – MARCH 1984 – REVISED NOVEMBER 2002
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D 4.5-V to 5.5-V VCC Operation
D Max tpd of 5.5 ns at 5 V
SN54ALS11A, ...J OR W PACKAGE
SN54AS11 ...J PACKAGE
SN74ALS11A, SN74AS11 . . . D, N, OR NS PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1B
2A
2B
2C
2Y
GND
VCC
1C
1Y
3C
3B
3A
3Y
SN54ALS11A, SN54AS11 . . . FK PACKAGE
(TOP VIEW)
3
2
1 20 19
9 10 11 12 13
4
5
6
7
8
18
17
16
15
14
1Y
NC
3C
NC
3B
2A
NC
2B
NC
2C
NC – No internal connection
description/ordering information
These devices contain three independent 3-input positive-AND gates. They perform the Boolean functions
Y
+ A • B • CorY + A ) B ) C in positive logic.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP
N
Tube
SN74ALS11AN
SN74ALS11AN
PDIP – N
Tube
SN74AS11N
SN74AS11N
Tube
SN74ALS11AD
ALS11A
0
°Cto70°C
SOIC
D
Tape and reel
SN74ALS11ADR
ALS11A
0
°C to 70°C
SOIC – D
Tube
SN74AS11D
AS11
Tape and reel
SN74AS11DR
AS11
SOP
NS
Tape and reel
SN74ALS11ANSR
ALS11A
SOP – NS
Tape and reel
SN74AS11NSR
74AS11
CDIP
J
Tube
SNJ54ALS11AJ
SNJ54ALS11AJ
CDIP – J
Tube
SNJ54AS11J
SNJ54AS11J
–55
°C to 125°C
CFP – W
Tube
SNJ54ALS11AW
SNJ54ALS11AW
LCCC
FK
Tube
SNJ54ALS11AFK
SNJ54ALS11AFK
LCCC – FK
Tube
SNJ54AS11FK
SNJ54AS11FK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design
guidelines are available at www.ti.com/sc/package.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
On products compliant to MIL-PRF-38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.
Copyright
 2002, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Numéro de pièce similaire - SN74AS11DRE4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AS11DR TI-SN74AS11DR Datasheet
690Kb / 17P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-AND GATES
More results

Description similaire - SN74AS11DRE4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN54LV11A TI-SN54LV11A_08 Datasheet
505Kb / 15P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-AND GATES
SN54LV11A TI-SN54LV11A Datasheet
323Kb / 13P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-AND GATES
54ACT11011 TI-54ACT11011 Datasheet
68Kb / 5P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-AND GATES
SN54AC11 TI-SN54AC11 Datasheet
521Kb / 15P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-AND GATES
SN54HC11 TI-SN54HC11 Datasheet
518Kb / 15P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-AND GATES
SN54LS11 TI-SN54LS11 Datasheet
179Kb / 7P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-AND GATES
SN54HC11 TI1-SN54HC11_15 Datasheet
878Kb / 19P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-AND GATES
SN54F11 TI1-SN54F11_14 Datasheet
778Kb / 16P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-AND GATES
SN74HC11 TI-SN74HC11_07 Datasheet
665Kb / 17P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-AND GATES
SN54AC11 TI-SN54AC11_07 Datasheet
695Kb / 17P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-AND GATES
SN54ALS11A TI-SN54ALS11A_08 Datasheet
690Kb / 17P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-AND GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com