Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LA8160V Fiches technique(PDF) 5 Page - Sanyo Semicon Device

No de pièce LA8160V
Description  Monolithic Linear IC AGC Amplifier and Pre Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA8160V Fiches technique(HTML) 5 Page - Sanyo Semicon Device

  LA8160V Datasheet HTML 1Page - Sanyo Semicon Device LA8160V Datasheet HTML 2Page - Sanyo Semicon Device LA8160V Datasheet HTML 3Page - Sanyo Semicon Device LA8160V Datasheet HTML 4Page - Sanyo Semicon Device LA8160V Datasheet HTML 5Page - Sanyo Semicon Device LA8160V Datasheet HTML 6Page - Sanyo Semicon Device LA8160V Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
LA8160V
No.A0513-5/7
Test Circuit (1)
Test Circuit (2)
1.3k
0.47
µH
2.2
µH
30pF
250
510
510
51
50
1000pF
10000pF
1000pF
1000pF
1000pF
1000pF
1000pF
Spectrum Analyzer
1000pF
Driver Amp
Driver Amp
AGC
/Pre Amp
AGC
VCC
VCC
VCC
1000pF
VAGC
11
16
15
14
13
12
10
9
6
1
2
3
4
5
7
8
1.3k
0.47
µH
2.2
µH
30pF
250
510
510
51
1000pF
10000pF
1000pF
1000pF
1000pF
1000pF
1000pF
Spectrum Analyzer
1000pF
A. 45MHz, 40dBmV
B. 44MHz
C. 44MHz / 45MHz
Driver Amp
Driver Amp
AGC
/Pre Amp
AGC
VCC
VCC
VCC
VIN
VIN
1000pF
VAGC
11
16
15
14
13
12
10
9
6
1
2
3
4
5
7
8
A
C
B


Numéro de pièce similaire - LA8160V

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LA8160V SANYO-LA8160V Datasheet
98Kb / 8P
   AGC Amplifier and Pre Amplifier
LA8160V SANYO-LA8160V_08 Datasheet
98Kb / 8P
   AGC Amplifier and Pre Amplifier
More results

Description similaire - LA8160V

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LA8161V SANYO-LA8161V Datasheet
89Kb / 7P
   Monolithic Linear IC AGC Amplifier and Pre Amplifier
LA8160V SANYO-LA8160V_08 Datasheet
98Kb / 8P
   AGC Amplifier and Pre Amplifier
LA1070 SANYO-LA1070 Datasheet
101Kb / 8P
   Monolithic Linear IC On-Glass Antenna Amplifier AGC IC
LA8128T SANYO-LA8128T Datasheet
187Kb / 6P
   Monolithic Linear IC AGC Amplifier with Step Gain Control
LA8120T SANYO-LA8120T Datasheet
177Kb / 8P
   Monolithic Linear IC AGC Amplifier with Step Gain Control
logo
California Eastern Labs
UPC3230GR CEL-UPC3230GR Datasheet
1Mb / 9P
   Bipolar Analog Integrated Circuit (AGC AMPLIFIER PRE AMPLIFIER IC)
logo
Sanyo Semicon Device
LA8123TT SANYO-LA8123TT Datasheet
89Kb / 7P
   Monolithic Linear IC For Digital CATV/Cable Modem Receiver AGC Amplifier
LA4814JA SANYO-LA4814JA Datasheet
555Kb / 16P
   Monolithic Linear IC 2-Channel Power Amplifier
LA4814V SANYO-LA4814V Datasheet
582Kb / 17P
   Monolithic Linear IC 2-Channel Power Amplifier
logo
Texas Instruments
ONET8511T TI-ONET8511T Datasheet
315Kb / 14P
[Old version datasheet]   11.3 Gbps Linear Transimpedance Amplifier With AGC and RSSI
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com