Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LA1652C Fiches technique(PDF) 2 Page - Sanyo Semicon Device

No de pièce LA1652C
Description  Monolithic Linear IC Time Code Reception IC
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA1652C Fiches technique(HTML) 2 Page - Sanyo Semicon Device

  LA1652C Datasheet HTML 1Page - Sanyo Semicon Device LA1652C Datasheet HTML 2Page - Sanyo Semicon Device LA1652C Datasheet HTML 3Page - Sanyo Semicon Device LA1652C Datasheet HTML 4Page - Sanyo Semicon Device LA1652C Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
LA1652C
No.A0207-2/5
Operating Characteristics at Ta = 25°C, VCC = 3.0V
* : Packaged in an SSOP16 package and measured using the IC51-0162-911 socket (Yamaichi Electronics Co., Ltd.)
Overall Characteristics
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Quiescent current
ICCO
No input
55
70
µA
Standby mode current drain
ISTB
PAD15 = 3.0V
0.01
0.1
µA
Amplifier Input Characteristics
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Input impedance
ZI
PAD1
2.0
M
Input frequency range
FIN
37.5
80.0
kHz
Minimum input voltage
VMIN
PAD1 input level
1
2
µVrms
Maximum input voltage
VMAX
PAD1 input level
50
100
mVrms
TCO Output Characteristics - Input pad = PAD1, fin = 40kHz
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
High-level output voltage
VOH
2.90
2.95
V
Low-level output voltage
VOL
0.05
0.10
V
Output pulse width
(500 ms input)
T500
VIN = 0 to 100dBµV, AM modulation
(1Hz square wave, duty = 50%, 10:1 modulation)
350
450
550
ms
Output pulse width
(800 ms input)
T800
VIN = 0 to 100dBµV, AM modulation
(1Hz square wave, duty = 80%, 10:1 modulation)
650
750
850
ms
Output pulse width
(200 ms input)
T200
VIN = 0 to 100dBµV, AM modulation
(1Hz square wave, duty = 20%, 10:1 modulation)
100
200
300
ms


Numéro de pièce similaire - LA1652C

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LA1650 SANYO-LA1650 Datasheet
94Kb / 14P
   Time Code Reception ICs
LA1650C SANYO-LA1650C Datasheet
94Kb / 14P
   Time Code Reception ICs
LA1654C SANYO-LA1654C Datasheet
105Kb / 5P
   Monolithic Linear IC Time Code Reception IC
LA1654FN SANYO-LA1654FN Datasheet
99Kb / 4P
   Time Code Reception IC
logo
LIGITEK electronics co....
LA165B-R-4SRG.X-AS-PF LIGITEK-LA165B-R-4SRG.X-AS-PF Datasheet
125Kb / 7P
   LED ARRAY
More results

Description similaire - LA1652C

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LA1654C SANYO-LA1654C Datasheet
105Kb / 5P
   Monolithic Linear IC Time Code Reception IC
LA1654FN SANYO-LA1654FN Datasheet
99Kb / 4P
   Time Code Reception IC
LA1650 SANYO-LA1650 Datasheet
94Kb / 14P
   Time Code Reception ICs
logo
ON Semiconductor
LB1837M ONSEMI-LB1837M Datasheet
325Kb / 6P
   Monolithic Linear IC
November, 2013
LB1843V ONSEMI-LB1843V Datasheet
331Kb / 10P
   Monolithic Linear IC
February, 2014
logo
Sanyo Semicon Device
LA1357N SANYO-LA1357N Datasheet
77Kb / 1P
   MONOLITHIC LINEAR IC
LA7520N SANYO-LA7520N Datasheet
134Kb / 3P
   Monolithic Linear IC
LA76843N SANYO-LA76843N Datasheet
516Kb / 3P
   Monolithic Linear IC I2C Bus Control IC
LA76850 SANYO-LA76850 Datasheet
284Kb / 31P
   Monolithic Linear IC Black & White Television IC
LA1225MC SANYO-LA1225MC Datasheet
638Kb / 8P
   Monolithic Linear IC FM IF Detector IC
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com