Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LA1070 Fiches technique(PDF) 6 Page - Sanyo Semicon Device

No de pièce LA1070
Description  Monolithic Linear IC On-Glass Antenna Amplifier AGC IC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA1070 Fiches technique(HTML) 6 Page - Sanyo Semicon Device

  LA1070 Datasheet HTML 1Page - Sanyo Semicon Device LA1070 Datasheet HTML 2Page - Sanyo Semicon Device LA1070 Datasheet HTML 3Page - Sanyo Semicon Device LA1070 Datasheet HTML 4Page - Sanyo Semicon Device LA1070 Datasheet HTML 5Page - Sanyo Semicon Device LA1070 Datasheet HTML 6Page - Sanyo Semicon Device LA1070 Datasheet HTML 7Page - Sanyo Semicon Device LA1070 Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
LA1070
No.A0715-6/6
Pin Equivalent Circuit
Pin No
Pin Function
Equivalent Circuit
Note
3, 4,
26, 25
6, 23
7, 22
Amplifier input
Amplifier output
Detection circuit 2
input
250
Ω
60k
Ω
2k
Ω
2k
Ω
75
Ω
50pF
DET2
50pF
AMP
AMP Zin = 2k
Ω
8, 21
Time constant
setting capacitor
connection
+
4.9V
To COMP
ISET
IRESET
500
Ω
1M
Ω 2.2μF
1k
Ω
Pin 8 and pin 21
FF_OUT
When a 2.2µF
capacitor is used to set
the time constant, DRV
will be on for 100ms
and off for 1 second.
9, 20
Comparator
reference voltage
output for DRV
operation and
switching
VCC1 8V
4.9V
To COMP
1k
Ω
50k
Ω
5k
Ω
10k
Ω
Pin 9 and pin 20
VREF_OUT
10, 19
Temperature
fluctuation type bias
voltage output
VCC1 8V
3.5k
Ω
3k
Ω
20k
Ω
50k
Ω
Pin 10 and pin 19
FM_BIAS
Maximum rated load:
3k
Ω
Continued on next page.


Numéro de pièce similaire - LA1070

FabricantNo de pièceFiches techniqueDescription
logo
LEM
LA10-PB LEM-LA10-PB Datasheet
24Kb / 2P
   Current Transducer LA 03~20-PB
LA10-PB LEM-LA10-PB Datasheet
183Kb / 3P
   Current Transducer
LA100-P LEM-LA100-P Datasheet
69Kb / 2P
   Current Transducer LA 100-P
LA100-P LEM-LA100-P Datasheet
249Kb / 2P
   Current Transducer
LA100-P LEM-LA100-P_06 Datasheet
249Kb / 2P
   Current Transducer
More results

Description similaire - LA1070

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LA8161V SANYO-LA8161V Datasheet
89Kb / 7P
   Monolithic Linear IC AGC Amplifier and Pre Amplifier
LA8160V SANYO-LA8160V Datasheet
89Kb / 7P
   Monolithic Linear IC AGC Amplifier and Pre Amplifier
LA8128T SANYO-LA8128T Datasheet
187Kb / 6P
   Monolithic Linear IC AGC Amplifier with Step Gain Control
LA8120T SANYO-LA8120T Datasheet
177Kb / 8P
   Monolithic Linear IC AGC Amplifier with Step Gain Control
LA8123TT SANYO-LA8123TT Datasheet
89Kb / 7P
   Monolithic Linear IC For Digital CATV/Cable Modem Receiver AGC Amplifier
logo
ON Semiconductor
LB1837M ONSEMI-LB1837M Datasheet
325Kb / 6P
   Monolithic Linear IC
November, 2013
LB1843V ONSEMI-LB1843V Datasheet
331Kb / 10P
   Monolithic Linear IC
February, 2014
logo
Sanyo Semicon Device
LA1357N SANYO-LA1357N Datasheet
77Kb / 1P
   MONOLITHIC LINEAR IC
LA7520N SANYO-LA7520N Datasheet
134Kb / 3P
   Monolithic Linear IC
LA4814JA SANYO-LA4814JA Datasheet
555Kb / 16P
   Monolithic Linear IC 2-Channel Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com