Moteur de recherche de fiches techniques de composants électroniques |
|
2SK3504-01 Fiches technique(PDF) 2 Page - Fuji Electric |
|
2SK3504-01 Fiches technique(HTML) 2 Page - Fuji Electric |
2 / 4 page 2 0.1 1 10 0.1 1 10 100 ID [A] Typical Transconductance Characteristics 2SK3504-01 FUJI POWER MOSFET ID=f(VGS):80µs Pulse test, VDS=25V,Tch=25°C ID=f(VDS):80µs Pulse test,Tch=25°C gfs=f(ID):80µs Pulse test, VDS=25V,Tch=25°C RDS(on)=f(ID):80µs Pulse test, Tch=25°C 0 2 4 6 8 10 12 14 16 18 20 22 0 2 4 6 8 10 12 14 16 18 20 22 24 26 28 30 20V 10V 8V 7.5V 7.0V VDS [V] Typical Output Characteristics VGS=6.5V 012 34 567 89 10 0.1 1 10 VGS[V] Typical Transfer Characteristic 0 5 10 15 20 25 30 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 ID [A] Typical Drain-Source on-state Resistance 10V 20V 8V 7.5V 7.0V VGS=6.5V 0 255075 100 125 150 0 50 100 150 200 250 Allowable Power Dissipation PD=f(Tc) Tc [ °C] 0 25 50 75 100 125 150 0 50 100 150 200 250 300 350 400 450 500 I AS =7A I AS =10A I AS =16A starting Tch [ °C] Maximum Avalanche Energy vs. starting Tch E AS =f(starting Tch):Vcc=50V |
Numéro de pièce similaire - 2SK3504-01 |
|
Description similaire - 2SK3504-01 |