Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IDT77V126L200 Fiches technique(PDF) 3 Page - Integrated Device Technology

No de pièce IDT77V126L200
Description  Single Port PHY (Physical Layer) for 25.6, 51.2, and 204.8 Mbps ATM Networks and Backplane Applications
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IDT [Integrated Device Technology]
Site Internet  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT77V126L200 Fiches technique(HTML) 3 Page - Integrated Device Technology

  IDT77V126L200 Datasheet HTML 1Page - Integrated Device Technology IDT77V126L200 Datasheet HTML 2Page - Integrated Device Technology IDT77V126L200 Datasheet HTML 3Page - Integrated Device Technology IDT77V126L200 Datasheet HTML 4Page - Integrated Device Technology IDT77V126L200 Datasheet HTML 5Page - Integrated Device Technology IDT77V126L200 Datasheet HTML 6Page - Integrated Device Technology IDT77V126L200 Datasheet HTML 7Page - Integrated Device Technology IDT77V126L200 Datasheet HTML 8Page - Integrated Device Technology IDT77V126L200 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
3 of 30
December 2004
IDT77V126L200
Figure 1 Pin Assignments
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
RXREF
TXREF
TXLED
TXDATA0
TXDATA1
TXDATA2
TXDATA3
TXDATA4
TXDATA5
TXDATA6
TXDATA7
TXEN
TXSOC
VDD
TXCLAV
17 18 19
21 22 23 24 25 26 27 28 29 30
32
20
31
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
AD7
AD6
AD5
AD4
GND
AD3
AD2
AD1
AD0
ALE
CS
RD
WR
RST
INT
RXLED
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
77v106L200 drw 02
TXPARITY
77v106 drw 02
Pin 1 Index
IDT77V106L200
77V126


Numéro de pièce similaire - IDT77V126L200

FabricantNo de pièceFiches techniqueDescription
logo
Integrated Device Techn...
IDT77V1264L200 IDT-IDT77V1264L200 Datasheet
390Kb / 49P
   Quad Port PHY (Physical Layer) for 25.6, 51.2, and 204.8 Mbps ATM Networks and Backplane Applications
IDT77V1264L200PGI IDT-IDT77V1264L200PGI Datasheet
390Kb / 49P
   Quad Port PHY (Physical Layer) for 25.6, 51.2, and 204.8 Mbps ATM Networks and Backplane Applications
More results

Description similaire - IDT77V126L200

FabricantNo de pièceFiches techniqueDescription
logo
Integrated Device Techn...
IDT77V1264L200 IDT-IDT77V1264L200 Datasheet
390Kb / 49P
   Quad Port PHY (Physical Layer) for 25.6, 51.2, and 204.8 Mbps ATM Networks and Backplane Applications
IDT77V1253 IDT-IDT77V1253 Datasheet
449Kb / 44P
   TRIPLE PORT PHY (PHYSICAL LAYER) FOR 25.6 AND 51.2 MBPS ATM NETWORKS
IDT77V1254L25 IDT-IDT77V1254L25 Datasheet
840Kb / 47P
   Quad Port PHY (Physical Layer) for 25.6 and 51.2 ATM Networks
IDT77V106L25 IDT-IDT77V106L25 Datasheet
216Kb / 27P
   3.3V ATM PHY for 25.6 and 51.2 Mbps
IDT77V107 IDT-IDT77V107 Datasheet
325Kb / 24P
   Single ATM PHY for 25.6 and 51.2 Mbps with Utopia Level 2
IDT77105 IDT-IDT77105 Datasheet
335Kb / 24P
   PHY (TC-PMD) for 25.6 Mbps ATM Networks
logo
Bel Fuse Inc.
S558-5999-85 BEL-S558-5999-85 Datasheet
245Kb / 2P
   ATM 25.6 MBPS INTERFACEMODULE
S553-1084-04 BEL-S553-1084-04 Datasheet
259Kb / 2P
   ATM 25.6 MBPS INTERFACE MODULE
S556-2006-32 BEL-S556-2006-32 Datasheet
224Kb / 2P
   ATM 25.6 MBPS FILTER MODULE
logo
PMC-Sierra, Inc
PM5384 PMC-PM5384 Datasheet
46Kb / 2P
   Single Channel OC-3c ATM and POS Physical Layer Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com