Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS2393DBTRG4 Fiches technique(PDF) 6 Page - Texas Instruments

No de pièce TPS2393DBTRG4
Description  FULL-FEATURED-48-V HOTSWAP POWER MANAGER
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS2393DBTRG4 Fiches technique(HTML) 6 Page - Texas Instruments

Back Button TPS2393DBTRG4 Datasheet HTML 2Page - Texas Instruments TPS2393DBTRG4 Datasheet HTML 3Page - Texas Instruments TPS2393DBTRG4 Datasheet HTML 4Page - Texas Instruments TPS2393DBTRG4 Datasheet HTML 5Page - Texas Instruments TPS2393DBTRG4 Datasheet HTML 6Page - Texas Instruments TPS2393DBTRG4 Datasheet HTML 7Page - Texas Instruments TPS2393DBTRG4 Datasheet HTML 8Page - Texas Instruments TPS2393DBTRG4 Datasheet HTML 9Page - Texas Instruments TPS2393DBTRG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
TPS2392
TPS2393
SLUS536C − AUGUST 2002 − REVISED AUGUST 2004
www.ti.com
6
PIN ASSIGNMENTS
DRAINSNS: Sense input for monitoring the load voltage status. The DRAINSNS pin determines the load status by
sensing the voltage level on the external pass FET drain. DRAINSNS must be pulled low with repect to −VIN (less
than 1.35 V typically) to declare a power good condition. This corresponds to a low VDS across the FET, indicating
that the load voltage has successfully ramped up to the DC input level. DRAINSNS must be connected to the FET
drain through a small-signal blocking diode as shown in the typical application diagram. An internal pull-up maintains
a high logic level at the pin until overridden by a fully-enhanced external FET.
EN: Enable input to turn on/off power to the load. The EN pin is referenced to the −VIN potential of the circuit. When
this input is pulled high (above the nominal 1.4-V threshold), and all other input qualifications are met (supply above
device undervoltage lockout (UVLO), UVLO pin high and OVLO pin low, INSx pins pulled low) the device enables
the GATE output, and begins the ramp of current to the load. When this input is low, the linear current amplifier (LCA)
is disabled, and a large pull-down device is applied to the FET gate, disabling power to the load.
FAULT: Open-drain, active-low indication of a load fault condition. When the device EN is deasserted, or when
enabled and the load current is less than the programmed limit, this output is high impedance. If the device remains
in current regulation mode at the expiration of the fault timer, or if a fast-acting overload condition causes greater than
100-mV drop across the sense resistor, the fault is latched, the load is turned off, and the FAULT pin is pulled low
(to −VIN). The TPS2392 remains latched off for a fault, and can be reset by cycling either the EN pin or power to the
device. The TPS2393 retries the load at approximately a 1% duty cycle.
FLTTIME: Connection for user-programming of the fault timeout period. An external capacitor connected from
FLTTIME to −VIN establishes the timeout period to declare a fault condtion. This timeout protects against indefinite
current sourcing into a faulted load, and also provides a filter against nuisance trips from momentary current spikes
or surges. The TPS2392 and TPS2393 define a fault condition as voltage at the ISENS pin at or greater than the
40-mV fault threshold. When a fault condition exists, the timer is active. The devices manage fault timing by charging
the external capacitor to the 4-V fault threshold, then subsequently discharging it to reset the timer (TPS2392), or
discharging it at approximately 1% the charge rate to establish the duty cycle for retrying the load (TPS2393).
Whenever the internal fault latch is set (timer expired), the pass FET is rapidly turned off, and the FAULT output is
asserted.
GATE: Gate drive for external N−channel FET. When enabled, and the input supply is above the UVLO threshold,
the gate drive is enabled and the device begins charging an external capacitor connected to the IRAMP pin. This
pin voltage is used to develop the reference voltage at the non-inverting input of the internal LCA. The inverting input
is connected to the current sense node, ISENS. The LCA acts to slew the pass FET gate to force the ISENS voltage
to track the reference. The reference is internally clamped at 40 mV, so the maximum current that can be sourced
to the load is determined by the sense resistor value as IMAX
≤ 40 mV/RSENSE. Once the load voltage has ramped
up to the input dc potential, and current demand drops off, the LCA drives the GATE output to about 14 V to fully
enhance the pass FET, completing the low-impedance supply return path for the load.
INSA: Insertion detection input pin A. The INSA and INSB inputs work together to provide an insertion detection
function for TPS2392 and TPS2393 applications. In order to turn on the FET gate drive (the GATE output), both INSA
and INSB must be pulled below the detection threshold, approximatey 1.4 V. Implementations using this feature
provide a mechanism for pulling these pins directly to −VIN potential (device ground), eliminating any threshold
ambiguity. An on-chip pull-up is provided at each INSx pin; no additional pull-up is needed to hold the pins high during
the insertion process. The insertion inputs are debounced with a nominal 2.5-ms filter.
INSB: Insertion detection input pin B. See INSA description.
IRAMP: Programming input for setting the inrush current slew rate. An external capacitor connected between this
pin and −VIN establishes the load current slew rate whenever power to the load is enabled. The device charges the
external capacitor to establish the reference input to the LCA. The closed-loop control of the LCA and pass FET acts
to maintain the current sense voltage at ISENS at the reference potential. Since the sense voltage is developed as
the drop across a resistor, the load current slew rate is set by the voltage ramp rate at the IRAMP pin. When the output
is disabled for any reason (e.g., EN deassertion, voltage or current fault, etc.), the capacitor is discharged and held
low to initialize it for the next turn-on.


Numéro de pièce similaire - TPS2393DBTRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2393DBTR TI-TPS2393DBTR Datasheet
373Kb / 31P
[Old version datasheet]   FULL-FEATURED -48-V HOT SWAP POWER MANAGER
More results

Description similaire - TPS2393DBTRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2393 TI-TPS2393 Datasheet
373Kb / 31P
[Old version datasheet]   FULL-FEATURED -48-V HOT SWAP POWER MANAGER
logo
Microchip Technology
PIC16F19155 MICROCHIP-PIC16F19155 Datasheet
11Mb / 754P
   Full-Featured 28/40/44/48-Pin Microcontrollers
05/14/19
PIC16F15356 MICROCHIP-PIC16F15356 Datasheet
8Mb / 605P
   Full-Featured 28/40/44/48-Pin Microcontrollers
10/25/17
logo
Analog Devices
EVAL-AD7405FMCZ AD-EVAL-AD7405FMCZ Datasheet
1Mb / 20P
   Full featured evaluation board
logo
Texas Instruments
ADS7861 TI1-ADS7861 Datasheet
1Mb / 9P
[Old version datasheet]   Full-featured evaluation board
logo
Analog Devices
UG-515 AD-UG-515 Datasheet
2Mb / 28P
   Full-featured evaluation board
logo
Texas Instruments
TPS2350 TI-TPS2350 Datasheet
368Kb / 21P
[Old version datasheet]   HOT SWAP POWER MANAGER FOR REDUNDANT-48-V SUPPLIES
logo
Analog Devices
UG-459 AD-UG-459 Datasheet
787Kb / 12P
   Full-featured evaluation board
UG-572 AD-UG-572 Datasheet
1Mb / 20P
   Full featured evaluation board
logo
SELEC Controls Pvt. Ltd
PR502 SELEC-PR502 Datasheet
1Mb / 2P
   Full Featured Profile Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com