Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LVCH16373ADGVRE4 Fiches technique(PDF) 6 Page - Texas Instruments

No de pièce 74LVCH16373ADGVRE4
Description  16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

74LVCH16373ADGVRE4 Fiches technique(HTML) 6 Page - Texas Instruments

Back Button 74LVCH16373ADGVRE4 Datasheet HTML 2Page - Texas Instruments 74LVCH16373ADGVRE4 Datasheet HTML 3Page - Texas Instruments 74LVCH16373ADGVRE4 Datasheet HTML 4Page - Texas Instruments 74LVCH16373ADGVRE4 Datasheet HTML 5Page - Texas Instruments 74LVCH16373ADGVRE4 Datasheet HTML 6Page - Texas Instruments 74LVCH16373ADGVRE4 Datasheet HTML 7Page - Texas Instruments 74LVCH16373ADGVRE4 Datasheet HTML 8Page - Texas Instruments 74LVCH16373ADGVRE4 Datasheet HTML 9Page - Texas Instruments 74LVCH16373ADGVRE4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
www.ti.com
Switching Characteristics
Operating Characteristics
SN74LVCH16373A
16-BIT TRANSPARENT D-TYPE LATCH
WITH 3-STATE OUTPUTS
SCAS568M – MARCH 1996 – REVISED FEBRUARY 2006
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 1)
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
VCC = 2.7 V
FROM
TO
± 0.15 V
± 0.2 V
± 0.3 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
D
(1)
(1)
(1)
(1)
4.9
1.6
4.2
tpd
Q
ns
LE
(1)
(1)
(1)
(1)
5.3
2.1
4.6
ten
OE
Q
(1)
(1)
(1)
(1)
5.7
1.3
4.7
ns
tdis
OE
Q
(1)
(1)
(1)
(1)
6.3
2.5
5.9
ns
(1)
This information was not available at the time of publication.
T
A = 25°C
VCC = 1.8 V VCC = 2.5 V VCC = 3.3 V
TEST
PARAMETER
UNIT
CONDITIONS
TYP
TYP
TYP
Outputs enabled
(1)
(1)
39
Power dissipation capacitance
Cpd
f = 10 MHz
pF
per latch
Outputs disabled
(1)
(1)
6
(1)
This information was not available at the time of publication.
6
Submit Documentation Feedback


Numéro de pièce similaire - 74LVCH16373ADGVRE4

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74LVCH16373ADGV NEXPERIA-74LVCH16373ADGV Datasheet
261Kb / 15P
   16-bit D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
Rev. 10 - 1 October 2021
74LVCH16373ADGV-Q100 NEXPERIA-74LVCH16373ADGV-Q100 Datasheet
252Kb / 15P
   16-bit D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
More results

Description similaire - 74LVCH16373ADGVRE4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AUC16373 TI-SN74AUC16373 Datasheet
224Kb / 11P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC16373A TI-SN74LVC16373A_06 Datasheet
329Kb / 15P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALVCH16373 TI-SN74ALVCH16373_07 Datasheet
488Kb / 19P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC16373A TI-SN74LVC16373A Datasheet
331Kb / 14P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ACT16373Q-EP TI-SN74ACT16373Q-EP Datasheet
112Kb / 7P
[Old version datasheet]   16-BIT D-TYPE TRANSPARENT LATCH WITH 3-STATE OUTPUTS
SN74ALVCH16373 TI-SN74ALVCH16373 Datasheet
124Kb / 9P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ABT16373A-EP TI1-SN74ABT16373A-EP Datasheet
104Kb / 10P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC16373DGGR TI-SN74LVC16373DGGR Datasheet
484Kb / 12P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC16373 TI1-SN74LVC16373_14 Datasheet
487Kb / 12P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74ALVCH16373 PERICOM-PI74ALVCH16373 Datasheet
91Kb / 5P
   16-Bit Transparent D-Type Latch with 3-STATE Outputs
logo
Texas Instruments
SN74ALVCH162373 TI-SN74ALVCH162373 Datasheet
215Kb / 10P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com