Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPD6E001 Fiches technique(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPD6E001
Description  LOW-CAPACITANCE 6-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPD6E001 Fiches technique(HTML) 2 Page - Texas Instruments

  TPD6E001 Datasheet HTML 1Page - Texas Instruments TPD6E001 Datasheet HTML 2Page - Texas Instruments TPD6E001 Datasheet HTML 3Page - Texas Instruments TPD6E001 Datasheet HTML 4Page - Texas Instruments TPD6E001 Datasheet HTML 5Page - Texas Instruments TPD6E001 Datasheet HTML 6Page - Texas Instruments TPD6E001 Datasheet HTML 7Page - Texas Instruments TPD6E001 Datasheet HTML 8Page - Texas Instruments TPD6E001 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
www.ti.com
IO5
IO6
GND
IO2
IO3
IO4
IO1
V
CC
Absolute Maximum Ratings
(1)
TPD6E001
LOW-CAPACITANCE 6-CHANNEL
±15-kV ESD-PROTECTION ARRAY
FOR HIGH-SPEED DATA INTERFACES
SLLS685C – JULY 2006 – REVISED APRIL 2007
LOGIC BLOCK DIAGRAM
PIN DESCRIPTION
RSE NO.
RSF NO.
NAME
FUNCTION
1, 2, 3,
1, 2, 3,
IOx
ESD-protected channel
6, 7, 8
7, 8, 9
5
5
GND
Ground
10
11
VCC
Power-supply input. Bypass VCC to GND with a 0.1-µF ceramic capacitor.
4, 9
4, 6, 10, 12
N.C.
Not internally connected
EP
EP
Exposed pad. Connect to GND.
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
–0.3
7
V
VI/O
–0.3
VCC + 0.3
V
Tstg
Storage temperature range
–65
150
°C
TJ
Junction temperature
150
°C
Infrared (15 s)
220
Bump temperature (soldering)
°C
Vapor phase (60 s)
215
Lead temperature (soldering, 10 s)
300
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the
specifications is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
2
Submit Documentation Feedback


Numéro de pièce similaire - TPD6E001

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPD6E001 TI-TPD6E001 Datasheet
663Kb / 14P
[Old version datasheet]   LOW-CAPACITANCE 6-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD6E001 TI-TPD6E001 Datasheet
501Kb / 12P
[Old version datasheet]   LOW-CAPACITANCE 6-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD6E001RSER TI-TPD6E001RSER Datasheet
663Kb / 14P
[Old version datasheet]   LOW-CAPACITANCE 6-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD6E001RSER TI-TPD6E001RSER Datasheet
501Kb / 12P
[Old version datasheet]   LOW-CAPACITANCE 6-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD6E001RSERG4 TI-TPD6E001RSERG4 Datasheet
663Kb / 14P
[Old version datasheet]   LOW-CAPACITANCE 6-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
More results

Description similaire - TPD6E001

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPD6E004 TI-TPD6E004 Datasheet
484Kb / 12P
[Old version datasheet]   LOW-CAPACITANCE 6-CHANNEL 짹15-kV ESD PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD6E001 TI-TPD6E001_09 Datasheet
663Kb / 14P
[Old version datasheet]   LOW-CAPACITANCE 6-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD6E001 TI-TPD6E001_10 Datasheet
501Kb / 12P
[Old version datasheet]   LOW-CAPACITANCE 6-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD6E004 TI-TPD6E004_09 Datasheet
489Kb / 12P
[Old version datasheet]   LOW-CAPACITANCE 6-CHANNEL 짹15-kV ESD PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD2E001 TI-TPD2E001_1 Datasheet
1Mb / 18P
[Old version datasheet]   LOW-CAPACITANCE 2-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD4E001 TI-TPD4E001_08 Datasheet
723Kb / 14P
[Old version datasheet]   LOW-CAPACITANCE 4-CHANNEL 짹15-kV ESD PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD2E001 TI-TPD2E001 Datasheet
269Kb / 11P
[Old version datasheet]   LOW-CAPACITANCE 2-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD2E001-Q1 TI1-TPD2E001-Q1_14 Datasheet
383Kb / 12P
[Old version datasheet]   LOW-CAPACITANCE 2-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD3E001 TI-TPD3E001 Datasheet
362Kb / 11P
[Old version datasheet]   LOW-CAPACITANCE 3-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD3E001 TI1-TPD3E001_14 Datasheet
787Kb / 18P
[Old version datasheet]   LOW-CAPACITANCE 3-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com