Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STAC9250 Fiches technique(PDF) 31 Page - Integrated Device Technology

No de pièce STAC9250
Description  TWO-CHANNEL HD AUDIO CODEC WITH MODEM & DUAL DIGITAL MICROPHONE INTERFACES
Download  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IDT [Integrated Device Technology]
Site Internet  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9250 Fiches technique(HTML) 31 Page - Integrated Device Technology

Back Button STAC9250 Datasheet HTML 27Page - Integrated Device Technology STAC9250 Datasheet HTML 28Page - Integrated Device Technology STAC9250 Datasheet HTML 29Page - Integrated Device Technology STAC9250 Datasheet HTML 30Page - Integrated Device Technology STAC9250 Datasheet HTML 31Page - Integrated Device Technology STAC9250 Datasheet HTML 32Page - Integrated Device Technology STAC9250 Datasheet HTML 33Page - Integrated Device Technology STAC9250 Datasheet HTML 34Page - Integrated Device Technology STAC9250 Datasheet HTML 35Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 137 page
background image
STAC9250/9251
TWO-CHANNEL HD AUDIO CODEC WITH MODEM & DUAL DIGITAL MICROPHONE INTERFACES
PC AUDIO
IDT™
31
STAC9250/9251
V 1.1 102706
TWO-CHANNEL HD AUDIO CODEC WITH MODEM & DUAL DIGITAL MICROPHONE INTERFACES
5.5.10.
AFG PwrState
5.5.11.
AFG UnsolResp
[7]
Rsvd1
R
0x0
Reserved
[6:0]
Offset
R
0x1F
0dB-step is programmed with this offset
Table 28. AFG PwrState Command Verb Format
Verb ID
Payload
Response
Get
F05
00
See bitfield table
Set1
705
See bits [7:0] of bitfield table
0000_0000h
Table 29. AFG PwrState Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31:8]
Rsvd2
R
0x0
Reserved
[7:4]
Act
R
0x2
PS-Act: Actual power state of referenced node.
[3:2]
Rsvd1
R
0x0
Reserved
[1:0]
Set
RW
0x2
PS-Set: Current power setting of referenced node.
0: All Powered-On
1: D1 = > PR0, PR1
2: D2 = > PR0, PR1, PR2, PR6, EAPD
3: D3 = > PR6, PR5, PR3, PR2, PR1, PR0, EAPD
Note: PR4 is not mapped in HD Audio
Table 30. AFG UnsolResp Command Verb Format
Verb ID
Payload
Response
Get
F08
00
See bitfield table
Set1
708
See bits [7:0] of bitfield table
0000_0000h
Table 27. AFG OutAmpCap Command Response Format
Bit
Bitfield Name
RW
Reset
Description


Numéro de pièce similaire - STAC9250

FabricantNo de pièceFiches techniqueDescription
logo
Integrated Device Techn...
STAC9200 IDT-STAC9200 Datasheet
1Mb / 126P
   2-CHANNEL HIGH DEFINITION AUDIO CODEC
logo
STMicroelectronics
STAC9200 STMICROELECTRONICS-STAC9200 Datasheet
449Kb / 14P
   200 W, 32 V HF to 1.3 GHz LDMOS transistor in a STAC package
logo
Integrated Device Techn...
STAC9200D3NAE IDT-STAC9200D3NAE Datasheet
1Mb / 126P
   2-CHANNEL HIGH DEFINITION AUDIO CODEC
STAC9200D3TAE IDT-STAC9200D3TAE Datasheet
1Mb / 126P
   2-CHANNEL HIGH DEFINITION AUDIO CODEC
STAC9200D5NAE IDT-STAC9200D5NAE Datasheet
1Mb / 126P
   2-CHANNEL HIGH DEFINITION AUDIO CODEC
More results

Description similaire - STAC9250

FabricantNo de pièceFiches techniqueDescription
logo
Integrated Device Techn...
STAC9204 IDT-STAC9204 Datasheet
2Mb / 213P
   4-CHANNEL HD AUDIO CODEC WITH QUAD DIGITAL MICROPHONE INTERFACE
92HD005 IDT-92HD005 Datasheet
2Mb / 205P
   4-CHANNEL HD AUDIO CODEC WITH QUAD DIGITAL MICROPHONE INTERFACE
logo
Realtek Semiconductor C...
ALC888S-VD REALTEK-ALC888S-VD Datasheet
1Mb / 92P
   7.12 CHANNEL HD AUDIO CODEC WITH TWO INDEPENDENT SPDIF OUTPUTS
ALC888S-VD REALTEK-ALC888S-VD_11 Datasheet
1Mb / 92P
   7.12 CHANNEL HD AUDIO CODEC
ALC888S-VD_11 REALTEK-ALC888S-VD_11_05 Datasheet
1Mb / 92P
   7.12 CHANNEL HD AUDIO CODEC
logo
Samsung semiconductor
S5T8610 SAMSUNG-S5T8610 Datasheet
248Kb / 27P
   DIGITAL CLP MODEM WITH ADPCM CODEC
logo
Analog Devices
AD1983 AD-AD1983 Datasheet
427Kb / 16P
   HD Audio SoundMAX Codec
REV. 0
AD1981HD AD-AD1981HD Datasheet
385Kb / 16P
   HD Audio SoundMAX Codec
REV. 0
logo
NXP Semiconductors
UCB1510 PHILIPS-UCB1510 Datasheet
730Kb / 32P
   AC97 digital modem codec
Rev. 01 - 4 February 2000
logo
Realtek Semiconductor C...
ALC892 REALTEK-ALC892 Datasheet
1Mb / 89P
   7.12 CHANNEL HD AUDIO CODEC WITH CONTENT PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com