Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STAC9250 Fiches technique(PDF) 30 Page - Integrated Device Technology

No de pièce STAC9250
Description  TWO-CHANNEL HD AUDIO CODEC WITH MODEM & DUAL DIGITAL MICROPHONE INTERFACES
Download  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IDT [Integrated Device Technology]
Site Internet  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9250 Fiches technique(HTML) 30 Page - Integrated Device Technology

Back Button STAC9250 Datasheet HTML 26Page - Integrated Device Technology STAC9250 Datasheet HTML 27Page - Integrated Device Technology STAC9250 Datasheet HTML 28Page - Integrated Device Technology STAC9250 Datasheet HTML 29Page - Integrated Device Technology STAC9250 Datasheet HTML 30Page - Integrated Device Technology STAC9250 Datasheet HTML 31Page - Integrated Device Technology STAC9250 Datasheet HTML 32Page - Integrated Device Technology STAC9250 Datasheet HTML 33Page - Integrated Device Technology STAC9250 Datasheet HTML 34Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 137 page
background image
STAC9250/9251
TWO-CHANNEL HD AUDIO CODEC WITH MODEM & DUAL DIGITAL MICROPHONE INTERFACES
PC AUDIO
IDT™
30
STAC9250/9251
V 1.1 102706
TWO-CHANNEL HD AUDIO CODEC WITH MODEM & DUAL DIGITAL MICROPHONE INTERFACES
5.5.9.
AFG OutAmpCap
Table 25. AFG GPIOCap Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31]
GPIWake
R
0x1
Wake capability. Assuming the Wake Enable
Mask controls are enabled, GPIOs configured
as inputs can cause a wake (generate a Status
Change event on the link) when there is a
change in level on the pin.
[30]
GPIUnsol
R
0x1
Unsolicited Response capability. Assuming the
Unsolicited Enable Mask controls are enabled,
GPIOs configured as inputs can generate an
Unsolicited Response on the link when there is
a change in level on the pin.
[29:24]
Rsvd
R
0x0
Reserved
[23:16]
NumGPIs
R
0x00
Number of GPI pins supported
[15:8]
NumGPOs
R
0x00
Number of GPO pins supported
[7:0]
NumGPIOs
R
0x04
Number of GPIO pins supported
Table 26. AFG OutAmpCap Command Verb Format
Verb ID
Payload
Response
Get
F00
12
See bitfield table
Table 27. AFG OutAmpCap Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31]
Mute
R
0x1
Amplifier is capable of muting
[30:23]
Rsvd3
R
0x0
Reserved
[22:16]
StepSize
R
0x05
Size of each step in the gain range = 1.5dB
[15]
Rsvd2
R
0x0
Reserved
[14:8]
NumSteps
R
0x1F
Number of steps in the gain range = 31
(32 values, -46.5dB to +0dB)


Numéro de pièce similaire - STAC9250

FabricantNo de pièceFiches techniqueDescription
logo
Integrated Device Techn...
STAC9200 IDT-STAC9200 Datasheet
1Mb / 126P
   2-CHANNEL HIGH DEFINITION AUDIO CODEC
logo
STMicroelectronics
STAC9200 STMICROELECTRONICS-STAC9200 Datasheet
449Kb / 14P
   200 W, 32 V HF to 1.3 GHz LDMOS transistor in a STAC package
logo
Integrated Device Techn...
STAC9200D3NAE IDT-STAC9200D3NAE Datasheet
1Mb / 126P
   2-CHANNEL HIGH DEFINITION AUDIO CODEC
STAC9200D3TAE IDT-STAC9200D3TAE Datasheet
1Mb / 126P
   2-CHANNEL HIGH DEFINITION AUDIO CODEC
STAC9200D5NAE IDT-STAC9200D5NAE Datasheet
1Mb / 126P
   2-CHANNEL HIGH DEFINITION AUDIO CODEC
More results

Description similaire - STAC9250

FabricantNo de pièceFiches techniqueDescription
logo
Integrated Device Techn...
STAC9204 IDT-STAC9204 Datasheet
2Mb / 213P
   4-CHANNEL HD AUDIO CODEC WITH QUAD DIGITAL MICROPHONE INTERFACE
92HD005 IDT-92HD005 Datasheet
2Mb / 205P
   4-CHANNEL HD AUDIO CODEC WITH QUAD DIGITAL MICROPHONE INTERFACE
logo
Realtek Semiconductor C...
ALC888S-VD REALTEK-ALC888S-VD Datasheet
1Mb / 92P
   7.12 CHANNEL HD AUDIO CODEC WITH TWO INDEPENDENT SPDIF OUTPUTS
ALC888S-VD REALTEK-ALC888S-VD_11 Datasheet
1Mb / 92P
   7.12 CHANNEL HD AUDIO CODEC
ALC888S-VD_11 REALTEK-ALC888S-VD_11_05 Datasheet
1Mb / 92P
   7.12 CHANNEL HD AUDIO CODEC
logo
Samsung semiconductor
S5T8610 SAMSUNG-S5T8610 Datasheet
248Kb / 27P
   DIGITAL CLP MODEM WITH ADPCM CODEC
logo
Analog Devices
AD1983 AD-AD1983 Datasheet
427Kb / 16P
   HD Audio SoundMAX Codec
REV. 0
AD1981HD AD-AD1981HD Datasheet
385Kb / 16P
   HD Audio SoundMAX Codec
REV. 0
logo
NXP Semiconductors
UCB1510 PHILIPS-UCB1510 Datasheet
730Kb / 32P
   AC97 digital modem codec
Rev. 01 - 4 February 2000
logo
Realtek Semiconductor C...
ALC892 REALTEK-ALC892 Datasheet
1Mb / 89P
   7.12 CHANNEL HD AUDIO CODEC WITH CONTENT PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com