Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STAC9274X5TAEYYX Fiches technique(PDF) 1 Page - Integrated Device Technology

No de pièce STAC9274X5TAEYYX
Description  10-CHANNEL HIGH DEFINITION AUDIO CODEC
Download  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IDT [Integrated Device Technology]
Site Internet  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9274X5TAEYYX Fiches technique(HTML) 1 Page - Integrated Device Technology

  STAC9274X5TAEYYX Datasheet HTML 1Page - Integrated Device Technology STAC9274X5TAEYYX Datasheet HTML 2Page - Integrated Device Technology STAC9274X5TAEYYX Datasheet HTML 3Page - Integrated Device Technology STAC9274X5TAEYYX Datasheet HTML 4Page - Integrated Device Technology STAC9274X5TAEYYX Datasheet HTML 5Page - Integrated Device Technology STAC9274X5TAEYYX Datasheet HTML 6Page - Integrated Device Technology STAC9274X5TAEYYX Datasheet HTML 7Page - Integrated Device Technology STAC9274X5TAEYYX Datasheet HTML 8Page - Integrated Device Technology STAC9274X5TAEYYX Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 223 page
background image
DATASHEET
10-CHANNEL HIGH DEFINITION AUDIO CODEC
STAC9271/9272/9273/9274
IDT™
10-CHANNEL HIGH DEFINITION AUDIO CODEC
1
STAC9271/9272/9273/9274 V 1.0 MARCH2007
IDT CONFIDENTIAL
Description
The STAC927x “Red River” is a family of Theater Quality
10-channel audio CODECs that enable systems with 7.1
audio playing simultaneously with VoIP or another stereo
audio stream. IDT's proprietary
Σ∆ technology provides
high fidelity with an estimated DAC SNR up to 105dB. Up to
four digital microphones are supported enabling high
quality voice input for increased usability of voice
applications.
Features
High performance HD Audio CODEC provides
Theater Quality Audio
High performance
Σ∆ technology
105dB DAC SNR
90dB ADC SNR
Five Stereo DACs and three stereo ADCs
Supports 7.1 Audio with simultaneous Real Time
Communication (RTC) channel such as VoIP or separate
stereo audio stream
24-bit resolution with up to 192 KHz sample rates
Digital Microphone Interface
Direct interface up to four Digital Microphones
Analog Stereo Microphone
Microphone Boost 0, 10, 20, 30, 40dB
Six adjustable Vref outputs for microphone bias
Integrated Headphone Amps (3)
S/PDIF In and Out
ADAT® Optical “Lightpipe” Output
Support
Volume Up/Down Control
Jack Insertion Detect and Impedance Sensing
supports Jack Retasking and Universal Jacks
Digital PC Beep to all outputs
+3.3 V to +5 V analog power supply options
Environmental 48-pin LQFP package
Software Support
SKPI (Kernel Processing Interface)
Enables plug-ins that can operate globally on all audio
streams of the system
12 band parametric equalizer SKPI plug-in
Constant, system-level effects tuned to optimize a
particular platform can be combined with user-mode
“presets” tailored for specific acoustical environments
and applications
System-level effects automatically disabled when
external connections made
Dynamics Processing SKPI plug-in
Enables improved voice articulation
Compressor/limiter allows higher average noise level
without resonances
Dolby PC Entertainment Experience Logo Program
Dolby Master StudioTM (See Table)
Dolby Home TheaterTM (See Table)
Dolby Sound RoomTM (See Table)
Dolby Technologies
Dolby HeadphoneTM, Dolby Virtual SpeakerTM
Dolby ProLogic IITM, Dolby ProLogic IIxTM
Dolby Digital LiveTM
Intel Audio StudioTM from Sonic Focus
Maxx PlayerTM from Waves
Microphone Beam Forming, Acoustic Echo
Cancellation, & Noise Suppression from
KnowlesTM


Numéro de pièce similaire - STAC9274X5TAEYYX

FabricantNo de pièceFiches techniqueDescription
logo
Integrated Device Techn...
STAC9200 IDT-STAC9200 Datasheet
1Mb / 126P
   2-CHANNEL HIGH DEFINITION AUDIO CODEC
logo
STMicroelectronics
STAC9200 STMICROELECTRONICS-STAC9200 Datasheet
449Kb / 14P
   200 W, 32 V HF to 1.3 GHz LDMOS transistor in a STAC package
logo
Integrated Device Techn...
STAC9200D3NAE IDT-STAC9200D3NAE Datasheet
1Mb / 126P
   2-CHANNEL HIGH DEFINITION AUDIO CODEC
STAC9200D3TAE IDT-STAC9200D3TAE Datasheet
1Mb / 126P
   2-CHANNEL HIGH DEFINITION AUDIO CODEC
STAC9200D5NAE IDT-STAC9200D5NAE Datasheet
1Mb / 126P
   2-CHANNEL HIGH DEFINITION AUDIO CODEC
More results

Description similaire - STAC9274X5TAEYYX

FabricantNo de pièceFiches techniqueDescription
logo
Integrated Device Techn...
92HD700 IDT-92HD700 Datasheet
1Mb / 181P
   10-CHANNEL HIGH DEFINITION AUDIO CODEC
STAC9227 IDT-STAC9227 Datasheet
1Mb / 237P
   8-CHANNEL HIGH DEFINITION AUDIO CODEC
logo
Realtek Semiconductor C...
ALC861-VD-GR REALTEK-ALC861-VD-GR Datasheet
1Mb / 80P
   7.1 CHANNEL HIGH DEFINITION AUDIO CODEC
logo
Integrated Device Techn...
92HD202 IDT-92HD202 Datasheet
1Mb / 168P
   8-CHANNEL HIGH DEFINITION AUDIO CODEC
92HD206 IDT-92HD206 Datasheet
1Mb / 176P
   8-CHANNEL HIGH DEFINITION AUDIO CODEC
logo
Realtek Semiconductor C...
ALC663 REALTEK-ALC663 Datasheet
1Mb / 82P
   5.1 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC662 REALTEK-ALC662_09 Datasheet
1Mb / 82P
   5.1 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC662-GR REALTEK-ALC662-GR Datasheet
1Mb / 81P
   5.1 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC861-GR REALTEK-ALC861-GR Datasheet
1Mb / 67P
   7.1 CHANNEL HIGH DEFINITION AUDIO CODEC
logo
Cirrus Logic
WM8860 CIRRUS-WM8860 Datasheet
3Mb / 188P
   Multi-channel High Definition Audio CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com