Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CY7B9973V Fiches technique(PDF) 1 Page - Cypress Semiconductor

No de pièce CY7B9973V
Description  High-Speed Multi-Output PLL Clock Buffer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7B9973V Fiches technique(HTML) 1 Page - Cypress Semiconductor

  CY7B9973V Datasheet HTML 1Page - Cypress Semiconductor CY7B9973V Datasheet HTML 2Page - Cypress Semiconductor CY7B9973V Datasheet HTML 3Page - Cypress Semiconductor CY7B9973V Datasheet HTML 4Page - Cypress Semiconductor CY7B9973V Datasheet HTML 5Page - Cypress Semiconductor CY7B9973V Datasheet HTML 6Page - Cypress Semiconductor CY7B9973V Datasheet HTML 7Page - Cypress Semiconductor CY7B9973V Datasheet HTML 8Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
High-Speed Multi-Output PLL Clock Buffer
RoboClock®
CY7B9973V
Cypress Semiconductor Corporation
3901 North First Street
San Jose
, CA 95134
408-943-2600
Document #: 38-07430 Rev. *B
Revised September 27, 2006
Features
• 10-MHz – 200-MHz output operation
• Output-to-output skews < 350 ps
• 13 LVTTL 50% duty-cycle outputs capable of driving
50
Ω terminated lines
• Phase-locked loop (PLL) LOCK indicator
• 3.3V LVTTL/LV differential (LVPECL) hot insertable
reference inputs
• Multiply/divide ratios of (4, 6, 8, 10, 12, 16, 20):(2, 4, 6,
8, 10, 12, 16, 20)
• Operation with outputs operating at up to 10x input
frequency
• Low cycle-to-cycle jitter (< ±75 ps peak-peak)
• Single 3.3V ± 10% supply
• Pin-compatible with Motorola MPC973
• 52-pin TQFP package
Functional Description
The CY7B9973V Low-Voltage PLL Clock Buffer offers
user-selectable frequency control over system clock functions.
This twelve output clock driver provides the system integrator
selectable frequency ratios of 1:1, 2:1, 3:1, 3:2, 4:3, 5:1, 5:2,
5:3, 6:1 and 6:5 between outputs. An additional output is
dedicated to providing feedback information to allow the
internal PLL to multiply an external reference frequency by 4,
6, 8, 10, 12, 16 or 20. The completely integrated PLL reduces
jitter and simplifies board layout.
The thirteen configurable outputs can each drive terminated
transmission lines with impedances as low as 50
Ω while deliv-
ering minimal and specified output skews at LVTTL levels.
The CY7B9973V has a flexible reference input scheme with
three different hot-insertion capable inputs. These inputs allow
the use of either differential LVPECL or single-ended LVTTL
inputs which can be dynamically selected to provide the
reference frequency.
D Q
D Q
D Q
D Q
D Q
0
1
÷2
÷4, ÷6, ÷8, ÷12
÷4, ÷6, ÷8, ÷10
÷2, ÷4, ÷6, ÷8
÷4, ÷6, ÷8, ÷10
Data Generator
LOCK (25)
Qa0 (50)
Qa1 (48)
Qa2 (46)
Qa3 (44)
Qb0 (38)
Qb1 (36)
Qb2 (34)
Qb3 (32)
Qc0 (23)
Qc1 (21)
Qc2 (18)
Qc3 (16)
QFB (29)
LPF
PHASE
DETECTOR
1
0
0
1
2
2
2
2
Inv_Clk (14)
fselFB0:1 (27,26)
fselc0:1 (20,19)
fselb0:1 (41,40)
fsela0:1 (43,42)
MR/OE (2)
fselFB2 (5)
Ext_FB (31)
TCLK1 (10)
TCLK0 (9)
TCLK_Sel (8)
Ref_Sel (7)
PLL_En (6)
PECL_CLK (12)
PECL_CLK (11)
VCO_Sel (52)
Reset
VCO
0
1
÷2/÷1
Logic Diagram
[+] Feedback
[+] Feedback


Numéro de pièce similaire - CY7B9973V

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
CY7B991 CYPRESS-CY7B991 Datasheet
288Kb / 15P
   Programmable Skew Clock Buffer
CY7B991 CYPRESS-CY7B991 Datasheet
515Kb / 19P
   Programmable Skew Clock Buffer
CY7B991 CYPRESS-CY7B991 Datasheet
520Kb / 21P
   Programmable Skew Clock Buffer
CY7B991-2 CYPRESS-CY7B991-2 Datasheet
288Kb / 15P
   Programmable Skew Clock Buffer
CY7B991-2JC CYPRESS-CY7B991-2JC Datasheet
288Kb / 15P
   Programmable Skew Clock Buffer
More results

Description similaire - CY7B9973V

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
CY7B9930V CYPRESS-CY7B9930V Datasheet
158Kb / 9P
   High-Speed Multi-Frequency PLL Clock Buffer
CY7B9945V CYPRESS-CY7B9945V Datasheet
110Kb / 10P
   High-speed Multi-phase PLL Clock Buffer
CY7B994V CYPRESS-CY7B994V Datasheet
292Kb / 14P
   High-Speed Multi-Phase PLL Clock Buffer
CY7B993V CYPRESS-CY7B993V_11 Datasheet
586Kb / 18P
   High Speed Multi Phase PLL Clock Buffer
CY7B993V CYPRESS-CY7B993V_05 Datasheet
391Kb / 15P
   High-speed Multi-phase PLL Clock Buffer
CY7B9945V CYPRESS-CY7B9945V_07 Datasheet
261Kb / 11P
   High Speed Multi-phase PLL Clock Buffer
CY7B9945V CYPRESS-CY7B9945V_11 Datasheet
430Kb / 15P
   High Speed Multi-phase PLL Clock Buffer
CY7B9930V CYPRESS-CY7B9930V_07 Datasheet
313Kb / 11P
   High Speed Multifrequency PLL Clock Buffer
CY7B995 CYPRESS-CY7B995_07 Datasheet
383Kb / 13P
   2.5/3.3V 200-MHz High-Speed Multi-Phase PLL Clock Buffer
CY7B9950 CYPRESS-CY7B9950_07 Datasheet
331Kb / 12P
   2.5/3.3V, 200 MHz High-Speed Multi-Phase PLL Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com